Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO124U Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO124U
Description  Precision Lowest-Cost Isolation Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO124U Datasheet(HTML) 3 Page - Texas Instruments

  ISO124U Datasheet HTML 1Page - Texas Instruments ISO124U Datasheet HTML 2Page - Texas Instruments ISO124U Datasheet HTML 3Page - Texas Instruments ISO124U Datasheet HTML 4Page - Texas Instruments ISO124U Datasheet HTML 5Page - Texas Instruments ISO124U Datasheet HTML 6Page - Texas Instruments ISO124U Datasheet HTML 7Page - Texas Instruments ISO124U Datasheet HTML 8Page - Texas Instruments ISO124U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1
2
16
15
10
9
7
8
+V
S1
–V
S1
V
OUT
Gnd 2
Gnd 1
V
IN
–V
S2
+V
S2
1
2
28
27
16
15
13
14
+V
S1
–V
S1
V
OUT
Gnd 2
Gnd 1
V
IN
–V
S2
+V
S2
3
ISO124
www.ti.com
SBOS074D – SEPTEMBER 1997 – REVISED JULY 2016
Product Folder Links: ISO124
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
6 Pin Configuration and Functions
DVA Package
16 Pins SOIC
Top View
NVF Package
28 Pins SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOIC
SOIC
GND
8
14
Low-side ground reference
16
28
High-side ground reference
VIN
15
27
I
High-side analog input
VOUT
7
13
O
Low-side analog output
+VS1
1
1
High-side positive analog supply
–VS1
2
2
High-side negative analog supply
+VS2
9
15
Low-side positive analog supply
–VS2
10
16
Low-side negative analog supply


Similar Part No. - ISO124U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO124U BURR-BROWN-ISO124U Datasheet
252Kb / 12P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO124U TI1-ISO124U Datasheet
947Kb / 19P
[Old version datasheet]   Precision Lowest-Cost
ISO124U-1K TI1-ISO124U-1K Datasheet
947Kb / 19P
[Old version datasheet]   Precision Lowest-Cost
More results

Similar Description - ISO124U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO122 BURR-BROWN-ISO122 Datasheet
188Kb / 13P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO122PE4 TI-ISO122PE4 Datasheet
762Kb / 20P
[Old version datasheet]   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Burr-Brown (TI)
ISO124 BURR-BROWN-ISO124 Datasheet
252Kb / 12P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO122 TI1-ISO122_15 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
ISO124U-1K TI1-ISO124U-1K Datasheet
947Kb / 19P
[Old version datasheet]   Precision Lowest-Cost
logo
Burr-Brown (TI)
ISO120G-BI BURR-BROWN-ISO120G-BI Datasheet
192Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO120 BURR-BROWN-ISO120 Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
logo
Analog Devices
277 AD-277_15 Datasheet
1Mb / 4P
   Precision Isolation Amplifier
logo
Power Integrations, Inc...
TOP227YN POWERINT-TOP227YN Datasheet
480Kb / 20P
   Lowest cost, lowest component count switcher solution
logo
MORNSUN Science& Techno...
TM1630CP MORNSUN-TM1630CP Datasheet
451Kb / 3P
   ACTIVE HIGH PRECISION ISOLATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com