Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UB934TRGZTQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UB934TRGZTQ1
Description  12-bit 100 MHz FPD-Link III Deserializer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UB934TRGZTQ1 Datasheet(HTML) 1 Page - Texas Instruments

  DS90UB934TRGZTQ1 Datasheet HTML 1Page - Texas Instruments DS90UB934TRGZTQ1 Datasheet HTML 2Page - Texas Instruments DS90UB934TRGZTQ1 Datasheet HTML 3Page - Texas Instruments DS90UB934TRGZTQ1 Datasheet HTML 4Page - Texas Instruments DS90UB934TRGZTQ1 Datasheet HTML 5Page - Texas Instruments DS90UB934TRGZTQ1 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Image Signal
Processor
(ISP)
Deserializer
DS90UB933-Q1
or
DS90UB913A-Q1
Serializer
FPD-Link III
Bidirectional
Control Channel
DS90UB934-Q1
Bidirectional
Control Bus
Bidirectional
Control Bus
Parallel
Data In
Parallel
Data Out
10 or 12
2
2
HD Image
Sensor
10 or 12
GPO
GPIO
4
4
2
HSYNC,
VSYNC
2
HSYNC,
VSYNC
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.
DS90UB934-Q1
SNLS507 – SEPTEMBER 2016
DS90UB934-Q1 12-bit 100 MHz FPD-Link III Deserializer
for 1MP/60fps & 2MP/30fps Cameras
1
1 Features
1
AEC-Q100 Qualified for Automotive Applications:
Device Temperature Grade 2: -40°C to 105°C
Ambient Operating Temperature Range
Device HBM ESD Classification Level +/- 8kV
Device CDM ESD Classification Level C6
Operates up to 100 MHz in 12-bit Mode to
Support 1MP/60fps and 2MP/30fps imagers as
well as satellite RADAR
Configurable 12-bit Parallel CMOS Compatible
with DS90UB913A/933 Serializers
Adaptive Equalization Compensates for Cable
Aging and Degradation Effects
Ultra-low Latency Bi-directional Control Data
Channel with Data Protection
Cable Link Detect Diagnostics
Supports Power-over-Coax Operation (PoC)
ISO 10605 and IEC 61000-4-2 ESD Compliant
Low Radiated and Conductive Emissions
BIST (Built in Self-Test)
2 Applications
Automotive
Rear-View Cameras (RVC)
Surround View Systems (SVS)
Camera Monitor Systems (CMS)
Forward Vision Cameras (FC)
Driver Monitoring Systems (DMS)
Satellite RADAR Modules
Security and Surveillance Cameras
Industrial and Medical Imaging
3 Description
The DS90UB934-Q1 FPD-Link III Deserializer, in
conjunction
with
the
DS90UB913A/933-Q1
Serializers, supports the video transport needs with a
ultra-high speed forward channel and an embedded
bidirectional control channel. The DS90UB934-Q1
converts the FPD-Link III stream into a parallel
CMOS
output
interface
designed
to
support
automotive image sensors up to 12 bits at 100 MHz
with resolutions including 1MP/60fps and 2MP/30fps.
The DS90UB933/934 chipset is fully AEC-Q100
qualified and designed to receive data across either
50
Ω Single-ended Coaxial, or 100Ω Shielded-Twisted
Pair (STP) cable assemblies. The DS90UB934-Q1
uses an advanced adaptive equalizer to allow support
of various cable lengths and types with no additional
programming required.
The
DS90UB934-Q1
is
improved
over
prior
generations
of
ADAS
FPD-Link
III
deserializer
devices (such as DS90UB914A-Q1) offering higher
bandwidth support with additional enhancements.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DS90UB934-Q1
VQFN (48)
7.00 mm x 7.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic


Similar Part No. - DS90UB934TRGZTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB933-Q1 TI1-DS90UB933-Q1 Datasheet
205Kb / 7P
[Old version datasheet]   FPD-Link III Serializer
DS90UB933TRTVRQ1 TI1-DS90UB933TRTVRQ1 Datasheet
205Kb / 7P
[Old version datasheet]   FPD-Link III Serializer
DS90UB933TRTVTQ1 TI1-DS90UB933TRTVTQ1 Datasheet
205Kb / 7P
[Old version datasheet]   FPD-Link III Serializer
DS90UB935-Q1 TI1-DS90UB935-Q1 Datasheet
1Mb / 88P
[Old version datasheet]   FPD-Link III 3-Gbps Serializer With CSI-2 Interface
DS90UB935TRHBRQ1 TI1-DS90UB935TRHBRQ1 Datasheet
1Mb / 88P
[Old version datasheet]   FPD-Link III 3-Gbps Serializer With CSI-2 Interface
More results

Similar Description - DS90UB934TRGZTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB914A-Q1 TI1-DS90UB914A-Q1 Datasheet
1Mb / 61P
[Old version datasheet]   25-MHz to 100-MHz 10/12-Bit FPD-Link III Deserializer
DS90UB954-Q1 TI1-DS90UB954-Q1 Datasheet
196Kb / 6P
[Old version datasheet]   Dual FPD-Link III Deserializer
DS90UB948-Q1 TI1-DS90UB948-Q1_16 Datasheet
1Mb / 88P
[Old version datasheet]   FPD-Link III to OpenLDI Deserializer
DS90UB913A-Q1 TI1-DS90UB913A-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   25-MHz to 100-MHz 10/12-Bit FPD-Link III Serializer
DS90UH948-Q1 TI1-DS90UH948-Q1 Datasheet
1Mb / 91P
[Old version datasheet]   FPD-Link III to OpenLDI Deserializer
DS90UH928Q-Q1 TI1-DS90UH928Q-Q1 Datasheet
1Mb / 69P
[Old version datasheet]   5 MHz to 85 MHz 24-bit Color FPD-Link III to FPD-Link Deserializer With HDCP
DS90UB928Q-Q1 TI1-DS90UB928Q-Q1 Datasheet
1Mb / 69P
[Old version datasheet]   5 MHz to 85 MHz 24-bit Color FPD-Link III to FPD-Link Deserializer With Bidirectional Control Channel
DS90UB940-Q1 TI1-DS90UB940-Q1 Datasheet
1Mb / 84P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UH940-Q1 TI1-DS90UH940-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UH926Q-Q1 TI1-DS90UH926Q-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   720p 24-Bit Color FPD-Link III Deserializer With HDCP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com