Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQJ463EP Datasheet(PDF) 11 Page - Vishay Siliconix

Part # SQJ463EP
Description  Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ463EP Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SQJ463EP Datasheet HTML 5Page - Vishay Siliconix SQJ463EP Datasheet HTML 6Page - Vishay Siliconix SQJ463EP Datasheet HTML 7Page - Vishay Siliconix SQJ463EP Datasheet HTML 8Page - Vishay Siliconix SQJ463EP Datasheet HTML 9Page - Vishay Siliconix SQJ463EP Datasheet HTML 10Page - Vishay Siliconix SQJ463EP Datasheet HTML 11Page - Vishay Siliconix SQJ463EP Datasheet HTML 12Page - Vishay Siliconix SQJ463EP Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Package Information
www.vishay.com
Vishay Siliconix
C14-0057-Rev. D, 07-Apr-14
1
Document Number: 62714
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK® SO-8L Assymetric Case Outline
Note
• Millimeters will govern
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
1.00
1.07
1.14
0.039
0.042
0.045
A1
0.00
0.06
0.13
0.000
0.003
0.005
b
0.33
0.41
0.48
0.013
0.016
0.019
b1
0.44
0.51
0.58
0.017
0.020
0.023
b2
4.80
4.90
5.00
0.189
0.193
0.197
b3
0.04
0.12
0.20
0.002
0.005
0.008
c
0.20
0.25
0.30
0.008
0.010
0.012
D
5.00
5.13
5.25
0.197
0.202
0.207
D1
4.80
4.90
5.00
0.189
0.193
0.197
D2
3.63
3.73
3.83
0.143
0.147
0.151
D3
0.81
0.91
1.01
0.032
0.036
0.040
D4
1.98
2.08
2.18
0.078
0.082
0.086
D5
1.47
1.57
1.67
0.058
0.062
0.066
e
1.20
1.27
1.34
0.047
0.050
0.053
E
6.05
6.15
6.25
0.238
0.242
0.246
E1
4.27
4.37
4.47
0.168
0.172
0.176
E2
2.75
2.85
2.95
0.108
0.112
0.116
E3
1.89
1.99
2.09
0.074
0.078
0.082
F
0.05
0.12
0.19
0.002
0.005
0.007
L
0.62
0.72
0.82
0.024
0.028
0.032
L1
0.92
1.07
1.22
0.036
0.042
0.048
K
0.41
0.51
0.61
0.016
0.020
0.024
K1
0.64
0.74
0.84
0.025
0.029
0.033
K2
0.54
0.64
0.74
0.021
0.025
0.029
W
0.13
0.23
0.33
0.005
0.009
0.013
W1
0.31
0.41
0.51
0.012
0.016
0.020
W2
2.72
2.82
2.92
0.107
0.111
0.115
W3
2.86
2.96
3.06
0.113
0.117
0.120
W4
0.41
0.51
0.61
0.016
0.020
0.024
θ
10°
12°
10°
12°
DWG: 6009
PIN 1
PIN 1
0.25 gauge line
b3
K2
A1
K1
D4
D3
D5
b2
D1
D
e
D2
b
b1
θ


Similar Part No. - SQJ463EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ463EP VISHAY-SQJ463EP Datasheet
154Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. D, 28-Nov-11
SQJ463EP-T1-GE3 VISHAY-SQJ463EP-T1-GE3 Datasheet
77Kb / 4P
   P-Channel 40 V (D-S) MOSFET
Rev. B, 29-Oct-12
SQJ463EP-T1-GE3 VISHAY-SQJ463EP-T1-GE3 Datasheet
172Kb / 10P
   Automotive P-Channel 40 V (D-S) 175 째C MOSFET
09-Jul-2021
SQJ463EP VISHAY-SQJ463EP_15 Datasheet
168Kb / 11P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. D, 28-Nov-11
SQJ463EP VISHAY-SQJ463EP_V01 Datasheet
172Kb / 10P
   Automotive P-Channel 40 V (D-S) 175 째C MOSFET
09-Jul-2021
More results

Similar Description - SQJ463EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ204EP VISHAY-SQJ204EP_V02 Datasheet
406Kb / 13P
   Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ202EP VISHAY-SQJ202EP_V02 Datasheet
359Kb / 12P
   Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ942EP VISHAY-SQJ942EP Datasheet
269Kb / 14P
   Automotive Dual N-Channel 40 V (D-S) 175 C MOSFETs
Rev. B, 01-Apr-13
SQJ942EP VISHAY-SQJ942EP_V02 Datasheet
322Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ200EP VISHAY-SQJ200EP_V02 Datasheet
355Kb / 14P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ208EP VISHAY-SQJ208EP_V02 Datasheet
481Kb / 12P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ260EP VISHAY-SQJ260EP_V02 Datasheet
416Kb / 12P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ204EP VISHAY-SQJ204EP_V01 Datasheet
407Kb / 13P
   Automotive Dual N-Channel 12 V (D-S) 175 째C MOSFETs
01-Jan-2022
SQJ202EP VISHAY-SQJ202EP_V01 Datasheet
360Kb / 12P
   Automotive Dual N-Channel 12 V (D-S) 175 째C MOSFETs
01-Jan-2022
SQJ940EP VISHAY-SQJ940EP_15 Datasheet
266Kb / 15P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
Rev. A, 18-Mar-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com