Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCFR83DBQ Datasheet(PDF) 6 Page - Texas Instruments

Part # CDCFR83DBQ
Description  DIRECT RAMBUS CLOCK GENERATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCFR83DBQ Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCFR83DBQ Datasheet HTML 2Page - Texas Instruments CDCFR83DBQ Datasheet HTML 3Page - Texas Instruments CDCFR83DBQ Datasheet HTML 4Page - Texas Instruments CDCFR83DBQ Datasheet HTML 5Page - Texas Instruments CDCFR83DBQ Datasheet HTML 6Page - Texas Instruments CDCFR83DBQ Datasheet HTML 7Page - Texas Instruments CDCFR83DBQ Datasheet HTML 8Page - Texas Instruments CDCFR83DBQ Datasheet HTML 9Page - Texas Instruments CDCFR83DBQ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CDCFR83
DIRECT RAMBUS
 CLOCK GENERATOR
SCAS665A – APRIL 2001 REVISED MARCH 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VO(STOP)
Output voltage during CLK Stop
(STOPB = 0)
See Figure 1
1.1
2
VO(X)
Output crossing-point voltage
See Figure 1 and Figure 6
1.3
1.8
V
VO
Output voltage swing
See Figure 1
0.4
0.6
V
VIK
Input clamp voltage
VDD = 3.135 V,
II = –18 mA
–1.2
V
See Figure 1
2
VOH
High-level output voltage
VDD = min to max,
IOH = –1 mA
VDD – 0.1 V
V
VDD = 3.135 V,
IOH = –16 mA
2.4
See Figure 1
1
VOL
Low-level output voltage
VDD = min to max,
IOL = 1 mA
0.1
V
VDD = 3.135 V,
IOL = 16 mA
0.5
VDD = 3.135 V,
VO = 1 V
–32
–52
IOH
High-level output current
VDD = 3.3 V,
VO = 1.65 V
–51
mA
VDD = 3.465 V,
VO = 3.135 V
–14.5
–21
VDD = 3.135 V,
VO = 1.95 V
43
61.5
IOL
Low-level output current
VDD = 3.3 V,
VO = 1.65 V
65
mA
VDD = 3.465 V,
VO = 0.4 V
25.5
36
IOZ
High-impedance-state output
current
S0 = 0,
S1 = 1
±10
µA
IOZ(STOP)
High-impedance-state output
current during CLK stop
Stop = 0, VO = GND or VDD
±100
µA
IOZ(PD)
High-impedance-state output
current in power-down state
PWRDNB = 0,
VO = GND or VDD
–10
100
µA
IIH
High-level
REFCLK, PCLKM,
SYNCLKN, STOPB
VDD = 3.465 V,
VI = VDD
10
µA
IIH
g
input current
PWRDNB, S0, S1,
S2, MULT0, MULT1
VDD = 3.465 V,
VI = VDD
10
µA
IIL
Low-level
REFCLK, PCLKM,
SYNCLKN, STOPB
VDD = 3.465 V,
VI = 0
–10
µA
IIL
input current
PWRDNB, S0, S1,
S2, MULT0, MULT1
VDD = 3.465 V,
VI = 0
–10
µA
ZO
Output
High state
RI at IO –14.5 mA to –16.5 mA
15
35
50
ZO
impedance
Low state
RI at IO 14.5 mA to 16.5 mA
11
17
35
Reference
VDDIR VDDIPD
VDD = 3 465 V
PWRDNB = 0
50
µA
current
VDDIR, VDDIPD
VDD = 3.465 V
PWRDNB = 1
0.5
mA
CI
Input capacitance
VI = VDD or GND
2
pF
CO
Output capacitance
VO = VDD or GND
3
pF
IDD(PD)
Supply current in power-down state
REFCLK = 0 MHz to 100 MHz,
PWDNB = 0,
STOPB = 1
100
µA
IDD(CLKSTOP) Supply current in CLK stop state
BUSCLK configured for 533 MHz
45
mA
IDD(NORMAL)
Supply current in normal state
BUSCLK = 533 MHz
100
mA
† VDD refers to any of the following; VDD, VDDIPD, VDDIR, VDDO, VDDC, and VDDP
‡ All typical values are at VDD = 3.3 V, TA = 25°C.


Similar Part No. - CDCFR83DBQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCFR83DBQ TI1-CDCFR83DBQ Datasheet
479Kb / 15P
[Old version datasheet]   Direct Rambus Clock generator
CDCFR83DBQG4 TI1-CDCFR83DBQG4 Datasheet
479Kb / 15P
[Old version datasheet]   Direct Rambus Clock generator
CDCFR83DBQR TI1-CDCFR83DBQR Datasheet
479Kb / 15P
[Old version datasheet]   Direct Rambus Clock generator
CDCFR83DBQRG4 TI1-CDCFR83DBQRG4 Datasheet
479Kb / 15P
[Old version datasheet]   Direct Rambus Clock generator
More results

Similar Description - CDCFR83DBQ

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
   Direct RAMbus Clock Generator
1999 Jan 19
logo
Silicon Laboratories
W134 SILABS-W134 Datasheet
112Kb / 11P
   Direct Rambus??Clock Generator
logo
Cypress Semiconductor
W134M CYPRESS-W134M_05 Datasheet
207Kb / 12P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI1-CDCFR83_08 Datasheet
479Kb / 15P
[Old version datasheet]   Direct Rambus Clock generator
CDCR83A TI1-CDCR83A_14 Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCR83A TI-CDCR83A Datasheet
198Kb / 12P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
CDCR83 TI-CDCR83 Datasheet
172Kb / 13P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com