Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CH1786 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CH1786
Description  CH1786 Family of Ultra Small 2400bps Modems
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CH1786 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CH1786 Datasheet HTML 4Page - List of Unclassifed Manufacturers CH1786 Datasheet HTML 5Page - List of Unclassifed Manufacturers CH1786 Datasheet HTML 6Page - List of Unclassifed Manufacturers CH1786 Datasheet HTML 7Page - List of Unclassifed Manufacturers CH1786 Datasheet HTML 8Page - List of Unclassifed Manufacturers CH1786 Datasheet HTML 9Page - List of Unclassifed Manufacturers CH1786 Datasheet HTML 10Page - List of Unclassifed Manufacturers CH1786 Datasheet HTML 11Page - List of Unclassifed Manufacturers CH1786 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Cermetek Microelectronics, Inc.
CH1786 Family of Ultra Small 2400bps Modems
2003 Cermetek Microelectronics, Inc.
Page 8
Document No. 607-0004 Revision L1 (06/03)
Table 2. CH1786 Pin Descriptions Continuation
PIN
NAME
TYPE
FUNCTION
18
HS
O
SPEED INDICATION. HIGH speed select output. A low on this pin indicates the
modem is operating at 2400bps.
19
VCC
-
POWER SUPPLY. 5 volts + 5% Note: Noise should be less than 50mV peak to
peak.
20
GND
-
GROUND. Note: Noise should be less than 50mV peak to peak.
21
RST
1
I
RESET. Active HIGH. This input must be asserted HIGH for at least 10 ms to reset
the modem. RESET is then returned LOW for normal operation. If no system reset
is available, let this pin float to enable internal reset.
22
NC
-
No connection required. For CH179X or CH2056 compatibility, connect to GND or
use as an active LOW input for request to send (RTS) functionality for CH179X/2056
products.
Note:
(1) If VCC has a slow power up ramp time, the internal reset may be ineffective.
(2) Do not drive LED’s directly from any output. Use Buffers.
Table 3. Summary of Result Codes and Meanings.
Result Codes
Status Message
Meaning
0
OK
Command Executed
1
CONNECT
Carrier detected at 300bps
2
RING
Ring Detected
3
NO CARRIER
Did not detect carrier
4
ERROR
Entry error
5
CONNECT 1200
Carrier detected at 1200bps
6
NO DIAL TONE
Off-hook, but no response after 5 seconds
7
BUSY
Busy signal detected
10
CONNECT 2400
Carrier detected at 2400bps
The escape sequence consists of a “guard time” (a
period where no characters are sent to the modem),
followed by 3 escape characters, followed by another
guard time. The guard time is set by register S12.
The escape character code is set in register S2. At
power-up, the guard time is set to 1 second minimum,
and the escape character is set as “+.” There is no
minimum delay between characters but the maximum
delay is set by register S12.
The CH1786 will stay off-hook with its carrier on after
the escape sequence is received. It will return an OK
status message when it is ready to accept
commands. The CH1786 may be put into data mode
by issuing the command ATO<CR>.
AT COMMAND APPLICATIONS
Dialing A Phone Number. The Dial command takes
the form Dn, where n is a string of characters. In the
simplest form, n will be only the digits of the phone
number to be dialed.
Example: Dial number.
Enter:
ATD1234567<CR>


Similar Part No. - CH1786

ManufacturerPart #DatasheetDescription
logo
Cvilux Corporation
CH1701S CVILUX-CH1701S Datasheet
103Kb / 1P
   1.50MM(.059") SINGLE ROW BOARD MOUNT CONNECTOR
CH17052MA00-NH CVILUX-CH17052MA00-NH Datasheet
103Kb / 1P
   1.50MM(.059") SINGLE ROW BOARD MOUNT CONNECTOR
logo
List of Unclassifed Man...
CH172026 ETC-CH172026 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CH172060 ETC-CH172060 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CH172125 ETC-CH172125 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CH1786

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
HN-208 RFM-HN-208 Datasheet
240Kb / 3P
   Family of 802.11b Wireless Data Modems
logo
Murata Manufacturing Co...
HN-208EX MURATA-HN-208EX Datasheet
240Kb / 3P
   Family of 802.11b Wireless Data Modems
HN-208S MURATA-HN-208S Datasheet
240Kb / 3P
   Family of 802.11b Wireless Data Modems
HN-208SX MURATA-HN-208SX Datasheet
240Kb / 3P
   Family of 802.11b Wireless Data Modems
HN-208E MURATA-HN-208E Datasheet
240Kb / 3P
   Family of 802.11b Wireless Data Modems
HN-208I MURATA-HN-208I Datasheet
240Kb / 3P
   Family of 802.11b Wireless Data Modems
logo
ISOCOM COMPONENTS
IS627 ISOCOM-IS627 Datasheet
76Kb / 3P
   Modems
logo
Purdy Electronics Corpo...
OPTO-232SL PURDY-OPTO-232SL Datasheet
632Kb / 1P
   switchable modems
logo
List of Unclassifed Man...
XE2401L ETC-XE2401L Datasheet
80Kb / 12P
   2400bps Serial Input Component Modem
logo
Toshiba Semiconductor
TLP224G TOSHIBA-TLP224G_14 Datasheet
141Kb / 5P
   Modems PBX Telecommunications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com