Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATE2N-5M3-Z Datasheet(PDF) 1 Page - Copal Electronics

Part # ATE2N-5M3-Z
Description  Subminiature Toggle Switch With Locking Lever
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ATE2N-5M3-Z Datasheet(HTML) 1 Page - Copal Electronics

  ATE2N-5M3-Z Datasheet HTML 1Page - Copal Electronics ATE2N-5M3-Z Datasheet HTML 2Page - Copal Electronics ATE2N-5M3-Z Datasheet HTML 3Page - Copal Electronics ATE2N-5M3-Z Datasheet HTML 4Page - Copal Electronics ATE2N-5M3-Z Datasheet HTML 5Page - Copal Electronics ATE2N-5M3-Z Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ATE4/ATLE4
Subminiature Toggle Switch With Locking Lever
■Features
1. Twin-contact clip mechanism for high reliability.
2. Process sealed structure
Rating
Max.
50mA 48VAC/DC
Min.
1μA 20mVAC/DC
Initial contact resistance 100mΩ max.
(1.5mA 200μVAC)
Dielectric strength
500VAC 1 minute
Insulation resistance
500MΩ min.
(250VDC)
Electrical life
10,000 cycles at max. rating
Operating
temperature range
−20℃∼+85℃
Storage
temperature range
−40℃∼+85℃
■Part Numbering
RoHS Compliant
UL
Actuator shape
ON
ON
ONーOFF ーON
ON
ON
Terminal style
D
E
N
2
5
6
PC Straight
Right angle(0.2 inch pitch)
Right angle(0.3 inch pitch)
3
4
Without bracket
With bracket
A TLE  4  4  D −  2  M  3 − Z
Series code
Number of poles
Switching function
Standard
M
Actuator shape
Bracket style
Type of box
Terminal style
Fig.
Bracket
Fig.
4 poles
2 poles
Number
of poles
2
4
Fig.
Type of box
Type of box
Low profile
4
None
Fig.
Code
Standard type
Locking lever type
TE
TLE
Type
Code
Switching function
Code
Actuator shape
■PC Hole Layouts
Type
Terminal style
PC Straight(Without bracket)
ATE42□-2M3-Z
ATLE42□-2M3-Z
2−poles
ATE42□-2M3-Z
ATLE44□-2M3-Z
4−poles
Type
Terminal style
PC Straight(With bracket)
ATE42□-2M3-Z
ATLE42□-2M3-Z
2−poles
ATE44□-2M4-Z
ATLE44□-2M4-Z
4−poles
Washable


Similar Part No. - ATE2N-5M3-Z

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ATE2N-5M3-10-Z COPAL-ATE2N-5M3-10-Z Datasheet
874Kb / 10P
   Subminiature Toggle Switch
More results

Similar Description - ATE2N-5M3-Z

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ATE COPAL-ATE Datasheet
874Kb / 10P
   Subminiature Toggle Switch
logo
Omron Electronics LLC
A9TS OMRON-A9TS Datasheet
700Kb / 4P
   Ultra subminiature Toggle Switch
logo
Honeywell Solid State E...
64AT34-3D HONEYWELL-64AT34-3D Datasheet
108Kb / 1P
   AT Series Toggle Switch, 4 pole, 2 position, H58 terminal, Locking Lever
logo
Festo Corporation.
VHEF-VT-B32-G18 FESTO-VHEF-VT-B32-G18 Datasheet
84Kb / 2P
   Toggle lever valve
VHEF-V-B52-N14 FESTO-VHEF-V-B52-N14 Datasheet
84Kb / 2P
   Toggle lever valve
VHEF-VT-M32-M-N18 FESTO-VHEF-VT-M32-M-N18 Datasheet
84Kb / 2P
   Toggle lever valve
VHEF-V-B52-G14 FESTO-VHEF-V-B52-G14 Datasheet
84Kb / 2P
   Toggle lever valve
VHEF-V-B52-N18 FESTO-VHEF-V-B52-N18 Datasheet
85Kb / 2P
   Toggle lever valve
VHEF-VT-M32-M-N14 FESTO-VHEF-VT-M32-M-N14 Datasheet
84Kb / 2P
   Toggle lever valve
33003 FESTO-33003 Datasheet
80Kb / 1P
   Toggle lever valve
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com