Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATE1S-5M3-10-Z Datasheet(PDF) 3 Page - Copal Electronics

Part # ATE1S-5M3-10-Z
Description  Subminiature Toggle Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ATE1S-5M3-10-Z Datasheet(HTML) 3 Page - Copal Electronics

  ATE1S-5M3-10-Z Datasheet HTML 1Page - Copal Electronics ATE1S-5M3-10-Z Datasheet HTML 2Page - Copal Electronics ATE1S-5M3-10-Z Datasheet HTML 3Page - Copal Electronics ATE1S-5M3-10-Z Datasheet HTML 4Page - Copal Electronics ATE1S-5M3-10-Z Datasheet HTML 5Page - Copal Electronics ATE1S-5M3-10-Z Datasheet HTML 6Page - Copal Electronics ATE1S-5M3-10-Z Datasheet HTML 7Page - Copal Electronics ATE1S-5M3-10-Z Datasheet HTML 8Page - Copal Electronics ATE1S-5M3-10-Z Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ATE
Switching
function
Part No.
Viewed from part No. marking side
☆ATE2N-2M3-10-Z
ON
ON
★ATE2P-2M3-10-Z
ON
OFF
ON
★ATE2R-2M3-10-Z
ON
−(ON)
★ATE2S-2M3-10-Z
(ON)
OFF
(ON)
★ATE2T-2M3-10-Z
ON
OFF
(ON)
Connecting terminals
2
−3
5
−6
2
−1
5
−4
Switching
function
Part No.
Viewed from part No. marking side
 ATE1D-5M3-10-Z
ON
ON
☆ATE1E-5M3-10-Z
ON
OFF
ON
★ATE1F-5M3-10-Z
ON
−(ON)
☆ATE1G-5M3-10-Z (ON)
OFF
(ON)
★ATE1H-5M3-10-Z
ON
OFF
(ON)
Connecting terminals
2
−3
2
−1
Switching
function
Part No.
Viewed from part No. marking side
☆ATE2D-5M3-10-Z
ON
ON
★ATE2E-5M3-10-Z
ON
OFF
ON
★ATE2F-5M3-10-Z
ON
−(ON)
☆ATE2G-5M3-10-Z (ON)
OFF
(ON)
ATE2H-5M3-10-Z
ON
OFF
(ON)
Connecting terminals
2
−3
5
−6
2
−1
5
−4
Switching
function
Part No.
Viewed from part No. marking side
 ATE1D-6M3-10-Z
ON
ON
 ATE1E-6M3-10-Z
ON
OFF
ON
 ATE1F-6M3-10-Z
ON
−(ON)
☆ATE1G-6M3-10-Z (ON)
OFF
(ON)
☆ATE1H-6M3-10-Z
ON
OFF
(ON)
Connecting terminals
2
−3
2
−1
Switching
function
Part No.
Viewed from part No. marking side
☆ATE2N-5M3-10-Z
ON
ON
★ATE2P-5M3-10-Z
ON
OFF
ON
ATE2R-5M3-10-Z
ON
−(ON)
★ATE2S-5M3-10-Z
(ON)
OFF
(ON)
ATE2T-5M3-10-Z
ON
OFF
(ON)
Connecting terminals
2
−3
5
−6
2
−1
5
−4
DPDT
SPDT
SPDT
DPDT
DPDT
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
(Space between terminal rows : 5.08 mm)
(Mounting height : 3.1mm)
(Mounting height : 3.1mm)
(Mounting height : 3.1mm)
(Mounting height : 5.15mm)
(ON)
:Momentary.
★:Made to order products.
☆:Semi-standard products.
:Inquiry products.
PC Straight
Right angle(0.2 inch pitch)
Right angle(0.2 inch pitch)
Right angle(0.2 inch pitch)
Right angle(0.3 inch pitch)


Similar Part No. - ATE1S-5M3-10-Z

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATE1-49-4BS ANALOGTECHNOLOGIES-ATE1-49-4BS Datasheet
514Kb / 8P
   Temperature Plate Assembly
1/29/2022
More results

Similar Description - ATE1S-5M3-10-Z

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A9TS OMRON-A9TS Datasheet
700Kb / 4P
   Ultra subminiature Toggle Switch
logo
Copal Electronics
ATE4 COPAL-ATE4 Datasheet
578Kb / 6P
   Subminiature Toggle Switch With Locking Lever
logo
C&K Components
T CK-COMPONENTS-T_V01 Datasheet
966Kb / 6P
   Subminiature Toggle Switches
15 Jan 21
logo
List of Unclassifed Man...
T101SHZQE ETC1-T101SHZQE Datasheet
641Kb / 7P
   Subminiature Toggle Switches
logo
ITT Industries
T101P3HABE ITT-T101P3HABE Datasheet
620Kb / 6P
   Subminiature Toggle Switches
logo
C&K Components
T101P3HABE CK-COMPONENTS-T101P3HABE Datasheet
471Kb / 6P
   Subminiature Toggle Switches
logo
ITT Industries
ET01MD1ABE ITT-ET01MD1ABE Datasheet
694Kb / 7P
   Sealed Subminiature Toggle Switches
logo
C&K Components
ET01MD1ABE2 CK-COMPONENTS-ET01MD1ABE2 Datasheet
460Kb / 7P
   Sealed Subminiature Toggle Switches
ETTOGGLE CK-COMPONENTS-ETTOGGLE Datasheet
882Kb / 7P
   Sealed Subminiature Toggle Switches
ET01MD1SAPE CK-COMPONENTS-ET01MD1SAPE Datasheet
483Kb / 7P
   Sealed Subminiature Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com