Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATE4N-2M3-Z Datasheet(PDF) 2 Page - Copal Electronics

Part # ATE4N-2M3-Z
Description  Subminiature Toggle Switch With Locking Lever
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ATE4N-2M3-Z Datasheet(HTML) 2 Page - Copal Electronics

  ATE4N-2M3-Z Datasheet HTML 1Page - Copal Electronics ATE4N-2M3-Z Datasheet HTML 2Page - Copal Electronics ATE4N-2M3-Z Datasheet HTML 3Page - Copal Electronics ATE4N-2M3-Z Datasheet HTML 4Page - Copal Electronics ATE4N-2M3-Z Datasheet HTML 5Page - Copal Electronics ATE4N-2M3-Z Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ATE
ATE(Subminiature Toggle Switch)
■PC Hole Layouts
Type
Terminal style
Right angle
ATE42□-6M3-Z
ATLE42□-6M3-Z
2−poles
ATE44□-6M3-Z
ATLE44□-6M3-Z
4−poles
■Type of Actuator
Standard type
Locking lever type
Plastick Pack
Standard type
50 pcs/pack
ATE−2M
Plastick Pack
Right−angle type
50 pcs/pack
ATE−6M
ATLE−2M
ATLE−5M
ATLE−6M
Switching
function
Part No.
Viewed from part No. marking side
★ATE42D-2M3-Z
ON
ON
★ATE42E-2M3-Z
ON
OFF
ON
Connecting terminals
2−1
5−4
2−3
5−6
Switching
function
Part No.
Viewed from part No. marking side
★ATE44D-2M3-Z
ON
ON
☆ATE44E-2M3-Z
ON
OFF
ON
Connecting terminals
2−1
5−4
8−7
11−10
2−3
5−6
8−9
11−12
DPDT
4PDT
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
★:Made-to-order items.
☆:Semi-standard products.
PC Straight
PC Straight
PC hole Layouts(Topview)
PC hole Layouts(Topview)


Similar Part No. - ATE4N-2M3-Z

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ATE COPAL-ATE Datasheet
874Kb / 10P
   Subminiature Toggle Switch
logo
Tyco Electronics
ATE MACOM-ATE Datasheet
308Kb / 3P
   Toggle Switches, Process Sealed, Vertical and Right Angle, Round Actuator
logo
Allied Components Inter...
ATE-1637 ALLIED-ATE-1637 Datasheet
742Kb / 1P
   T1/CEPT/ISDN Primary Filter Module
ATE-1638S ALLIED-ATE-1638S Datasheet
354Kb / 1P
   T1/E1/CEPT/ISDN-Pri Filter Module
ATE-3204I ALLIED-ATE-3204I Datasheet
365Kb / 1P
   T1/E1/CEPT/ISDN Quad Port Transformer
More results

Similar Description - ATE4N-2M3-Z

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ATE COPAL-ATE Datasheet
874Kb / 10P
   Subminiature Toggle Switch
logo
Omron Electronics LLC
A9TS OMRON-A9TS Datasheet
700Kb / 4P
   Ultra subminiature Toggle Switch
logo
Honeywell Solid State E...
64AT34-3D HONEYWELL-64AT34-3D Datasheet
108Kb / 1P
   AT Series Toggle Switch, 4 pole, 2 position, H58 terminal, Locking Lever
logo
Festo Corporation.
VHEF-VT-B32-G18 FESTO-VHEF-VT-B32-G18 Datasheet
84Kb / 2P
   Toggle lever valve
VHEF-V-B52-N14 FESTO-VHEF-V-B52-N14 Datasheet
84Kb / 2P
   Toggle lever valve
VHEF-VT-M32-M-N18 FESTO-VHEF-VT-M32-M-N18 Datasheet
84Kb / 2P
   Toggle lever valve
VHEF-V-B52-G14 FESTO-VHEF-V-B52-G14 Datasheet
84Kb / 2P
   Toggle lever valve
VHEF-V-B52-N18 FESTO-VHEF-V-B52-N18 Datasheet
85Kb / 2P
   Toggle lever valve
VHEF-VT-M32-M-N14 FESTO-VHEF-VT-M32-M-N14 Datasheet
84Kb / 2P
   Toggle lever valve
33003 FESTO-33003 Datasheet
80Kb / 1P
   Toggle lever valve
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com