Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATE1P-2M3-10-Z Datasheet(PDF) 9 Page - Copal Electronics

Part # ATE1P-2M3-10-Z
Description  Subminiature Toggle Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ATE1P-2M3-10-Z Datasheet(HTML) 9 Page - Copal Electronics

Back Button ATE1P-2M3-10-Z Datasheet HTML 2Page - Copal Electronics ATE1P-2M3-10-Z Datasheet HTML 3Page - Copal Electronics ATE1P-2M3-10-Z Datasheet HTML 4Page - Copal Electronics ATE1P-2M3-10-Z Datasheet HTML 5Page - Copal Electronics ATE1P-2M3-10-Z Datasheet HTML 6Page - Copal Electronics ATE1P-2M3-10-Z Datasheet HTML 7Page - Copal Electronics ATE1P-2M3-10-Z Datasheet HTML 8Page - Copal Electronics ATE1P-2M3-10-Z Datasheet HTML 9Page - Copal Electronics ATE1P-2M3-10-Z Datasheet HTML 10Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ATE
■PC Hole Layouts
 PC terminal
(Top voew)
Series code
ATE
−2M・2F・2J
ATE
−2M・2F
ATE
−2J
Installation
Whithout bracket
When optional bracket is used
140000640314
140000640315
140000640318
140000640296
1
−pole
2
−poles
2.54mm
/Tow terminal rows
2
−poles
5.08mm
/Tow terminal rows
 Right Angle terminal・Vertical Mount terminal
(Top view)
Series code
ATE
−5M・5F
ATE
−6M・6F・6J
ATE
−7M・7F・7J
Terminal
0.2
−inch pich
0.3
−inch pich
Vertical mount
1
−pole
2
−poles
■Bracket Mounted Dimensions.
Type
ATE
−2M
ATE
−2F
Standard
Flat
Dimensions


Similar Part No. - ATE1P-2M3-10-Z

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATE1-49-4BS ANALOGTECHNOLOGIES-ATE1-49-4BS Datasheet
514Kb / 8P
   Temperature Plate Assembly
1/29/2022
More results

Similar Description - ATE1P-2M3-10-Z

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A9TS OMRON-A9TS Datasheet
700Kb / 4P
   Ultra subminiature Toggle Switch
logo
Copal Electronics
ATE4 COPAL-ATE4 Datasheet
578Kb / 6P
   Subminiature Toggle Switch With Locking Lever
logo
C&K Components
T CK-COMPONENTS-T_V01 Datasheet
966Kb / 6P
   Subminiature Toggle Switches
15 Jan 21
logo
List of Unclassifed Man...
T101SHZQE ETC1-T101SHZQE Datasheet
641Kb / 7P
   Subminiature Toggle Switches
logo
ITT Industries
T101P3HABE ITT-T101P3HABE Datasheet
620Kb / 6P
   Subminiature Toggle Switches
logo
C&K Components
T101P3HABE CK-COMPONENTS-T101P3HABE Datasheet
471Kb / 6P
   Subminiature Toggle Switches
logo
ITT Industries
ET01MD1ABE ITT-ET01MD1ABE Datasheet
694Kb / 7P
   Sealed Subminiature Toggle Switches
logo
C&K Components
ET01MD1ABE2 CK-COMPONENTS-ET01MD1ABE2 Datasheet
460Kb / 7P
   Sealed Subminiature Toggle Switches
ETTOGGLE CK-COMPONENTS-ETTOGGLE Datasheet
882Kb / 7P
   Sealed Subminiature Toggle Switches
ET01MD1SAPE CK-COMPONENTS-ET01MD1SAPE Datasheet
483Kb / 7P
   Sealed Subminiature Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com