Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

744383230068 Datasheet(PDF) 7 Page - Texas Instruments

Part # 744383230068
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
Download  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

744383230068 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 744383230068 Datasheet HTML 3Page - Texas Instruments 744383230068 Datasheet HTML 4Page - Texas Instruments 744383230068 Datasheet HTML 5Page - Texas Instruments 744383230068 Datasheet HTML 6Page - Texas Instruments 744383230068 Datasheet HTML 7Page - Texas Instruments 744383230068 Datasheet HTML 8Page - Texas Instruments 744383230068 Datasheet HTML 9Page - Texas Instruments 744383230068 Datasheet HTML 10Page - Texas Instruments 744383230068 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 157 page
background image
N13
NC
N11
SWVR1
N10
PGNDVR1
M13
VDDIO
L13
AGND3
K13
DS3_VREN
J13
END
N8
LDO3V
N12
DRVHVR1
N9
DRVLVR1
N7
LDO5V
N5
VIN5VSW
N4
DRVLVR5
N2
SWVR5
N6
VIN
N3
PGNDVR5
N1
NC
H13
SWVR2
G13
PGNDVR2
F13
VINVR2
E13
VREGVR2
D13
AGND4
C13
V3P3A_RT
C
B13
VBATTBK
UP
A13
NC
M12
ENVR1
L12
LVA
K12
DPWROK
J12
ENF
H12
SWVR2
G12
PGNDVR2
F12
VINVR2
E12
PGVR2
D12
PMIC_INT
#
C12
ENC
B12
ENA
A12
DRVHVR3
M11
VBSTVR1
L11
ENH
K11
1HZ
J11
RSMRST#_
PWRGD
H11
SYS_PWR
OK
G11
ALL_SYS_P
WRGD
F11
ENVR2
E11
PCH_PWR
OK
D11
ACOK
C11
ENB
B11
VBSTVR3
A11
SWVR3
M10
VREGVR1
L10
LVB
K10
FBVR1P
J10
VSG
H10
TRIP#
G10
FBVR2P
F10
ENE
E10
FBVR2N
D10
ILIMVR3H
S
C10
FBVR3
B10
ENG
A10
PGNDVR3
M9
PGVR1
L9
ILIMVR1
K9
VSB
J9
FBVR1N
H9
NVDC#
G9
VINVR3
F9
VINLDO1S
E9
ENVR3
D9
STANDBY#
C9
ILIMVR3LS
B9
PGVR1
A9
DRVLVR3
M8
VINLDO3
L8
VDDLV
K8
VSC
J8
AGND
H8
AGND
G8
AGND
F8
AGND
E8
VSF
D8
FBLDO1
C8
RESET#
B8
VOUTLDO
1
A8
VOUTLDO
1
M7
VOUT3V3
SW
L7
VINVR5
K7
AGND
J7
AGND
H7
AGND
G7
AGND
F7
AGND
E7
VSA
D7
FBVR3N
C7
SHUTDWO
N#
B7
PGNDLDO
1
A7
PGNDLDO
1
M6
PGH
L6
ENLVA
K6
AGND
J6
AGND
H6
AGND
G6
AGND
F6
AGND
E6
VSD
D6
PGA
C6
PGC
B6
VINLDO1
A6
VINLDO1
M5
EN5VSW
L5
ILIMVR5LS
K5
ILIMVR5H
S
J5
AGND
H5
AGND
G5
AGND
F5
VSH
E5
VINPP
D5
FBVR4N
C5
PGB
B5
PGVR4
A5
DRVLVR4
M4
PGVR5
L4
FBVR5N
K4
EN_ONOF
F#
J4
VCOMP
H4
PGF
G4
FBVR5P
F4
VSE
E4
VCCST_P
WRGD
D4
DDRID
C4
PGE
B4
VREGVR4
A4
PGNDVR4
M3
VBSTVR5
L3
SLAVEADD
R
K3
EN3V3SW
J3
EC_RST#
H3
PGD
G3
VDCSNS
F3
PGG
E3
DDR_VTT_
CTRL
D3
VPROGOT
P
C3
FBVR4P
B3
VBSTVR4
A3
SWVR4
M2
ENVR5
L2
TEMP_ALE
RT#
K2
PCH_PWR
BTN#
J2
ACSWON#
H2
PWRBTNI
N
G2
BAT2SWO
N#
F2
BAT1SWO
N#
E2
ACIN
D2
ILIMVR4
C2
ENVR4
A2
DRVHVR4
M1
DRVHVR5
L1
ECVCC
K1
AGND2
J1
SCLK
H1
SDA
G1
BAT2
F1
BAT1
E1
VDDIO
D1
VDDPG
C1
AGND1
B1
VREF1V25
A1
NC
13
12
11
10
9
8
7
6
5
4
3
2
1
A
B
C
D
E
F
G
H
J
K
L
M
N
Legend
Color
Type
Power
Critical
Analog /
Sensitve
Digital
AGND
No
Connect
7
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Pin Configuration and Functions
Copyright © 2014–2016, Texas Instruments Incorporated
4
Pin Configuration and Functions
Figure 4-1. 168-Pin 7x7 ZAJ NFBGA (Top View)


Similar Part No. - 744383230068

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744383230068 WURTH-744383230068 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
More results

Similar Description - 744383230068

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650932 TI1-TPS650932 Datasheet
1Mb / 121P
[Old version datasheet]   Simple and Flexible Wide Input Voltage PMIC for Computing
logo
Active-Semi, Inc
ACT5830 ACTIVE-SEMI-ACT5830_11 Datasheet
774Kb / 41P
   Twelve Channel PMU for Mobile Phones
Rev 2, 20-Jan-11
ACT5830 ACTIVE-SEMI-ACT5830_08 Datasheet
713Kb / 41P
   Twelve Channel PMU for Mobile Phones
Rev PrB, 05-Mar-08
ACT5810 ACTIVE-SEMI-ACT5810 Datasheet
130Kb / 2P
   Nine Channel PMU for Mobile Phones
28-Aug-07
logo
Ultralife Corporation.
UKT0037 ULTRALIFE-UKT0037 Datasheet
257Kb / 1P
   Wide input voltage for global use
Rev: B
logo
Analog Devices
5B40 AD-5B40_15 Datasheet
696Kb / 8P
   Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
5B41 AD-5B41_15 Datasheet
696Kb / 8P
   Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
5B40 AD-5B40 Datasheet
695Kb / 8P
   Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
logo
STMicroelectronics
STEVAL-ISA118V1 STMICROELECTRONICS-STEVAL-ISA118V1 Datasheet
107Kb / 5P
   Offline converter for wide range input voltage
January 2013 Rev 1
logo
Advantech Co., Ltd.
AIM-P708 ADVANTECH-AIM-P708 Datasheet
311Kb / 1P
   Simple cradle for AIM-37 Mobile POS
8-Aug-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com