Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS564201DDCT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS564201DDCT
Description  4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS564201DDCT Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS564201DDCT Datasheet HTML 13Page - Texas Instruments TPS564201DDCT Datasheet HTML 14Page - Texas Instruments TPS564201DDCT Datasheet HTML 15Page - Texas Instruments TPS564201DDCT Datasheet HTML 16Page - Texas Instruments TPS564201DDCT Datasheet HTML 17Page - Texas Instruments TPS564201DDCT Datasheet HTML 18Page - Texas Instruments TPS564201DDCT Datasheet HTML 19Page - Texas Instruments TPS564201DDCT Datasheet HTML 20Page - Texas Instruments TPS564201DDCT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
V
OUT = 500 mV/div
V
EN = 5 V/div
V
IN = 5 V/div
V
OUT = 500 mV/div
V
EN = 5 V/div
V
IN = 5 V/div
V
IN = 5 V/div
V
EN = 5 V/div
V
OUT = 500 mV/div
17
TPS564201
www.ti.com
SLVSDJ7A – MAY 2016 – REVISED MAY 2016
Product Folder Links: TPS564201
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
400 µs/div
Figure 27. TPS564201 Startup Relative to EN
Figure 28. TPS564201 Shutdown Relative to VIN
Figure 29. TPS564201 Shutdown Relative to EN
9 Power Supply Recommendations
The TPS564201 is designed to operate from input supply voltage in the range of 4.5 V to 17 V. Buck converters
require the input voltage to be higher than the output voltage for proper operation. The maximum recommended
operating duty cycle is 75%. Using that criteria, the minimum recommended input voltage is VO / 0.75.


Similar Part No. - TPS564201DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS564208 TI1-TPS564208 Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator
TPS564208DDCR TI1-TPS564208DDCR Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator
TPS564208DDCT TI1-TPS564208DDCT Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator
More results

Similar Description - TPS564201DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS561201 TI1-TPS561201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 1-A Synchronous Step-Down Voltage Regulator in 6-Pin SOT-23
TPS564208 TI1-TPS564208 Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562200 TI1-TPS562200_16 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562219 TI1-TPS562219 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562219A TI1-TPS562219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562210 TI1-TPS562210_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562200 TI-TPS562200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com