Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS564201DDCR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS564201DDCR
Description  4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS564201DDCR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS564201DDCR Datasheet HTML 7Page - Texas Instruments TPS564201DDCR Datasheet HTML 8Page - Texas Instruments TPS564201DDCR Datasheet HTML 9Page - Texas Instruments TPS564201DDCR Datasheet HTML 10Page - Texas Instruments TPS564201DDCR Datasheet HTML 11Page - Texas Instruments TPS564201DDCR Datasheet HTML 12Page - Texas Instruments TPS564201DDCR Datasheet HTML 13Page - Texas Instruments TPS564201DDCR Datasheet HTML 14Page - Texas Instruments TPS564201DDCR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
TPS564201
www.ti.com
SLVSDJ7A – MAY 2016 – REVISED MAY 2016
Product Folder Links: TPS564201
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.6 Thermal Shutdown
The device monitors the temperature of itself. If the temperature exceeds the threshold value (typically 172°C),
the device is shut off. This is a non-latch protection.
7.4 Device Functional Modes
7.4.1 Normal Operation
When the input voltage is above the UVLO threshold and the EN voltage is above the enable threshold, the
TPS564201 operates in the normal switching mode. Normal continuous conduction mode (CCM) occurs when
the minimum switch current is above 0 A. In CCM, the TPS564201 operates at a quasi-fixed frequency of 560
kHz.
7.4.2 Eco-mode™ Operation
When the TPS564201 is in the normal CCM operating mode and the switch current falls to 0A, the TPS564201
begins operating in pulse skipping eco-mode. Each switching cycle is followed by a period of energy saving sleep
time. The sleep time ends when the VFB voltage falls below the eco-mode threshold voltage. As the output
current decreases, the perceived time between switching pulses increases.
7.4.3 Standby Operation
When the TPS564201 is operating in either normal CCM or Eco-mode™, it may be placed in standby by
asserting the EN pin low.


Similar Part No. - TPS564201DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS564208 TI1-TPS564208 Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator
TPS564208DDCR TI1-TPS564208DDCR Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator
TPS564208DDCT TI1-TPS564208DDCT Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator
More results

Similar Description - TPS564201DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS561201 TI1-TPS561201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 1-A Synchronous Step-Down Voltage Regulator in 6-Pin SOT-23
TPS564208 TI1-TPS564208 Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562200 TI1-TPS562200_16 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562219 TI1-TPS562219 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562219A TI1-TPS562219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562210 TI1-TPS562210_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562200 TI-TPS562200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com