Electronic Components Datasheet Search |
|
STDA31-S11 Datasheet(PDF) 2 Page - Vitec Power |
|
STDA31-S11 Datasheet(HTML) 2 Page - Vitec Power |
2 / 2 page Conditions Parameter Test Conditions Min. Typ. Max. Unit Operating Temperature -20 40 70 °C Storage Temperature -40 85 °C Relative Humidity No-Condensing 5 95 % Operating Temperature at 25°C, Calculated per MIL-HDBK-217F 0.1M Hrs De-rate linearly from 100 % load at 40°C to 50 % load at 70°C Approvals and Compliance Parameter Test Conditions Min. Unit Dielectric Withstanding Voltage for Primary to secondary Primary to secondary 4242 VDC Dielectric Withstanding Voltage for Primary to Ground Primary to ground 2121 VDC Isolation Resistance Test Voltage=500VDC 50 M Meet EMI requirements: CISPR-22 Vin=220VAC B CLASS Meet EMI requirements: FCC Part15 Vin=110VAC B CLASS Mechanical and PIN out Note: 1. Dimensions are shown in mm & inch 2. Weight: approx. 265-280g 3. Optional output connector. |
Similar Part No. - STDA31-S11 |
|
Similar Description - STDA31-S11 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |