Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U5856A Datasheet(PDF) 7 Page - Keysight Technologies

Part # U5856A
Description  U5850 Series TrueIR Thermal Imagers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U5856A Datasheet(HTML) 7 Page - Keysight Technologies

  U5856A Datasheet HTML 1Page - Keysight Technologies U5856A Datasheet HTML 2Page - Keysight Technologies U5856A Datasheet HTML 3Page - Keysight Technologies U5856A Datasheet HTML 4Page - Keysight Technologies U5856A Datasheet HTML 5Page - Keysight Technologies U5856A Datasheet HTML 6Page - Keysight Technologies U5856A Datasheet HTML 7Page - Keysight Technologies U5856A Datasheet HTML 8Page - Keysight Technologies U5856A Datasheet HTML 9Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
07 | Keysight | U5850 Series TrueIR Thermal Imagers – Data Sheet
Figure 2. Relationship between the Field of View (FOV) and the distance to target
Ordering Information
Model number
Description
U5855A
TrueIR thermal imager, 350 degree Celsius
U5856A
TrueIR thermal imager, 650 degree Celsius
U5857A
TrueIR thermal imager, 1200 degree Celsius
Option number
Description
U5855A-100
U5855A TrueIR thermal imager with 2-bay charger and additional battery
U5856A-100
U5856A TrueIR thermal imager with 2-bay charger and additional battery
U5857A-100
U5857A TrueIR thermal imager with 2-bay charger and additional battery
Standard shipped accessories
– Power adapter with power cord
– Rechargeable Li-Ion battery
– SD memory card
– Video RCA to RCA interface cable, 2 m
– USB standard-A to mini type-B interface cable, 1 m
– Hand strap
– Rugged, hard carrying case
– Quick start guide
– Certificate of calibration
U5855A
U5856A
U5857A


Similar Part No. - U5856A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U5856A KEYSIGHT-U5856A Datasheet
1Mb / 10P
   U5850 Series TrueIR Thermal Imagers
U5856A-100 KEYSIGHT-U5856A-100 Datasheet
1Mb / 10P
   U5850 Series TrueIR Thermal Imagers
U5856A/2PS/903 KEYSIGHT-U5856A/2PS/903 Datasheet
1Mb / 10P
   U5850 Series TrueIR Thermal Imagers
More results

Similar Description - U5856A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U5855A KEYSIGHT-U5855A Datasheet
2Mb / 9P
   U5850 Series TrueIR Thermal Imagers
U5857A KEYSIGHT-U5857A Datasheet
2Mb / 9P
   U5850 Series TrueIR Thermal Imagers
U5850 KEYSIGHT-U5850 Datasheet
1Mb / 10P
   U5850 Series TrueIR Thermal Imagers
logo
PerkinElmer Optoelectro...
RL0512P PERKINELMER-RL0512P Datasheet
173Kb / 8P
   P-SERIES LINEAR PHOTODIODE ARRAY IMAGERS
logo
Texas Instruments
TL1591 TI1-TL1591 Datasheet
226Kb / 11P
[Old version datasheet]   SAMPLE-AND-HOLD CIRCUIT FOR CCD IMAGERS
logo
List of Unclassifed Man...
KSD ETC-KSD Datasheet
505Kb / 1P
   KSD Series Thermal Protectors
logo
Kemet Corporation
TRS5-50BLRVU KEMET-TRS5-50BLRVU Datasheet
533Kb / 7P
   Series Thermal Reed Switch
logo
NTE Electronics
NTE8070 NTE-NTE8070 Datasheet
20Kb / 1P
   Thermal Cutoff (Thermal Fuse)
logo
Altera Corporation
EP3C5 ALTERA-EP3C5 Datasheet
157Kb / 7P
   Cyclone Series Device Thermal Resistance
logo
T-Global Technology
TG-A6200F TGLOBAL-TG-A6200F Datasheet
453Kb / 1P
   Fiberglass Mesh Series Thermal Pad
20230721
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com