Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP40-11012DFR(3,4) Datasheet(PDF) 7 Page - Recom International Power

Part # RP40-11012DFR(3,4)
Description  1.6kVDC Isolation for 24Vin and 48Vin
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40-11012DFR(3,4) Datasheet(HTML) 7 Page - Recom International Power

Back Button RP40-11012DFR(3,4) Datasheet HTML 3Page - Recom International Power RP40-11012DFR(3,4) Datasheet HTML 4Page - Recom International Power RP40-11012DFR(3,4) Datasheet HTML 5Page - Recom International Power RP40-11012DFR(3,4) Datasheet HTML 6Page - Recom International Power RP40-11012DFR(3,4) Datasheet HTML 7Page - Recom International Power RP40-11012DFR(3,4) Datasheet HTML 8Page - Recom International Power RP40-11012DFR(3,4) Datasheet HTML 9Page - Recom International Power RP40-11012DFR(3,4) Datasheet HTML 10Page - Recom International Power RP40-11012DFR(3,4) Datasheet HTML 11Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
continued on next page
DC/DC Converter
Specifications (measured @ ta = 25°C, nominal input voltage, full load otherwise noted)
RP40-FR
Series
PD-7
REV.: 1/2016
www.recom-power.com
Notes:
Note8: The standard module meets EMI Class A or Class B with external components.
Note9: An external input filter capacitor is required if the module has to meet EN61000-4-4 and -4-5.
The R40-24xxFR requires an aluminum electrolytic capacitor (Nippon chemi-con KY series, 220µF/100V) and a TVS (SMDJ58A,
58V, 3000Watt peak pulse power) connected in parallel.
The RP40-48xxFR requires an aluminum electrolytic capacitor (Nippon chemi-con KY series, 220µF/100V) and a TVS
(SMDJ120A,120V, 3000Watt peak pulse power) connected in parallel.
The RP40-110xxFR requires an aluminum electrolytic capacitor (Ruby-con BXF series, 68µF/200V 3pcs in parallel) and a TVS
(SMDJ90A, 90V, 3000Watt peak pulse power 2pcs in series connection) connected in parallel.
EMC Filtering according to EN50121-1(Single Outputs)
EMC Filtering according to EN50121-1 (Dual Outputs)
MODEL
C1
C2
C3
C4
C5
C6
C7
L1
RP40-24xxS_DFR
220µF/200V
MLCC
N/A
N/A
10µF/50V
1210 MLCC
680pF/3kV
1808 MLCC
2.2µH 11A
SMD Inductor
RP40-48xxS_DFR
4.7µF/100V
1210 MLCC
12µH 4A
SMD Inductor
RP40-110xxS_DFR
33µF/250V
Al Cap. (lie down)
Chemi-con KXJ
1µF/250V
1812 MLCC
1µF/250V
1812 MLCC
1000pF
TDK CD series
Y1
22µH 1.5A
SMD Inductor
C4
C2
C3
+VIN
-VIN
+VIN
-VIN
C6
C5
C7
L1
C4
C6
C5
C7
L1
C2
C1
C1
C3
U(9)
U(9)


Similar Part No. - RP40-11012DFR(3,4)

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-120512TE RECOM-RP40-120512TE Datasheet
89Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-120512TE RECOM-RP40-120512TE Datasheet
100Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-120512TG RECOM-RP40-120512TG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-120512TG RECOM-RP40-120512TG Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-120512TG RECOM-RP40-120512TG Datasheet
555Kb / 10P
   40 Watt Single, Dual & Triple Output
More results

Similar Description - RP40-11012DFR(3,4)

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI31XX-01-HVIZ VICOR-PI31XX-01-HVIZ Datasheet
966Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
PI31XX-01-HVIZ VICOR-PI31XX-01-HVIZ_18 Datasheet
949Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
logo
Minmax Technology Co., ...
MSDEU02-HI MINMAX-MSDEU02-HI Datasheet
576Kb / 4P
   qualified for igbt and high isolation applications
logo
Vicor Corporation
PI31XX-0X-HVIZ VICOR-PI31XX-0X-HVIZ Datasheet
1Mb / 22P
   48VIN and 3.3 ??18VOUT, ZVS Isolated DC-DC Converter Modules
logo
C&D Technologies
QUS20-120-NVDRC CANDD-QUS20-120-NVDRC Datasheet
164Kb / 8P
   BUS CONVERTER 48Vin, 12Vout @ 20A
logo
Toppower Electronic Tec...
TP2L-3W TOPPOWER-TP2L-3W_V02 Datasheet
763Kb / 3P
   3W 1.6KVDC??KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
logo
Vicor Corporation
V24A12C400B VICOR-V24A12C400B Datasheet
150Kb / 8P
   24Vin / 12Vout / 400Watts DC-DC Converter Module
V24A48C400B VICOR-V24A48C400B Datasheet
151Kb / 8P
   24Vin / 48Vout / 400Watts DC-DC Converter Module
V24B5C200B VICOR-V24B5C200B Datasheet
145Kb / 8P
   24Vin / 5Vout / 200Watts DC-DC Converter Module
logo
Bothhand USA, LP.
PG4P609BN-A-LF BOTHHAND-PG4P609BN-A-LF Datasheet
153Kb / 2P
   Cable interface for isolation and low common mode emissions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com