Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8A2111C-Z Datasheet(PDF) 2 Page - Copal Electronics

Part # 8A2111C-Z
Description  Toggle Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

8A2111C-Z Datasheet(HTML) 2 Page - Copal Electronics

  8A2111C-Z Datasheet HTML 1Page - Copal Electronics 8A2111C-Z Datasheet HTML 2Page - Copal Electronics 8A2111C-Z Datasheet HTML 3Page - Copal Electronics 8A2111C-Z Datasheet HTML 4Page - Copal Electronics 8A2111C-Z Datasheet HTML 5Page - Copal Electronics 8A2111C-Z Datasheet HTML 6Page - Copal Electronics 8A2111C-Z Datasheet HTML 7Page - Copal Electronics 8A2111C-Z Datasheet HTML 8Page - Copal Electronics 8A2111C-Z Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
■Terminals
Solder Terminal
(Style:1)
PC Straight
(Style:2)
Right Angle
(Style:4)
Vertical Mount
(Style:6)
t=0.8
t=0.8
PC
t=0.8
R/A
t=0.8
w=1.2
V/M
8 Series Toggles Selection Table
Part No.
Name
Actuator shape
Number of poles
Switching function
Terminals
Page
8A
Standard toggle
1
・2・3・4
ON
ON
(ON)
ON
ON
ON
ON
ON
ON
(ON)
− OFF −
− OFF −
− OFF −
− OFF −
− ON −
− ON −
− ON −
ON
ON
(ON)
(ON)
(ON)
ON
ON
ON
(ON)
(ON)
Solder Lug
Straight PC
389
391
8B
Mustang Toggle
1
・2・3・4
Solder Lug
Straight PC
392
393
8C
Flatted Toggle
1
・2・3・4
Solder Lug
Straight PC
394
395
8D
Long Toggle
1
・2・3・4
Solder Lug
Straight PC
396
397
8E
Lever Lock Toggle
1
・2・3・4
Solder Lug
Straight PC
398
399
8F
Splash Proof Toggle
1
・2・3・4
Solder Lug
Straight PC
400
401
8J
Short Toggle
1
・2・3・4
Solder Lug
Straight PC
402
403
8S
Color Tip Toggle
1
・2・3・4
Solder Lug
Straight PC
404
405
8G
Short Toggle
Washable
1
・2
ON
ON
(ON)
ON
ON
− OFF −
− OFF −
− OFF −
ON
ON
(ON)
(ON)
(ON)
Straight PC Right Angle
Vertical
406
407
8GA
Standard Toggle
Washable
1
・2
Straight PC Right Angle
Vertica
408
8GD
LongToggle
Washable
1
・2
Straight PC Right Angle
Vertica
409
8GS
Color Tip Toggle
Washable
1
・2
Straight PC Right Angle
Vertica
410
( ) indicates momentary actuation
※1/2 Poles
※3/4 Poles
※8A Type
 2&4 Poles only
ug
St
ug
St
ug
St
ug
St
ug
St
ug
St
ug
St
ug
St


Similar Part No. - 8A2111C-Z

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
8A2 MIC-8A2 Datasheet
54Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
Microdiode Electronics ...
8A2 CHENDA-8A2 Datasheet
76Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
8A2 CHENDA-8A2 Datasheet
537Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Diode Semiconductor Kor...
8A2 DSK-8A2 Datasheet
265Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
DIYI Electronic Technol...
8A2 DYELEC-8A2 Datasheet
636Kb / 2P
   8.0 AMP. Silicon Rectifiers Plastic
More results

Similar Description - 8A2111C-Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
9103A ETC2-9103A Datasheet
67Kb / 1P
   Toggle Switches
7580K6 ETC2-7580K6 Datasheet
1Mb / 35P
   Toggle Switches
logo
Carling Technologies
LT1561-130-012 CARLINGTECH-LT1561-130-012 Datasheet
812Kb / 2P
   Toggle Switches
IK251-73 CARLINGTECH-IK251-73 Datasheet
59Kb / 1P
   Toggle Switches
logo
List of Unclassifed Man...
7695K5 ETC2-7695K5 Datasheet
1Mb / 35P
   Toggle Switches
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
7105A ETC2-7105A Datasheet
79Kb / 1P
   toggle switches
10TL020 ETC2-10TL020 Datasheet
142Kb / 1P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com