Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP40-2412DFR(3,4) Datasheet(PDF) 2 Page - Recom International Power

Part # RP40-2412DFR(3,4)
Description  1.6kVDC Isolation for 24Vin and 48Vin
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40-2412DFR(3,4) Datasheet(HTML) 2 Page - Recom International Power

  RP40-2412DFR(3,4) Datasheet HTML 1Page - Recom International Power RP40-2412DFR(3,4) Datasheet HTML 2Page - Recom International Power RP40-2412DFR(3,4) Datasheet HTML 3Page - Recom International Power RP40-2412DFR(3,4) Datasheet HTML 4Page - Recom International Power RP40-2412DFR(3,4) Datasheet HTML 5Page - Recom International Power RP40-2412DFR(3,4) Datasheet HTML 6Page - Recom International Power RP40-2412DFR(3,4) Datasheet HTML 7Page - Recom International Power RP40-2412DFR(3,4) Datasheet HTML 8Page - Recom International Power RP40-2412DFR(3,4) Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
nom. Vin = 24V
nom. Vin = 48V
nom. Vin = 110V
9VDC
18VDC
43VDC
24VDC
48VDC
110VDC
36VDC
75VDC
160VDC
Under Voltage Lockout (UVLO)
Vin = 24V
DC-DC ON
DC-DC OFF
8VDC
9VDC
Vin = 48V
DC-DC ON
DC-DC OFF
16VDC
18VDC
Vin = 110V
DC-DC ON
DC-DC OFF
40VDC
43VDC
Input Filter
Pi-Type
Input Reflected Ripple Current
nominal Vin and full load
30mAp-p
Input Surge Voltage
Vin =24V, 1s max.
Vin = 48V, 1s max.
Vin = 110V, 1s max.
50VDC
100VDC
170VDC
Start-up time
Power up
Remote ON/OFF
60ms
60ms
Internal Operating Frequency
225kHz
250kHz
275kHz
Ripple and Noise
measured by 20MHz bandwidth
with a 1µF/50V X7R MLCC
3.3Vout, 5Vout
12Vout, 15Vout
24Vout
75mVp-p
100mVp-p
150mVp-p
100mVp-p
125mVp-p
200mVp-p
ON/OFF CTRL (5)
Positive Logic
DC-DC ON
DC-DC OFF
Open or 3.0V < Vr < 12V
Short or 0V < Vr < 1.2V
Negative Logic
DC-DC ON
DC-DC OFF
Short or 0V < Vr < 1.2V
Open or 3.0V < Vr < 12V
Input current of Remote pin (CTRL)
DC-DC OFF
3mA
DC-DC ON
-0.5mA
0.5mA
continued on next page
PD-2
REV.: 1/2016
www.recom-power.com
DC/DC Converter
RP40-FR
Series
Specifications (measured @ ta = 25°C, nominal input voltage, full load otherwise noted)
Notes:
Note5: The pin voltage is referenced to -Vin pin.
Efficiency vs. Output Current
Efficiency vs. Input Voltage
9Vin
24Vin
36Vin
Output Current [%]
10
50
40
30
20
10
0
60
70
90
100
20
40
60
80
100
30
50
70
90
80
Input Voltage [VDC]
9
100
15
18
24
30
36
12
21
27
33
90
80
70
60
50
40
30
20
10
0
RP40-2405SFR


Similar Part No. - RP40-2412DFR(3,4)

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-2412DE RECOM-RP40-2412DE Datasheet
89Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-2412DE RECOM-RP40-2412DE Datasheet
100Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-2412DG RECOM-RP40-2412DG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-2412DG RECOM-RP40-2412DG Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-2412DG RECOM-RP40-2412DG Datasheet
555Kb / 10P
   40 Watt Single, Dual & Triple Output
More results

Similar Description - RP40-2412DFR(3,4)

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI31XX-01-HVIZ VICOR-PI31XX-01-HVIZ Datasheet
966Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
PI31XX-01-HVIZ VICOR-PI31XX-01-HVIZ_18 Datasheet
949Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
logo
Minmax Technology Co., ...
MSDEU02-HI MINMAX-MSDEU02-HI Datasheet
576Kb / 4P
   qualified for igbt and high isolation applications
logo
Vicor Corporation
PI31XX-0X-HVIZ VICOR-PI31XX-0X-HVIZ Datasheet
1Mb / 22P
   48VIN and 3.3 ??18VOUT, ZVS Isolated DC-DC Converter Modules
logo
C&D Technologies
QUS20-120-NVDRC CANDD-QUS20-120-NVDRC Datasheet
164Kb / 8P
   BUS CONVERTER 48Vin, 12Vout @ 20A
logo
Toppower Electronic Tec...
TP2L-3W TOPPOWER-TP2L-3W_V02 Datasheet
763Kb / 3P
   3W 1.6KVDC??KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
logo
Vicor Corporation
V24A12C400B VICOR-V24A12C400B Datasheet
150Kb / 8P
   24Vin / 12Vout / 400Watts DC-DC Converter Module
V24A48C400B VICOR-V24A48C400B Datasheet
151Kb / 8P
   24Vin / 48Vout / 400Watts DC-DC Converter Module
V24B5C200B VICOR-V24B5C200B Datasheet
145Kb / 8P
   24Vin / 5Vout / 200Watts DC-DC Converter Module
logo
Bothhand USA, LP.
PG4P609BN-A-LF BOTHHAND-PG4P609BN-A-LF Datasheet
153Kb / 2P
   Cable interface for isolation and low common mode emissions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com