Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4324A Datasheet(PDF) 10 Page - Keysight Technologies

Part # U4324A
Description  PCI Express짰 3.0 Analyzer Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U4324A Datasheet(HTML) 10 Page - Keysight Technologies

Back Button U4324A Datasheet HTML 4Page - Keysight Technologies U4324A Datasheet HTML 5Page - Keysight Technologies U4324A Datasheet HTML 6Page - Keysight Technologies U4324A Datasheet HTML 7Page - Keysight Technologies U4324A Datasheet HTML 8Page - Keysight Technologies U4324A Datasheet HTML 9Page - Keysight Technologies U4324A Datasheet HTML 10Page - Keysight Technologies U4324A Datasheet HTML 11Page - Keysight Technologies U4324A Datasheet HTML 12Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Related Keysight Literature
Publication title
Pub number
Hardware and Probing for PCI Express Gen3 User's Guide available at Keysight.com/find/U4301A U4301-97000
PCIe 3.0 Analyzer User Guide
U4301-97001
PCI Express Design and Test – From Electrical to Protocol - Brochure
5989-5594EN
U4305A Protocol Exerciser for PCI Express® 3.0 - Data Sheet
5990-8458EN
Ordering Information
U4301A analyzer module
A specific configuration is required to determine the lane width to be tested.
Model number
Description
U4301A-A01
Link width x1
U4301A-A04
Link width x4
U4301A-A08
Link width x8
U4301A-A16
Link width x16
Note: Analyzing x16 requires the purchase of two U4301A-A16 modules.
U4301A-AN2
Software license for PCIe Gen2, 5 Gbps
U4301A-AN3
Software license for PCIe Gen3, 8 Gbps
U4301A-1FP
LTSSM software license for fixed node, perpetual
U4301A-1NP
LTSSM software license for floating, server based
U4301A-2FP
Performance summary, software license for fixed node, perpetual
U4301A-2NP
Performance summary, software license for floating, server based
U4301A-3FP
Transaction Decoder, software license for fixed node, perpetual
U4301A-3NP
Transaction Decoder, software license for floating, server based
Modular chassis and computer interface
The recommended chassis is the 2 slot AXIe configuration.
Chassis type
Model number
PC configuration
Interface
Cable
AXIe (recommended)
M9502A 2 slot AXIe
Lap top
M9045A
Y1200A
Desk top
M9047A
Y1200A
Probe selection
Probe type
Model number
Description
Solid slot interposer 8 Gbps
Note: The U4321A interposer probe lane width is
fixed and is not upgradable to accommodate different
lane widths due to the fact that the connector
size is a function of lane width. Keysight does not
recommend or support the use of lane converters.
U4321A-A01
Link width x1
U4321A-A04
Link width x4
U4321A-A08
Link width x8
U4321A-A16
Link width x16
Mid-bus probe
U4322A
Mid-bus probe based on Keysight soft touch
technology for applications where no standard
PCIe connector is available for testing
U4322A-R05
Set of 5 retention modules
U4317A
Gen3 to Gen2 mid bus adaptor
Flying lead probe
U4324A
4 channel/probe
N5426A
ZIF tip kit (10 pcs)


Similar Part No. - U4324A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U4321A KEYSIGHT-U4321A Datasheet
2Mb / 12P
   PCI Express짰 3.0 Analyzer Module
U4328A KEYSIGHT-U4328A Datasheet
2Mb / 19P
   PCI Express짰 3.0 Analyzer Module
More results

Similar Description - U4324A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U4321A KEYSIGHT-U4321A Datasheet
2Mb / 12P
   PCI Express짰 3.0 Analyzer Module
U4328A KEYSIGHT-U4328A Datasheet
2Mb / 19P
   PCI Express짰 3.0 Analyzer Module
U4301B KEYSIGHT-U4301B Datasheet
2Mb / 19P
   PCI Express 3.0 Analyzer Module
N5393D KEYSIGHT-N5393D Datasheet
3Mb / 25P
   PCI Express짰 3.0 (Gen3) Software
U4305B KEYSIGHT-U4305B Datasheet
1Mb / 20P
   Protocol Exerciser for PCI Express짰 3.0
N5463A KEYSIGHT-N5463A Datasheet
3Mb / 8P
   PCI Express짰 Protocol Triggering
logo
PLX Technology
PEX8508 PLX-PEX8508 Datasheet
387Kb / 4P
   Flexible & Versatile PCI Express짰 Switch
PEX8512 PLX-PEX8512 Datasheet
1Mb / 4P
   Flexible & Versatile PCI Express짰 Switch
PEX8517 PLX-PEX8517 Datasheet
482Kb / 5P
   Flexible & Versatile PCI Express짰 Switch
PEX8518 PLX-PEX8518 Datasheet
476Kb / 4P
   Flexible & Versatile PCI Express짰 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com