Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4961-4M Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE4961-4M
Description  High Precision Automotive Hall Effect Latch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4961-4M Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE4961-4M Datasheet HTML 18Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 19Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 20Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 21Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 22Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 23Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 24Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 25Page - Infineon Technologies AG TLE4961-4M Datasheet HTML 26Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
TLE4961-4M
Graphs of the Electrical Parameters
Data Sheet
22
Revision 1.0, 2013-04-07
Figure 6-5
Output Current Limit of the TLE4961-4M over Temperature
Figure 6-6
Output Current Limit of the TLE4961-4M over applied Pull-up Voltage
Figure 6-7
Output Fall Time of the TLE4961-4M over Temperature
57,0
58,0
59,0
60,0
61,0
62,0
63,0
5V
12V
32V
54,0
55,0
56,0
50
30
10
1030507090
110
130
150
T[°C]
57,0
58,0
59,0
60,0
61,0
62,0
63,0
40°C
25°C
150°C
54,0
55,0
56,0
0
5
10
15
20
25
30
35
VQ [V]
400
500
600
700
3V
12V
100
200
300
-50
-30
-10
1030507090
110 130 150
T [°C]
32V


Similar Part No. - TLE4961-4M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4961-1K INFINEON-TLE4961-1K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
TLE4961-1L INFINEON-TLE4961-1L Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-07-18
TLE4961-1M INFINEON-TLE4961-1M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Latch
Revision 1.0, 2012-07-20
TLE4961-2M INFINEON-TLE4961-2M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Latch
Revision 1.0, 2013-01-19
TLE4961-3K INFINEON-TLE4961-3K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
More results

Similar Description - TLE4961-4M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4961-3M INFINEON-TLE4961-3M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Latch
Revision 1.0, 2012-07-20
TLE4961-2M INFINEON-TLE4961-2M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Latch
Revision 1.0, 2013-01-19
TLI4963-2M INFINEON-TLI4963-2M_15 Datasheet
691Kb / 17P
   High Precision Automotive Hall Effect Latch
Rev. 1.0, 2015-07-21
TLE4961-5M INFINEON-TLE4961-5M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Latch
Revision 1.0, 2013-07-04
TLE4961-1M INFINEON-TLE4961-1M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Latch
Revision 1.0, 2012-07-20
TLI4963-1M INFINEON-TLI4963-1M_15 Datasheet
691Kb / 17P
   High Precision Automotive Hall Effect Latch
Rev. 1.0, 2015-07-21
TLE4946-2K INFINEON-TLE4946-2K Datasheet
1Mb / 12P
   High Precision Hall Effect Latch
September 2008 Rev.1.0
TLE4946-2L INFINEON-TLE4946-2L Datasheet
1,023Kb / 12P
   High Precision Hall Effect Latch
June 2008 Rev 1.0
TLE4963-1M INFINEON-TLE4963-1M_16 Datasheet
734Kb / 17P
   High Precision Automotive Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-12
TLE4963-2M INFINEON-TLE4963-2M_16 Datasheet
734Kb / 17P
   High Precision Automotive Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com