Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65070-Q1 Datasheet(PDF) 26 Page - Texas Instruments

Part # TPS65070-Q1
Description  Single Chip Power Solution for Battery Powered Systems
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65070-Q1 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS65070-Q1 Datasheet HTML 22Page - Texas Instruments TPS65070-Q1 Datasheet HTML 23Page - Texas Instruments TPS65070-Q1 Datasheet HTML 24Page - Texas Instruments TPS65070-Q1 Datasheet HTML 25Page - Texas Instruments TPS65070-Q1 Datasheet HTML 26Page - Texas Instruments TPS65070-Q1 Datasheet HTML 27Page - Texas Instruments TPS65070-Q1 Datasheet HTML 28Page - Texas Instruments TPS65070-Q1 Datasheet HTML 29Page - Texas Instruments TPS65070-Q1 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 91 page
background image
VBAT(REG)
IO(CHG)
VLOWV
I(TERM)
PRECHARGE
CCFASTCHARGE
CVTAPER
DONE
Battery
Voltage
BatteryCurrent
TERMCURRENT=1
I(PRECHG)
TPS65070-Q1, TPS65072-Q1, TPS65073-Q1, TPS650732-Q1
SLVSAP7 – JANUARY 2011
www.ti.com
Figure 27. Battery Charge
In the pre-charge phase, the battery is charged at a current of IPRECHG. The battery voltage starts rising. Once the
battery voltage crosses the VLOWV threshold, the battery is charged at a current of ICHG. The battery voltage
continues to rise. When the battery voltage reaches VBAT(REG), the battery is held at a constant value of VBAT(REG).
The battery current now decreases as the battery approaches full charge. When the battery current reaches
ITERM, the TERM CURRENT flag in register CHGCONFIG0 indicates charging done by going high.
Note that termination detection is disabled whenever the charge rate is reduced from the set point because of the
actions of the thermal loop, the DPM loop or the VIN-LOW loop.
The value of the fast-charge current is set by the resistor connected from the ISET pin to GND, and is given by
the equation
ICHG = KISET / RISET
(1)
(1)
RISET = KISET / ICHG
(2)
(2)
Note that if ICHG is programmed as greater than the input current limit, the battery will not charge at the rate of
ICHG, but at the slower rate of IIN-MAX (minus the load current on the OUT pin, if any). In this case, the charger
timers will be slowed down by 2x whenever the thermal loop or DPPM is active.
I-PRECHARGE:
The value for the pre-charge current is fixed to a factor of 0.1 of the fast charge current (full scale current)
programmed by the external resistor Rset
ITERM:
The value for the termination current threshold can be set in register CHGCONFIG3 using Bits TERMINATION
CURRENT FACTOR 0 and TERMINATION CURRENT FACTOR 1. The termination current is pre-set to a factor
of 0.1 of the fast charge current programmed by the external resistor Rset.
Battery Detection and Recharge:
Whenever the battery voltage falls below VRCH (Vset-100mV), a check is performed to see whether the battery
has been removed: current IBAT(DET) is pulled from the battery for a duration tDET. If the voltage on the BAT pin
remains above VLOWV, it indicates that the battery is still connected. If the charger is enabled by Bit CHARGER
ENABLE in register CHGCONFIG1 set to 1, the charger is turned on again to top up the battery.
26
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS65070-Q1 TPS65072-Q1 TPS65073-Q1 TPS650732-Q1


Similar Part No. - TPS65070-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Similar Description - TPS65070-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI1-TPS65070_15 Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65471 TI1-TPS65471 Datasheet
851Kb / 32P
[Old version datasheet]   SINGLE-CHIP POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com