Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65070-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS65070-Q1
Description  Single Chip Power Solution for Battery Powered Systems
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65070-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS65070-Q1 Datasheet HTML 1Page - Texas Instruments TPS65070-Q1 Datasheet HTML 2Page - Texas Instruments TPS65070-Q1 Datasheet HTML 3Page - Texas Instruments TPS65070-Q1 Datasheet HTML 4Page - Texas Instruments TPS65070-Q1 Datasheet HTML 5Page - Texas Instruments TPS65070-Q1 Datasheet HTML 6Page - Texas Instruments TPS65070-Q1 Datasheet HTML 7Page - Texas Instruments TPS65070-Q1 Datasheet HTML 8Page - Texas Instruments TPS65070-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 91 page
background image
TPS65070-Q1, TPS65072-Q1, TPS65073-Q1, TPS650732-Q1
SLVSAP7 – JANUARY 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
OUTPUT CURRENT
OUTPUT
OUTPUT
OUTPUT VOLTAGE
AT
TOP-SIDE
TA
VOLTAGE AT
VOLTAGE AT
PACKAGE
PART NUMBER
(1)
AT DCDC3
DCDC1/DCDC2/DCD
MARKING
DCDC1/DCDC2
LDO1/LDO2
C3
1.0V / 1.2V
3.3V
1.8V / 1.2V
0.6A / 1.5A / 1.5A
VQFN-48 RSL
Reel of 2500
TPS65070TRSLRQ1
Preview
(OMAP-L1x8)
1.8V / 3.3V
1.2V / 1.4V
3.3V
1.2V / 1.2V
3 x 600 mA
VQFN-48 RSL
Reel of 2500
TPS65072TRSLRQ1
Preview
(Atlas IV)
1.8V / 2.5V
1.2V / 1.35V
1.8V
0.6A / 0.6A / 1.5A
-40°C to
1.8V / 1.8V
VQFN-48 RSL
Reel of 2500
TPS65073TRSLRQ1
Preview
105°C
(OMAP35xx)
1.2V / 1.8V
External sequencing
1.2V / 1.35V
1.8V
0.6A / 0.6A / 1.5A
1.8V / 1.8V
VQFN-48 RSL
Reel of 2500
TPS650731TRSLRQ1
Preview
(OMAP35xx)
1.2V / 1.8V
Internal sequencing
1.2V / 1.35V
1.8V
0.6A / 0.6A / 1.5A
1.8V / 1.8V
VQFN-48 RSL
Reel of 2500
TPS650732TRSLRQ1
TPS650732T
(AM3505)
1.8V / 3.3V
Internal sequencing
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE / UNIT
Voltage range on all pins except the pins listed below with respect to AGND
–0.3 to 7V
Voltage range on pins INT, RESET, PGOOD, PB_OUT with respect to AGND
–0.3 to V(AVDD6)
Voltage range on pins VINDCDC1/2, VINDCDC3, VINLDO respect to AGND
–0.3 to V(SYS)
Voltage range on pins AD_IN1, AD_IN2, AD_IN3, AD_IN4 with respect to AGND
–0.3 to 3.3 V
Voltage range on pins ISINK1, ISINK2, AC, USB
–0.3 to 20 V
Voltage range on pin L4 (output voltage of boost converter), FB_wLED
–0.3 to 40 V
Current at SYS, AC, USB, BAT, L3
3000 mA
Current at all other pins
1000 mA
Continuous total power dissipation
See Dissipation Rating Table
Operating free-air temperature, TA
40°C to 105°C
Maximum junction temperature, TJ
125°C
Storage temperature, Tst
–65°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATINGS
(1)
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
TA = 105°C
PACKAGE
RqJA
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
POWER RATING
RSL
37 K/W
2.6 W
26 mW/K
1.48 W
1.0 W
520 mW
(1)
The thermal resistance RqJ-P junction to PowerPAD of the RSL package is 1.1 K/W. The value for RqJ-A was measured on a high K
board.
2
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS65070-Q1 TPS65072-Q1 TPS65073-Q1 TPS650732-Q1


Similar Part No. - TPS65070-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Similar Description - TPS65070-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI1-TPS65070_15 Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65471 TI1-TPS65471 Datasheet
851Kb / 32P
[Old version datasheet]   SINGLE-CHIP POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com