Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8B2051C-Z Datasheet(PDF) 7 Page - Copal Electronics

Part # 8B2051C-Z
Description  Toggle Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

8B2051C-Z Datasheet(HTML) 7 Page - Copal Electronics

Back Button 8B2051C-Z Datasheet HTML 2Page - Copal Electronics 8B2051C-Z Datasheet HTML 3Page - Copal Electronics 8B2051C-Z Datasheet HTML 4Page - Copal Electronics 8B2051C-Z Datasheet HTML 5Page - Copal Electronics 8B2051C-Z Datasheet HTML 6Page - Copal Electronics 8B2051C-Z Datasheet HTML 7Page - Copal Electronics 8B2051C-Z Datasheet HTML 8Page - Copal Electronics 8B2051C-Z Datasheet HTML 9Page - Copal Electronics 8B2051C-Z Datasheet HTML 10Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
8 series
■Precautions(8A・8B・8C・8D・8E・8F・8J・8S・8SS)
1. Soldering SpeciÄcations
⑴Manual soldering
Device
: Solder iron
①420℃ Max. 3 sec. Max.
⑵Auto soldering
②275℃ Max. 6 sec. Max.
The above-stated soldering conditions shall apply only
to switches with straight terminals. Auto soldering is
not possible with right-angle terminals. Switches with
right-angle terminals should be soldered manually
according to the conditions speciÄed in (1) above.
⑶When soldering two or more terminals to the common
land, use the solder resist to isolate the terminals.
3. Mounting
●Do not bend the terminals before mounting the
switch on the PC board.
●After mounting the switch, do not place the device
in such a way that the device weight will be applied
on to the actuator of the switch.
●For switches with straight terminals, solder the
switch on the PC board after Äxing the switch on the
panel with a nut.
2.Flux Cleaning
⑴Solvent : Fluorine or Alcohol type.
⑵8A/B/C/D/E/F/J/S series are not washable. To wash
the PC board, clean the soldering surface of the PC
board with a brush so that the switch is not exposed
to the cleaning solution.
⑶Cleaning after soldering should be done after the
terminal temperature falls to 90
℃ or below, or after
leaving the switch for Äve minutes or longer at room
temperature.
■Packaging SpeciÄcation
Perforated
Plastic
Bags
25 pcs/pack
(ON)
:Momentary.


Similar Part No. - 8B2051C-Z

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
8B2 DIOTEC-8B2 Datasheet
296Kb / 2P
   Surface mount Silicon Planar Zener Diodes
More results

Similar Description - 8B2051C-Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
9103A ETC2-9103A Datasheet
67Kb / 1P
   Toggle Switches
7580K6 ETC2-7580K6 Datasheet
1Mb / 35P
   Toggle Switches
logo
Carling Technologies
LT1561-130-012 CARLINGTECH-LT1561-130-012 Datasheet
812Kb / 2P
   Toggle Switches
IK251-73 CARLINGTECH-IK251-73 Datasheet
59Kb / 1P
   Toggle Switches
logo
List of Unclassifed Man...
7695K5 ETC2-7695K5 Datasheet
1Mb / 35P
   Toggle Switches
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
7105A ETC2-7105A Datasheet
79Kb / 1P
   toggle switches
10TL020 ETC2-10TL020 Datasheet
142Kb / 1P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com