Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDS-5140-I13 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HEDS-5140-I13
Description  Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-5140-I13 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HEDS-5140-I13 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-5140-I13 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-5140-I13 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS-5140-I13 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HEDS-5140-I13 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HEDS-5140-I13 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HEDS-5140-I13 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HEDS-5140-I13 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HEDS-5140-I13 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
9
01 02 03 04 05 06 08 09 10 11 12 13 14
HEDS-5140
A
*
*
*
*
****
C*
*
*
*
E*
*
*
*
F*
*
*
G*
*
*
I
*
*
*
****
Ordering Information Encoder Modules, Codewheel and Assembly Tools
HEDS-9100 Option
modules
HEDS-5120
codewheels
0
0
Option
Resolution
(Cycles/Rev)
K - 96 CPR
C - 100 CPR
D - 192 CPR
E - 200 CPR
F - 256 CPR
G - 360 CPR
H - 400 CPR
A - 500 CPR
I - 512 CPR
Shaft Diameter
01 - 2 mm
02 - 3 mm
03 - 1/8 in.
04 - 5/32 in.
05 - 3/16 in.
06 - 1/4 in.
11 - 4 mm
14 - 5 mm
12 - 6 mm
13 - 8 mm
Rop = 11 mm,
2 Channels
Assembly Tools
Centering Gap-Setting
HEDS-
HEDS-
8905
8901
Metal Codewheels
01 02 03 04 05 06 08 09 10 11 12 13 14
HEDS-5120#
A
******
**
*
C
*
*
****
D*
E*
*
F*
G*
*
*
*
*
*
H
***
*
*
I
***
*
*
*
K*
*
HEDS-9140 Option
modules
HEDS-5140
codewheels
0
0
Option
02 - 3 mm
03 - 1/8 in.
04 - 5/32 in.
05 - 3/16 in.
06 - 1/4 in.
Rop = 11 mm,
3 Channels
Assembly Tools
Centering Gap-Setting
HEDS-
HEDS-
8905
8905
Resolution
(Cycles/Rev)
C - 100 CPR
E - 200 CPR
F - 256 CPR
G - 360 CPR
A - 500 CPR
I - 512 CPR
11 - 4 mm
14 - 5 mm
12 - 6 mm
13 - 8 mm
Shaft Diameter


Similar Part No. - HEDS-5140-I13

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5140 AVAGO-HEDS-5140 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDS-5140 HP-HEDS-5140 Datasheet
241Kb / 15P
   Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
More results

Similar Description - HEDS-5140-I13

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-51X0 HP-HEDS-51X0 Datasheet
241Kb / 15P
   Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-51X0 AVAGO-HEDS-51X0 Datasheet
314Kb / 13P
   Two and Three Channel Codewheels for use with Avago Technologies Optical Encoder Modules
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDB-9100 AVAGO-HEDB-9100 Datasheet
67Kb / 5P
   Two Channel Optical Incremental Encoder Modules Bundle With Codewheel
HEDB-9040 AVAGO-HEDB-9040 Datasheet
68Kb / 5P
   Three Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com