Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1185A Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # U1185A
Description  Agilent U1240 Series Handheld Handheld
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1185A Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  U1185A Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1185A Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1185A Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1185A Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1185A Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1185A Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1185A Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1185A Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1185A Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2
FUNCTION
RANGE
RESOLUTION
TEST CURRENT/
BURDEN VOLTAGE
ACCURACY ± (% of Reading + No. of Least Significant Digit)
U1241A/U1241B
U1242A/U1242B
VOLTAGE[1]
1000.0 mV
0.1 mV
0.09% + 5
10.000 V
0.001 V
0.09% + 2
100.00 V
0.01 V
1000.0 V
0.1 V
0.15% + 5
CURRENT
1000.0 µA
0.1 µA
< 0.06 V (50 W)
0.1% + 3
10000 µA
1 µA
< 0.55 V (50 W)
0.1% + 3
100.00 mA
0.01 mA
< 0.18 V (0.5 W)
0.2% + 3
440.0 mA[2]
0.1 mA
< 0.8 V (0.5 W)
0.5% + 3
10.000 A[3]
0.001 A
< 0.4 V (0.01 W)
0.6% + 5
RESISTANCE[4]
1000.0 W[5]
0.1 W
0.5 mA
0.3% + 3
10.000 kW[5]
0.001 kW
50 µA
100.00 kW
0.01 kW
4.91 µA
1000.0 kW
0.1 kW
447 nA
10.000 MW
0.001 MW
112 nA
0.8% + 3
100.00 MW[6]
0.01 MW
112 nA
1.5% + 3
DIODE TEST[7]
1 V
0.001 V
approximately 0.5 mA
0.3% + 2
DC SPECIFICATIONS
[1] Input impedance: 10 MW (nominal).
[2] Current can be measured up to 440 mA continuously. An additional 0.2% needs to be added to the specified accuracy if the signal measured is in the range of
440 mA to 1100 mA for 30 seconds maximum. After measuring a current of > 440 mA, leave the meter to cool down for twice the measuring time used before
applying a low current measurement.
[3] Current can be measured up to 10 A continuously with a maximum operating temperature of 50 °C. An additional 0.3% needs to be added to the specified accuracy
if the signal measured is in the range of 10 A to 19.999 A for 15 seconds maximum. After measuring a current of > 10 A, leave the meter to cool down for 60 seconds
before applying a low current measurement.
[4] The maximum open voltage is < 2.8 V. For instant continuity, the built-in buzzer sounds when resistance is < 10.0 W.
[5] The accuracy of 1 kW and 10 kW is specified after Null function, which is used to substrate the test lead resistance and the thermal effect.
[6] For the range of 100 MW, the R.H. is specified for < 60%. The temperature coefficient will be 0.15 times of specified accuracy as > 50 MW.
[7] Overload protection: 1000 V RMS for circuits < 0.3 A short circuit current. The built-in buzzer sounds when reading is approximately below 50 mV and audible single
tone for normal forward biased diode or semiconductor junction as 0.3 V ≤ Reading ≤ 0.8 V.
[8] Input impedance: 10 MW (nominal) in parallel with <100 pF, with overload protection of 1000 V RMS
[9] Crest factor ≤ 3. For non-sinusoidal waveforms with crest factor up to 3, add 2% reading + 2% full scale typical.
[10] Current can be measured from 50 mA to 440 mA continuously. An additional 0.2% needs to be added to the specified accuracy if the signal measured is in the range of
440 mA to 1100 mA for 30 seconds maximum. After measuring a current of > 440 mA, leave the meter to cool down for twice the measuring time used before
application of low current measurement.
[11] Current can be measured from 0.5 A up to 10 A continuously with a maximum operating temperature of 50 °C. An additional 0.3% needs to be added to the
specified accuracy if the signal measured is in the range of 10 A to 19.999 A for 15 seconds maximum. After measuring a current of >10 A, leave the meter to cool
down for 60 seconds before applying a low current measurement.
[12] AC voltage and AC current specifications are AC coupled. True R.M.S. Measurement is valid from 5 % of range to 100 % of range.
AC SPECIFICATIONS
FUNCTION
RANGE
RESOLUTION
TEST CURRENT/
BURDEN VOLTAGE
ACCURACY ± (% of Reading + No. of Least Significant Digit)
40 Hz to 500 Hz
500 Hz to 1 kHz
1 kHz to 2 kHz
AC VOLTAGE[8][12]
TRUE RMS
1000.0 mV
0.1 mV
1% + 5
2% + 5
10.000 V
0.001 V
1% + 5
2% + 5
100.00 V
0.01 V
1000.0 V
0.1 V
AC Current[9][12]
TRUE RMS
1000.0 µA
0.1 µA
< 0.06 V (50 W)
1% + 5
1.5% + 5
10000 µA
1 µA
< 0.55 V (50 W)
100.00 mA
0.01 mA
< 0.18 V (0.5 W)
440.0 mA[10]
0.1 mA
< 0.8 V (0.5 W)
10.000 A[11]
0.001 A
< 0.4 V (0.01 W)


Similar Part No. - U1185A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1185A HP-U1185A Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
More results

Similar Description - U1185A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
U1242C KEYSIGHT-U1242C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1210 HP-U1210 Datasheet
441Kb / 17P
   Agilent U1210 Series Handheld Clamp Meters
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
U1253B HP-U1253B Datasheet
562Kb / 14P
   Agilent U1250 Series Handheld Digital Multimeters
U1250 HP-U1250 Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1701B HP-U1701B Datasheet
370Kb / 6P
   Agilent U1701B Handheld Capacitance Meter
logo
Pepperl+Fuchs Inc.
IC-HH52 PF-IC-HH52 Datasheet
901Kb / 2P
   Handheld
2022-05-19
IPT-HH51-Y70152075 PF-IPT-HH51-Y70152075 Datasheet
342Kb / 2P
   Handheld
2022-05-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com