Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATMEGA165 Datasheet(PDF) 14 Page - ATMEL Corporation

Part No. ATMEGA165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

ATMEGA165 Datasheet(HTML) 14 Page - ATMEL Corporation

Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
ATmega165/V
2573AS–AVR–06/04
Ordering Information
Notes:1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information and
minimum quantities.
2.
See Figure 127 and Figure 128.
3.
Pb-free alternative.
Speed (MHz)
Power Supply
Ordering Code
Package(1)
Operation Range
8(2)
1.8 - 5.5V
ATmega165V-8AI
ATmega165V-8AJ(3)
ATmega165V-8MI
ATmega165V-8MJ(3)
64A
64A
64M1
64M1
Industrial
(-4
0
°C to 85°C)
16(2)
4.5 - 5.5V
ATmega165-16AI
ATmega165-16AJ(3)
ATmega165-16MI
ATmega165-16MJ(3)
64A
64A
64M1
64M1
Industrial
(-4
0
°C to 85°C)
Package Type
64A
64-Lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP)
64M1
64-pad, 9 x 9 x 1.0 mm body, lead pitch 0.50 mm, Micro Lead Frame Package (MLF)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn