Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1163A Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # U1163A
Description  Agilent U1250 Series Handheld Digital Multimeters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1163A Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  U1163A Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1163A Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1163A Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1163A Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1163A Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1163A Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1163A Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1163A Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1163A Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
FUNCTION
RANGE
RESOLUTION
ACCURACY ± (% of reading + No. of Least Significant Digit)
FREQUENCY
30 Hz ~ 45 Hz
45 Hz ~ 2 kHz
2 kHz ~ 20 kHz
AC CURRENT[2]
500.00 µA[4]
0.01 µA
1.5+50
0.8+20
3.0+80
5000.0 µA
0.1 µA
1.5+40
3.0+60
50.000 mA
0.001 mA
440.00 mA
0.01 mA
5.0000 A
0.0001 A
2.0+40[6]
3+60,
<3 A/5 kHz
10.000 A[5]
0.001 A
U1252A/U1252B/U1253A/U1253B AC SPECIFICATIONS
FUNCTION
RANGE
RESOLUTION
ACCURACY ± (% of reading + No. of Least Significant Digit)
FREQUENCY
20 Hz ~ 45 Hz
45 Hz ~ 1 kHz
1 kHz ~ 10 kHz
10 kHz ~ 20 kHz
20 kHz~100 kHz[5]
TRUE RMS AC
VOLTAGE[1] [8]
50.000 mV
0.001 mV
1.5+60
0.4+40
0.7+40
3.5+120
500.00 mV
0.01 mV
0.4+25
1000.0 mV
0.1 mV
5.0000 V
0.0001 V
50.000 V
0.001 V
500.00 V
0.01 V
3.5+120[3]
1000.0 V
0.1 V
0.4+40
0.4+40
1.5+40[3]
N/A
FUNCTION
RANGE
RESOLUTION
ACCURACY ± (% of reading + No. of Least Significant Digit)
FREQUENCY
20 Hz ~ 45 Hz
45 Hz ~ 1 kHz
1 kHz ~ 20 kHz
20 kHz~100 kHz[7]
AC CURRENT[8]
500.00 µA[4]
0.01 µA
1.0+20
0.7+20
0.75+20
5.0+80
5000.0 µA
0.1 µA
50.000 mA
0.001 mA
440.00 mA
0.01 mA
1.5+20
5.0000 A
0.0001 A
1.5+20[6]
3+60,
<3 A/5 kHz
N/A
10.000 A[5]
0.001 A
[1] Input impedance: Refer to Table A on page 8.
[2] AC mV/V and AC µA/mA/A specifications are true RMS AC coupled, valid from 5% to 100% of range. The crest factor may be up to 3 at full scale, up to 5 at half-
scale, except for 1000 mV and 1000 V ranges, where the crest factor is 1.5 at full scale and 3 at half scale.
[3] The input signal is lower than 20,000,000 V-Hz (the product of voltage and frequency).
[4] Input current >35 µArms.
[5] Current can be measured from 2.5 A up to 10 A continuously. An additional 0.5% needs to be added to the specified accuracy if the signal measured is in the range
of 10 A ~ 20 A for 30 seconds maximum. After measuring a current of >10 A, leave the meter to cool down for twice the measuring time used before application of
low current measurement.
[6] Input current < 3 Arms.
[7] The additional error to be added as frequency >20 kHz and signal input <10% of range: 3 counts of LSD per kHz.
[8] Crest factor ≤ 3.0 at full scale, 5.0 at half scale except the 1000 mV and 1000 V ranges where it is 1.5 at full scale, 3.0 at half scale. For non-sinusoidal waveform,
add 0.1% of reading ± 0.3% of range.
0.4+25
0.4+25
0.6+25
0.75+40
1.5+40


Similar Part No. - U1163A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1163A HP-U1163A Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
U1163A HP-U1163A Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
U1163A HP-U1163A Datasheet
1Mb / 11P
   U1600 Series Handheld Digital Oscilloscopes
More results

Similar Description - U1163A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1253B HP-U1253B Datasheet
562Kb / 14P
   Agilent U1250 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1252B KEYSIGHT-U1252B Datasheet
2Mb / 15P
   U1250 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com