Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX30102 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX30102
Description  Fast Data Output Capability
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX30102 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX30102 Datasheet HTML 17Page - Maxim Integrated Products MAX30102 Datasheet HTML 18Page - Maxim Integrated Products MAX30102 Datasheet HTML 19Page - Maxim Integrated Products MAX30102 Datasheet HTML 20Page - Maxim Integrated Products MAX30102 Datasheet HTML 21Page - Maxim Integrated Products MAX30102 Datasheet HTML 22Page - Maxim Integrated Products MAX30102 Datasheet HTML 23Page - Maxim Integrated Products MAX30102 Datasheet HTML 24Page - Maxim Integrated Products MAX30102 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
The purpose of PILOT_PA[7:0] is to set the LED power during the proximity mode, as well as in Multi-LED mode.
Multi-LED Mode Control Registers (0x11–0x12)
In multi-LED mode, each sample is split into up to four time slots, SLOT1 through SLOT4. These control registers determine
which LED is active in each time slot, making for a very flexible configuration.
Each slot generates a 3-byte output into the FIFO. One sample comprises all active slots, for example if SLOT1 and
SLOT2 are non-zero, then one sample is 2 x 3 = 6 bytes.
The slots should be enabled in order (i.e., SLOT1 should not be disabled if SLOT2 is enabled).
Table 9. Multi-LED Mode Control Registers
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
REG
ADDR
POR
STATE R/W
Multi-LED
Mode Control
Registers
SLOT2[2:0]
SLOT1[2:0]
0x11
0x00
R/W
SLOT4[2:0]
SLOT3[2:0]
0x12
0x00
R/W
SLOTx[2:0] Setting
WHICH LED IS ACTIVE
LED PULSE AMPLITUDE SETTING
000
None (time slot is disabled)
N/A (Off)
001
LED1 (Red)
LED1_PA[7:0]
010
LED2 (IR)
LED2_PA[7:0]
011
None
N/A (Off)
100
None
N/A (Off)
101
LED1 (Red)
PILOT_PA[7:0]
110
LED2 (IR)
PILOT_PA[7:0]
www.maximintegrated.com
Maxim Integrated │ 21
MAX30102
High-Sensitivity Pulse Oximeter and
Heart-Rate Sensor for Wearable Health


Similar Part No. - MAX30102

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX30102 MAXIM-MAX30102 Datasheet
2Mb / 14P
   On-Board Accelerometer
Rev 0; 10/15
MAX30102ACCEVKIT MAXIM-MAX30102ACCEVKIT Datasheet
2Mb / 14P
   On-Board Accelerometer
Rev 0; 10/15
MAX30102EVKIT MAXIM-MAX30102EVKIT Datasheet
2Mb / 14P
   MAX30102 Evaluation Kit
Rev 0; 10/15
More results

Similar Description - MAX30102

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17F32 ATMEL-AT17F32_14 Datasheet
253Kb / 14P
   3.3V Output Capability
logo
STMicroelectronics
AN4140 STMICROELECTRONICS-AN4140 Datasheet
1Mb / 17P
   STLD41 output power capability
logo
Microchip Technology
MIC24052 MICROCHIP-MIC24052 Datasheet
1Mb / 34P
   6A Output Current Capability
11/07/16
logo
M.S. Kennedy Corporatio...
MSK4364 MSK-MSK4364_15 Datasheet
193Kb / 7P
   5 Amp Output Switch Capability
MSK4460 MSK-MSK4460_15 Datasheet
138Kb / 7P
   10 Amp Output Switch Capability
logo
Intersil Corporation
ISL6263D INTERSIL-ISL6263D Datasheet
396Kb / 17P
   Pre-biased Output Start-Up Capability
logo
Analog Devices
ADUM4136 AD-ADUM4136 Datasheet
849Kb / 17P
   4 A peak drive output capability
logo
Diodes Incorporated
SBR12U100P5 DIODES-SBR12U100P5 Datasheet
94Kb / 4P
   SUPER BARRIER RECTIFIER Soft, Fast Switching Capability
DS31388 Rev. 3 - 2
logo
New Jersey Semi-Conduct...
5082-1000 NJSEMI-5082-1000 Datasheet
245Kb / 2P
   FAST SWITCHING LOW CAPACITANCE HIGH CURRENT CAPABILITY
logo
Microchip Technology
MCP37210-200 MICROCHIP-MCP37210-200 Datasheet
3Mb / 116P
   Output Data Format
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com