Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC37C669FR Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # FDC37C669FR
Description  Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

FDC37C669FR Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  FDC37C669FR Datasheet HTML 1Page - Agilent(Hewlett-Packard) FDC37C669FR Datasheet HTML 2Page - Agilent(Hewlett-Packard) FDC37C669FR Datasheet HTML 3Page - Agilent(Hewlett-Packard) FDC37C669FR Datasheet HTML 4Page - Agilent(Hewlett-Packard) FDC37C669FR Datasheet HTML 5Page - Agilent(Hewlett-Packard) FDC37C669FR Datasheet HTML 6Page - Agilent(Hewlett-Packard) FDC37C669FR Datasheet HTML 7Page - Agilent(Hewlett-Packard) FDC37C669FR Datasheet HTML 8Page - Agilent(Hewlett-Packard) FDC37C669FR Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Agilent HSDL-3602
IrDA® Data 1.4 Compliant
4 Mb/s 3V Infrared Transceiver
Data Sheet
Features
• Fully compliant to IrDA
1.1 specifications:
— 9.6 kb/s to 4 Mb/s operation
— Excellent nose-to-nose
operation
• Typical link distance > 1.5 m
• IEC825-Class 1 eye safe
• Wide operating voltage range
— 2.7 V to 3.6 V
• Small module size
— 4.0 x 12.2 x 4.9 mm (H x W x D)
• Complete shutdown
— TXD, RXD, PIN diode
• Low shutdown current
— 10 nA typical
• Adjustable optical power
management
— Adjustable LED drive-current
to maintain link integrity
• Single Rx data output
— FIR select pin switch to FIR
• Integrated EMI shield
— Excellent noise immunity
• Edge detection input
— Prevents the LED from long
turn-on time
• Interface to various super I/O and
controller devices
• Designed to accommodate light
loss with cosmetic window
• Only 2 external components are
required
Description
The HSDL-3602 is a low-height
infrared transceiver module that
provides interface between logic
and IR signals for through-air,
serial, half-duplex IR data link.
The module is compliant to IrDA
Data Physical Layer Specifica-
tions 1.1 and IEC825-Class 1 Eye
Safety Standard.
Applications
• Digital imaging
— Digital still cameras
— Photo-imaging printers
• Data communication
— Notebook computers
— Desktop PCs
— Win CE handheld products
— Personal Digital Assistants
(PDAs)
— Printers
— Fax machines, photocopiers
— Screen projectors
— Auto PCs
— Dongles
— Set-top box
• Telecommunication products
— Cellular phones
— Pagers
• Small industrial and medical
instrumentation
— General data collection
devices
— Patient and pharmaceutical
data collection devices
• IR LANs
TXD (9)
MD0 (4)
MD1 (5)
RXD (8)
FIR_SEL (3)
GND (7)
AGND (2)
VCC (1)
R1
VCC
SP
HSDL-3602
CX1
CX2
LEDA (10)
HSDL-3602 Functional block diagram


Similar Part No. - FDC37C669FR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669 Datasheet
621Kb / 164P
   PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
FDC37C669 SMSC-FDC37C669 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
logo
Microchip Technology
FDC37C669-MT MICROCHIP-FDC37C669-MT Datasheet
593Kb / 162P
   PC 98/99 Compliant Super I/O Floppy Disk Controller
Rev. 06/29/2007
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
More results

Similar Description - FDC37C669FR

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Infineon Technologies A...
IRMS6453 INFINEON-IRMS6453 Datasheet
452Kb / 7P
   4 Mb/s Infrared Data Transceiver
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3601 HP-HSDL-3601 Datasheet
685Kb / 31P
   IrDA Compliant 4 Mb/s 5 V Infrared Transceiver
HSDL-3600 HP-HSDL-3600 Datasheet
567Kb / 34P
   IrDA Compliant 4 Mb/s 3 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3600 AVAGO-HSDL-3600 Datasheet
1Mb / 34P
   IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3612 HP-HSDL-3612 Datasheet
356Kb / 25P
   IrDA Data Compliant 115.2kb/s 3V to 5V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com