Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC16M25-205 Datasheet(PDF) 3 Page - Copal Electronics

Part # REC16M25-205
Description  MANUAL SETTING TYPE OPTICAL ENCODERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

REC16M25-205 Datasheet(HTML) 3 Page - Copal Electronics

  REC16M25-205 Datasheet HTML 1Page - Copal Electronics REC16M25-205 Datasheet HTML 2Page - Copal Electronics REC16M25-205 Datasheet HTML 3Page - Copal Electronics REC16M25-205 Datasheet HTML 4Page - Copal Electronics REC16M25-205 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
( 7.6 )
( 16.6 )
( 9.4 )
14
6.5
23
10.5 MAX
3
9208B - 1 - 6Z032 - PT1
Made by IRISO ELECTRONICS CO., LTD
PIN HEADER :
PIN
1
2
4
5
63
5 - 2.54
16
2 - 0.5
1. Nut
2. Washer
9.4
12.9
0.5
1
2
12
M9 P = 0.75
〈 Accessories 〉
8.2
9.2
9.2
Panel Cut-out Dimensions
Panel Cut-out Dimensions
(Locking type)
0.1
0.1
0.1
φ
φ
φ
φ
Transistor
:RN1707JE eqivalent
Schmitt IC
:TC7W14FK eqivalent
Vcc (5V)
Output "A", "B"
Switch
Switch
GND (OV)
4.7k
Ω
Output Circuitry
Receiving Circuitry
REC16K/REC16L/REC16M
OPTICAL ENCODERS
Vibration
Power OFF
Power OFF
Power OFF
Power ON
Power OFF
Power OFF
Shock
High temperature
exposure
Low temperature
exposure
Humidity
Thermal shock
Power OFF
Power ON
O Single shaft and PIN HEADER
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.4 (Unit: mm)
Test item
RELIABILITY TEST
The output shall satisfy the criteria below after the following tests.
Test conditions
Amplitude : 1.52 mm or 98.1 m/s
2 (10 G) whichever is smaller.
10 ~ 500 Hz excursion 15 min/cycle, 8 cycles each for X, Z, directions.
3 times each in directions (X, Z) at 490 m/s
2 (50 G), 11 ms.
80 °C 96 h
(To be measured after leaving samples for 1 h at normal temperature and
humidity after the test.)
50 °C 96 h
− 20 °C 96 h
0 °C 96 h
40 °C Relative humidity 90 ∼ 95 % 96 h
(To be measured after wiping out moisture and leaving samples for 1 h at normal temperature and humidity after the test.)
To be done 10 cycles with the following condition
(To be measured after leaving samples for 1 h at normal temperature and humidity after the test.)
80 °C 0.5 h、
− 20 °C 0.5 h
PIN ASSIGNMENT
Pin No.
With switch
Without switch
1
Power 0 (V)
Power 0 (V)
2
For switch
N C
3
For switch
N C
4
Output “B”
Output “B”
5
Output “A”
Output “A”
6
Power
5V
Power
5V
OUTPUT CIRCUITRY AND RECEIVING CIRCUITRY


Similar Part No. - REC16M25-205

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
REC16 COPAL-REC16 Datasheet
123Kb / 4P
   MANUAL SETTING TYPE OPTICAL ENCODERS
REC16A25-201 COPAL-REC16A25-201 Datasheet
123Kb / 4P
   MANUAL SETTING TYPE OPTICAL ENCODERS
REC16A25-201-C COPAL-REC16A25-201-C Datasheet
123Kb / 4P
   MANUAL SETTING TYPE OPTICAL ENCODERS
REC16A50-201 COPAL-REC16A50-201 Datasheet
123Kb / 4P
   MANUAL SETTING TYPE OPTICAL ENCODERS
REC16A50-201-C COPAL-REC16A50-201-C Datasheet
123Kb / 4P
   MANUAL SETTING TYPE OPTICAL ENCODERS
More results

Similar Description - REC16M25-205

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
REC16D COPAL-REC16D Datasheet
107Kb / 4P
   MANUAL SETTING TYPE OPTICAL ENCODERS
REC COPAL-REC Datasheet
131Kb / 6P
   MANUAL SETTING TYPE OPTICAL ENCODERS
REC16 COPAL-REC16 Datasheet
123Kb / 4P
   MANUAL SETTING TYPE OPTICAL ENCODERS
RMS20 COPAL-RMS20 Datasheet
78Kb / 3P
   MANUAL SETTING TYPE MAGNETIC ENCODERS
logo
Grayhill, Inc
61RS256-060 GRAYHILL-61RS256-060 Datasheet
42Kb / 1P
   Optical Encoders
logo
Copal Electronics
RE12D COPAL-RE12D Datasheet
63Kb / 2P
   OPTICAL ENCODERS
RE30E COPAL-RE30E Datasheet
679Kb / 3P
   OPTICAL ENCODERS
RE20F COPAL-RE20F Datasheet
83Kb / 3P
   OPTICAL ENCODERS
RE12 COPAL-RE12 Datasheet
68Kb / 3P
   OPTICAL ENCODERS
logo
Agilent(Hewlett-Packard...
HEDS-5700 HP-HEDS-5700 Datasheet
110Kb / 3P
   Panel Mount Optical Encoders
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com