Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFCT-5208A Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HFCT-5208A
Description  Agilent HFBR/HFCT-5208M 1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFCT-5208A Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HFCT-5208A Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFCT-5208A Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFCT-5208A Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFCT-5208A Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFCT-5208A Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFCT-5208A Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFCT-5208A Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFCT-5208A Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFCT-5208A Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
7
(0.25 in) . With this option, there
is flexibility of positioning the
module to fit the specific need of
the enclosure design. (See Figure 8
for the mechanical drawing
dimensions of this shield.)
The second shielded option,
option FM, is for applications that
are designed to have a flush
mounting of the module with
respect to the front of the panel or
enclosure. The flush-mount design
accommodates a large variety of
panel thickness, i.e. 1.02 mm
(.04 in) min to 2.54 mm (0.1 in)
max. Note the reference plane for
the flush-mount design is the
interior side of the panel or
enclosure. The recommended
distance from the centerline of the
transceiver front solder posts to
the inside wall of the panel is
13.82 mm (0.544 in) . This option
contacts the inside panel or
enclosure wall on all four sides of
this metal shield. (See Figure 10
for the mechanical drawing
dimensions of this shield.)
Both shielded design options
connect only to the equipment
chassis and not to the signal or
logic ground of the circuit board
within the equipment closure. The
front panel aperture dimensions
are recommended in Figures 9
and 11. When layout of the printed
circuit board is done to
incorporate these metal-shielded
transceivers, keep the area on the
printed circuit board directly
under the external metal shield
free of any components and
circuit board traces. For
additional EMI performance
advantage, use duplex SC fiber-
optic connectors that have low
metal content inside the
connector. This lowers the ability
of the metal fiber-optic
connectors to couple EMI out
through the aperture of the panel
or enclosure.
Recommended Solder and Wash
Process
The HFBR/HFCT-5208M is
compatible with industry-standard
wave or hand solder processes.
HFBR-5000 Process Plug
The HFBR/HFCT-5208M
transceiver is supplied with a
process plug, the HFBR-5000, for
protection of the optical ports
with the Duplex SC connector
receptacle. This process plug
prevents contamination during
wave solder and aqueous rinse as
well as during handling, shipping
or storage. It is made of high-
temperature, molded, sealing
material that will withstand
+85°C and a rinse pressure of
110 lb/in2.
Recommended Solder Fluxes and
Cleaning/Degreasing Chemicals
Solder fluxes used with the
HFBR/HFCT-5208M fiber-optic
transceiver should be water-
soluble, organic solder fluxes.
Some recommended solder fluxes
are Lonco 3355-11 from London
Chemical West, Inc. of Burbank,
CA, and 100 Flux from Alpha-
metals of Jersey City, NJ or
equivalent fluxes from other
companies.
Recommended cleaning and
degreasing chemicals for the
HFBR/HFCT-5208M are alcohols
(methyl, isopropyl, isobutyl),
aliphatics (hexane, heptane) and
other chemicals, such as soap
solution or naphtha. Do not use
partially halogenated
hydrocarbons for cleaning/
degreasing. Examples of
chemicals to avoid are 1,1.1
trichloroethane, ketones (such as
MEK), acetone, chloroform, ethyl
acetate, methylene dichloride,
phenol, methylene chloride or
N methylpyrolldone.
Regulatory Compliance
These transceiver products are
intended to enable commercial
system designers to develop
equipment that complies with the
various regulations governing
certification of Information
Technology Equipment. See the
Regulatory Compliance Table
for details. Additional information
is available from your Agilent
sales representative.
Electrostatic Discharge (ESD)
There are two design cases in
which immunity to ESD damage is
important.
The first case is during handling of
the transceiver prior to mounting it
on the circuit board. It is important
to use normal ESD handling
precautions for ESD sensitive
devices. These precautions
include using grounded wrist
straps, work benches, and floor
mats in ESD controlled areas, etc.
The second case to consider is
static discharges to the exterior of
the equipment chassis containing
the transceiver parts. To the
extent that the duplex SC
connector receptacle is exposed
to the outside of the equipment
chassis, it may be subject to
whatever ESD system level test
criteria that the equipment is
intended to meet.
Electromagnetic Interference (EMI)
Most equipment designs utilizing
these high-speed transceivers
from Agilent will be required to
meet the requirements of FCC in
the United States, CENELEC
EN55022 (CISPR 22) in Europe
and VCCI in Japan.
The HFBR/HFCT-5208M EMI has
been characterized with a chassis
enclosure to demonstrate the
robustness of the parts.
Performance of a system
containing these transceivers will
vary depending on the individual
chassis design.


Similar Part No. - HFCT-5208A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-5208AEM AVAGO-HFCT-5208AEM Datasheet
412Kb / 20P
   1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
HFCT-5208AFM AVAGO-HFCT-5208AFM Datasheet
412Kb / 20P
   1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
HFCT-5208AM AVAGO-HFCT-5208AM Datasheet
412Kb / 20P
   1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
More results

Similar Description - HFCT-5208A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5208M AVAGO-HFBR-5208M Datasheet
412Kb / 20P
   1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
HFBR-5208XXXZ AVAGO-HFBR-5208XXXZ Datasheet
237Kb / 17P
   1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
Agilent(Hewlett-Packard...
HFCT-5215B HP-HFCT-5215B Datasheet
236Kb / 10P
   Agilent HFCT-5215B/D 155 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-3/SDH STM-1 (L1.1)
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5815DZ AVAGO-AFCT-5815DZ Datasheet
134Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5805AZ AVAGO-AFCT-5805AZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5805BZ AVAGO-AFCT-5805BZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
logo
Agilent(Hewlett-Packard...
HFCT-5805 HP-HFCT-5805 Datasheet
219Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
logo
List of Unclassifed Man...
TTC-2T18 ETC1-TTC-2T18 Datasheet
90Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR 155 MBPS ATM, SONET OC-3/SDH STM-1
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
   1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
TTC-1C23-300 ETC-TTC-1C23-300 Datasheet
38Kb / 2P
   1 횞 9 Fiber Optic Transceiver for Fast Ethernet, FDDI, ATM/SONET/SDH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com