Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFCT-5962TL Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HFCT-5962TL
Description  Agilent HFCT-5964TL/TG/NL/NG/ATL/ ATG Single Mode Laser Small Form Factor Transceivers for ATM, SONET OC-3 /SDH STM-1 Part of the Agilent METRAK family
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFCT-5962TL Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HFCT-5962TL Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFCT-5962TL Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFCT-5962TL Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFCT-5962TL Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFCT-5962TL Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFCT-5962TL Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFCT-5962TL Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFCT-5962TL Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFCT-5962TL Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
7
Application Information
The Applications Engineering
Group at Agilent is available to
assist you with technical
understanding and design trade-
offs associated with these
transceivers. You can contact
them through your Agilent sales
representative.
The following information is
provided to answer some of the
most common questions about
the use of the parts.
Optical Power Budget and
Link Penalties
The worst-case Optical Power
Budget (OPB) in dB for a fiber-
optic link is determined by the
difference between the
Figure 6a. Recommended dc coupled interface circuit
minimum transmitter output
optical power (dBm avg) and the
lowest receiver sensitivity (dBm
avg). This OPB provides the
necessary optical signal range to
establish a working fiber-optic
link. The OPB is allocated for the
fiber-optic cable length and the
corresponding link penalties.
For proper link performance, all
penalties that affect the link
performance must be accounted
for within the link optical power
budget.
Electrical and Mechanical Interface
Recommended Circuit
Figures 6a and 6b show
recommended dc and ac coupled
circuits for deploying the Agilent
transceivers in +3.3 V systems.
Data Line Interconnections
Agilent’s HFCT-5964TL/TG/NL/
NG/ATL/ATG fiber-optic
transceivers are designed to
couple to +3.3 V PECL signals.
The transmitter driver circuit
regulates the output optical
power. The regulated light
output will maintain a constant
output optical power provided
the data pattern is reasonably
balanced in duty cycle. If the
data duty cycle has long,
continuous state times (low or
high data duty cycle), then the
output optical power will
gradually change its average
output optical power level to its
preset value.
Z = 50 W
Z = 50 W
Z = 50 W
Z = 50 W
SD
LVTTL
LVPECL
V
CC (+3.3 V)
V
CC (+3.3 V)
RD+
RD-
Z = 50 W
1
T
X
R
X
130 W
130 W
130 W
130 W
V
CC RX (+3.3 V)
P
MON+
P
MON-
B
MON+
B
MON-
T
DIS (LVTTL)
23
45
67
8
9 10
20 19 18 17 16 15 14 13 12 11
TD-
TD+
Note:
C1 = C2 = C3 = 10 nF or 100 nF
Note A: THE BIAS RESISTOR FOR VpdR SHOULD NOT EXCEED 200
W
* C4 AND C5 ARE OPTIONAL BYPASS CAPACITORS FOR ADDITIONAL
LOW FREQUENCY NOISE FILTERING.
200 W
NOTE A
10 nF
1 µH
C2
1 µH
C1
C3
10 µF
V
CC (+3.3 V)
C4 *
10 µF
C5 *
10 µF
100 W
100 W
TERMINATE AT
TRANSCEIVER INPUTS
PHY DEVICE
LVPECL
TERMINATE AT
DEVICE INPUTS


Similar Part No. - HFCT-5962TL

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5903 HP-HFCT-5903 Datasheet
164Kb / 12P
   MT-RJ Duplex Single Mode Transceiver
HFCT-5903E HP-HFCT-5903E Datasheet
164Kb / 12P
   MT-RJ Duplex Single Mode Transceiver
HFCT-5905 HP-HFCT-5905 Datasheet
168Kb / 12P
   Agilent HFCT-5905E MT-RJ Duplex Single Mode Transceiver
HFCT-5905E HP-HFCT-5905E Datasheet
168Kb / 12P
   Agilent HFCT-5905E MT-RJ Duplex Single Mode Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-5911ATLZ AVAGO-HFCT-5911ATLZ Datasheet
320Kb / 16P
   Single Mode Laser Transceivers for Gigabit Ethernet and iSCSI
More results

Similar Description - HFCT-5962TL

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5942 HP-HFCT-5942 Datasheet
303Kb / 19P
   Agilent HFCT-5942xxx Single Mode Laser Small Form Factor Transceivers for ATM, SONET OC-48/SDH STM-16 Part of the Agilent METRAK family
HFCT-5215B HP-HFCT-5215B Datasheet
236Kb / 10P
   Agilent HFCT-5215B/D 155 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-3/SDH STM-1 (L1.1)
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5943LZ AVAGO-AFCT-5943LZ Datasheet
407Kb / 15P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation (Part of the Avago Technologies??METRAK family)
AFCT-5942LZ AVAGO-AFCT-5942LZ Datasheet
574Kb / 18P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Singlerate Operation (Part of the Avago Technologies??METRAK family)
logo
Agilent(Hewlett-Packard...
HFCT-5760TL HP-HFCT-5760TL Datasheet
312Kb / 16P
   Single Mode OC-3/STM-1 Small Form Factor Pluggable Transceivers
logo
Delta Electronics, Inc.
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LC-200A4H1M DELTA-LC-200A4H1M Datasheet
116Kb / 8P
   2x5 Small Form Factor 1310nm Transceiver for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5963LZ AVAGO-HFBR-5963LZ Datasheet
216Kb / 14P
   Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC Connector
HFBR-5961ALZ AVAGO-HFBR-5961ALZ Datasheet
418Kb / 13P
   Multimode Small Form Factor (SFF) Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com