Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFCT-5208AEM Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HFCT-5208AEM
Description  Agilent HFBR/HFCT-5208M 1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFCT-5208AEM Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HFCT-5208AEM Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFCT-5208AEM Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFCT-5208AEM Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFCT-5208AEM Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFCT-5208AEM Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFCT-5208AEM Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFCT-5208AEM Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFCT-5208AEM Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFCT-5208AEM Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
5
Figure 5. Recommended Board Layout Pattern
Figure 6. 622.08 Mb/s OC-12 ATM-SONET/SDH Reference Design Board
20.32
(0.800)
TOP VIEW
2 x Ø 1.9 ± 0.1
(0.075 ± 0.004)
20.32
(0.800)
2.54
(0.100)
9 x Ø 0.8 ± 0.1
(0.032 ± 0.004)
DIMENSIONS ARE IN MILLIMETERS (INCHES)
Reference Design
Agilent has developed a reference
design for multimode and single-
mode OC-12 ATM-SONET/SDH
applications shown in Figure 6.
This reference design uses a
Vitesse Semiconductor Inc.’s
VSC8117 clock recovery/clock
generation/serializer/deserializer
integrated circuit and a PMC-
Sierra Inc. PM5355 framer IC.
Application Note 1178 documents
the design, layout, testing and
performance of this reference
design. Gerber files, schematic
and application note are available
from the Agilent Fiber-Optics
Components’ web site at the URL
of http://www.semiconductor.
agilent.com.
Operation in -5.2 V Designs
For applications that require
-5.2 V dc power supply level for
true ECL logic circuits, the
HFBR/HFCT-5208M transceiver
can be operated with a VCC = 0 V
dc and a VEE = -5.2 V dc. This
transceiver is not specified with
an operating, negative power
supply voltage. The potential
compromises that can occur with
use of -5.2 V dc power are that the
absolute voltage states for VOH
and VOL will be changed slightly
due to the 0.2 V difference in
supply levels. Also, noise
immunity may be compromised
for the HFBR/HFCT-5208M trans-
ceiver because the ground plane is
now the VCC supply point. The
suggested power supply filter
circuit shown in the Recommended
Circuit Schematic figure should be
located in the VEE paths at the
transceiver supply pins. Direct
coupling of the differential data
signal can be done between the
HFBR-5208M transceiver and the
standard ECL circuits. For
guaranteed -5.2 V dc operation,
contact your local Agilent
Component Field Sales Engineer
for assistance.
Electromagnetic Interference (EMI)
One of a circuit board designer’s
foremost concerns is the control
of electromagnetic emissions
from electronic equipment.
Success in controlling generated
Electromagnetic Interference
(EMI) enables the designer to pass
a governmental agency’s EMI
regulatory standard; and more
importantly, it reduces the
possibility of interference to
neighboring equipment. There are
three options available for the
HFBR/HFCT-5208M with regard to
EMI shielding for providing the
designer with a means to achieve
good EMI performance. The EMI
performance of an enclosure
using these transceivers is
dependent on the chassis design.
Agilent encourages using standard
RF suppression practices and
avoiding poorly EMI-sealed
enclosures. In addition, Agilent
advises that for the best EMI
performance, the metalized case
must be connected to chassis
ground using one of the shield
options.


Similar Part No. - HFCT-5208AEM

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-5208AEM AVAGO-HFCT-5208AEM Datasheet
412Kb / 20P
   1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
More results

Similar Description - HFCT-5208AEM

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5208M AVAGO-HFBR-5208M Datasheet
412Kb / 20P
   1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
HFBR-5208XXXZ AVAGO-HFBR-5208XXXZ Datasheet
237Kb / 17P
   1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
Agilent(Hewlett-Packard...
HFCT-5215B HP-HFCT-5215B Datasheet
236Kb / 10P
   Agilent HFCT-5215B/D 155 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-3/SDH STM-1 (L1.1)
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5815DZ AVAGO-AFCT-5815DZ Datasheet
134Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5805AZ AVAGO-AFCT-5805AZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5805BZ AVAGO-AFCT-5805BZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
logo
Agilent(Hewlett-Packard...
HFCT-5805 HP-HFCT-5805 Datasheet
219Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
logo
List of Unclassifed Man...
TTC-2T18 ETC1-TTC-2T18 Datasheet
90Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR 155 MBPS ATM, SONET OC-3/SDH STM-1
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
   1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
TTC-1C23-300 ETC-TTC-1C23-300 Datasheet
38Kb / 2P
   1 횞 9 Fiber Optic Transceiver for Fast Ethernet, FDDI, ATM/SONET/SDH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com