Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFCT-5208EM Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HFCT-5208EM
Description  Agilent HFBR/HFCT-5208M 1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFCT-5208EM Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HFCT-5208EM Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFCT-5208EM Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFCT-5208EM Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFCT-5208EM Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFCT-5208EM Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFCT-5208EM Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFCT-5208EM Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFCT-5208EM Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFCT-5208EM Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Agilent HFBR/HFCT-5208M 1 x 9
Fiber Optic Transceivers for 622 Mb/s
ATM/SONET/SDH Applications
Data Sheet
Description
General
The HFBR-5208M (multimode
transceiver) and HFCT-5208M
(single-mode transceiver) from
Agilent allow the system designer
to implement a range of solutions
for ATM/SONET STS-12/SDH
STM-4 applications.
The overall Agilent transceiver
consists of three sections: the
transmitter and receiver optical
subassemblies, an electrical
subassembly and the mezzanine
package housing which
incorporates a duplex SC
connector receptacle.
Transmitter Section
The transmitter section of the
HFBR-5208M consists of a 1300 nm
LED in an optical subassembly
(OSA) which mates to the multi-
mode fiber cable. The HFCT-5208M
incorporates a 1300 nm Fabry
Perot (FP) laser in the optical
subassembly. In addition, this
package has been designed to be
compliant with IEC 825 eye-safety
requirements under any single
fault condition. The OSA’s are
driven by a custom, silicon bipolar
IC which converts differential
PECL logic signals (ECL
referenced to a +5 V supply) into
an analog LED/laser drive current.
Applications
HFBR-5208M:
• General purpose low-cost MMF
links at 155 to 650 Mb/s
• ATM 622 Mb/s MMF links from
switch-to-switch or switch-to-
server in the end-user premise
• Private MMF interconnections at
622 Mb/s SONET STS-12/SDH
STM-4 rate
HFCT-5208M:
• ATM 622 Mb/s SMF links from
switch-to-switch or switch-to-
server in the end-user premise
• Private SMF interconnections at
622 Mb/s SONET STS-12/SDH
STM-4 rate
622 Mb/s Product Family
HFCT-5218M:
• 1300 nm laser-based transceiver
in 1 x 9 package for links of 40 km
with single-mode fiber cables
Features
• Performance
HFBR-5208M:
Links of 500 m with 62.5/125 µm
multimode fiber (MMF) from
155-622 Mb/s
HFCT-5208M:
Links of 15 km with 9/125 µm
single-mode fiber (SMF)
• Compliant with ATM forum
622.08 Mb/s physical layer
specification (AF-PHY-0046.000)
• Compliant with ANSI broadband
ISDN - physical layer
specification T1.646-1995 and
T1.646a-1997
• HFBR-5208M is compliant with
ANSI network to customer
installation interfaces -
synchronous optical NETwork
(SONET) physical media
dependent specification:
multimode fiber T1.416.01-1998
• HFCT-5208M is compliant to the
intermediate SONET OC12/SDH
STM(S4.1) specifications
• Industry-standard multi-sourced
1 x 9 mezzanine package style
• Single +5 V power supply
operation and PECL logic
interfaces
• Wave solder and aqueous wash
process compatible
• Unconditionally eye safe laser IEC
825/CDRH Class 1 compliant


Similar Part No. - HFCT-5208EM

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-5208AEM AVAGO-HFCT-5208AEM Datasheet
412Kb / 20P
   1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
HFCT-5208AFM AVAGO-HFCT-5208AFM Datasheet
412Kb / 20P
   1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
HFCT-5208AM AVAGO-HFCT-5208AM Datasheet
412Kb / 20P
   1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
HFCT-5208M AVAGO-HFCT-5208M Datasheet
412Kb / 20P
   1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
More results

Similar Description - HFCT-5208EM

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5208M AVAGO-HFBR-5208M Datasheet
412Kb / 20P
   1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
HFBR-5208XXXZ AVAGO-HFBR-5208XXXZ Datasheet
237Kb / 17P
   1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
Agilent(Hewlett-Packard...
HFCT-5215B HP-HFCT-5215B Datasheet
236Kb / 10P
   Agilent HFCT-5215B/D 155 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-3/SDH STM-1 (L1.1)
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5815DZ AVAGO-AFCT-5815DZ Datasheet
134Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5805AZ AVAGO-AFCT-5805AZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5805BZ AVAGO-AFCT-5805BZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
logo
Agilent(Hewlett-Packard...
HFCT-5805 HP-HFCT-5805 Datasheet
219Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
logo
List of Unclassifed Man...
TTC-2T18 ETC1-TTC-2T18 Datasheet
90Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR 155 MBPS ATM, SONET OC-3/SDH STM-1
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
   1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
TTC-1C23-300 ETC-TTC-1C23-300 Datasheet
38Kb / 2P
   1 횞 9 Fiber Optic Transceiver for Fast Ethernet, FDDI, ATM/SONET/SDH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com