Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFCT-5942 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HFCT-5942
Description  Agilent HFCT-5942xxx Single Mode Laser Small Form Factor Transceivers for ATM, SONET OC-48/SDH STM-16 Part of the Agilent METRAK family
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFCT-5942 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HFCT-5942 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFCT-5942 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFCT-5942 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFCT-5942 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFCT-5942 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFCT-5942 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFCT-5942 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFCT-5942 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFCT-5942 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
4
Package
The overall package concept
for the device consists of the
following basic elements; two
optical subassemblies, two
electrical subassemblies and
the housing as illustrated in
the block diagram in Figure 3.
The package outline drawing
and pin out are shown in
Figures 4 and 5. The details of
this package outline and pin
out are compliant with the
multisource definition of the 2
x 10 DIP.
A metallic nose clip provides
connection to chassis ground
for both EMI and thermal
dissipation.
The electrical subassemblies
consist of high volume
multilayer printed circuit
boards on which the IC and
various surface-mounted
passive circuit elements are
attached.
The receiver electrical
subassembly includes an
internal shield for the
electrical and optical
subassembly to ensure high
immunity to external EMI
fields.
The optical subassemblies are
each attached to their
respective transmit or receive
electrical subassemblies. These
two units are then fitted
within the outer housing of the
transceiver that is molded of
filled nonconductive plastic to
provide mechanical strength.
The housing is then encased
with a metal EMI protective
shield. The case is signal
ground and we recommend
soldering the four ground tabs
to host card signal ground.
The pcb’s for the two electrical
subassemblies both carry the
signal pins that exit from the
bottom of the transceiver. The
solder posts are fastened into
the molding of the device and
are designed to provide the
mechanical strength required
to withstand the loads
imposed on the transceiver by
mating with the LC
connectored fiber cables.
Although they are not
connected electrically to the
transceiver, it is recommended
to connect them to chassis
ground.
Figure 3. Block Diagram
DATA OUT
SIGNAL
DETECT
DATA IN
DATA IN
Tx DISABLE
B
MON(+)
B
MON(-)
P
MON(+)
P
MON(-)
QUANTIZER IC
LASER DRIVER
AND CONTROL
CIRCUIT
PIN PHOTODIODE
PREAMPLIFIER
SUBASSEMBLY
LASER
OPTICAL
SUBASSEMBLY
DATA OUT
LC
RECEPTACLE
R
X SUPPLY
T
X SUPPLY
R
X GROUND
T
X GROUND
PHOTO DETECTOR
BIAS
LASER BIAS
MONITORING
LASER DIODE
OUTPUT POWER
MONITORING
CASE
*
* NOSE CLIP PROVIDES CONNECTION TO CHASSIS GROUND FOR BOTH EMI AND THERMAL DISSIPATION.


Similar Part No. - HFCT-5942

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5903 HP-HFCT-5903 Datasheet
164Kb / 12P
   MT-RJ Duplex Single Mode Transceiver
HFCT-5903E HP-HFCT-5903E Datasheet
164Kb / 12P
   MT-RJ Duplex Single Mode Transceiver
HFCT-5905 HP-HFCT-5905 Datasheet
168Kb / 12P
   Agilent HFCT-5905E MT-RJ Duplex Single Mode Transceiver
HFCT-5905E HP-HFCT-5905E Datasheet
168Kb / 12P
   Agilent HFCT-5905E MT-RJ Duplex Single Mode Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-5911ATLZ AVAGO-HFCT-5911ATLZ Datasheet
320Kb / 16P
   Single Mode Laser Transceivers for Gigabit Ethernet and iSCSI
More results

Similar Description - HFCT-5942

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5964TL HP-HFCT-5964TL Datasheet
254Kb / 17P
   Agilent HFCT-5964TL/TG/NL/NG/ATL/ ATG Single Mode Laser Small Form Factor Transceivers for ATM, SONET OC-3 /SDH STM-1 Part of the Agilent METRAK family
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5943LZ AVAGO-AFCT-5943LZ Datasheet
407Kb / 15P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation (Part of the Avago Technologies??METRAK family)
AFCT-5942LZ AVAGO-AFCT-5942LZ Datasheet
574Kb / 18P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Singlerate Operation (Part of the Avago Technologies??METRAK family)
logo
Agilent(Hewlett-Packard...
HFCT-5215B HP-HFCT-5215B Datasheet
236Kb / 10P
   Agilent HFCT-5215B/D 155 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-3/SDH STM-1 (L1.1)
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5944LZ AVAGO-AFCT-5944LZ Datasheet
526Kb / 16P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
logo
Broadcom Corporation.
AFCT-5943XXZ BOARDCOM-AFCT-5943XXZ Datasheet
407Kb / 15P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
AFCT-5944LZ BOARDCOM-AFCT-5944LZ Datasheet
480Kb / 16P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
AFCT-5942XXXZ BOARDCOM-AFCT-5942XXXZ Datasheet
574Kb / 18P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Singlerate Operation
AFCT-5745Z BOARDCOM-AFCT-5745Z Datasheet
542Kb / 18P
   Family of Single-Mode SFP Transceivers for SONET OC-48 and SDH/STM-16 with Digital Diagnostic Monitoring (DMI) Interface
logo
Delta Electronics, Inc.
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com