Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFBR-59L1AL Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part No. HFBR-59L1AL
Description  Agilent HFBR-59L1AL 1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-59L1AL Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HFBR-59L1AL Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-59L1AL Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-59L1AL Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-59L1AL Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR-59L1AL Datasheet HTML 12Page - Agilent(Hewlett-Packard) HFBR-59L1AL Datasheet HTML 13Page - Agilent(Hewlett-Packard) HFBR-59L1AL Datasheet HTML 14Page - Agilent(Hewlett-Packard) HFBR-59L1AL Datasheet HTML 15Page - Agilent(Hewlett-Packard) HFBR-59L1AL Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
12
Figure 5. Transceiver timing diagrams.
Tx_FAULT
VCC > 2.97 V
t_init
Tx_DISABLE
TRANSMITTED SIGNAL
t_init
Tx_FAULT
VCC > 2.97 V
Tx_DISABLE
TRANSMITTED SIGNAL
t-init: TX DISABLE DE-ASSERTED
t-init: TX DISABLE ASSERTED
t_off
Tx_FAULT
Tx_DISABLE
TRANSMITTED SIGNAL
t-off & t-on: TX DISABLE ASSERTED THEN NEGATED
t_on
Tx_FAULT
OCCURANCE OF FAULT
Tx_DISABLE
TRANSMITTED SIGNAL
t-reset: TX DISABLE ASSERTED THEN NEGATED, TX SIGNAL RECOVERED
t_reset
t_init*
* SFP SHALL CLEAR TX_FAULT IN
< t_init IF THE FAILURE IS TRANSIENT
OPTICAL SIGNAL
Rx_SD
t-loss-on & t-loss-off
t_loss_on
t_loss_off
OCCURANCE
OF LOSS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn