Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFBR-59L1AL Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part No. HFBR-59L1AL
Description  Agilent HFBR-59L1AL 1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-59L1AL Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HFBR-59L1AL Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-59L1AL Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-59L1AL Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-59L1AL Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-59L1AL Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR-59L1AL Datasheet HTML 12Page - Agilent(Hewlett-Packard) HFBR-59L1AL Datasheet HTML 13Page - Agilent(Hewlett-Packard) HFBR-59L1AL Datasheet HTML 14Page - Agilent(Hewlett-Packard) HFBR-59L1AL Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
10
Transmitter Optical Characteristics
(TC = -10 °C to +85 °C, VCCT, R = 3.3 V ±10%)
Notes:
1. Max Pout is the lesser of 0 dBm or Maximum allowable per Eye Safety Standard.
2. An OMA of 156 is approximately equal to an average power of –10 dBm assuming an Extinction Ratio of 9 dB.
3. Contributed DJ is measured on an oscilloscope in average mode with 50% threshold and K28.5 pattern.
4. Contributed RJ is calculated for 1x10-12 BER by multiplying the RMS jitter (measured on a single rise or fall edge) from the oscilloscope by 14. Per
the FC-PI standard (Table 13 - MM jitter output, note 1), the actual contributed RJ is allowed to increase above its limit if the actual contributed DJ
decreases below its limits, as long as the component output DJ and TJ remain within their specified FC-PI maximum limits with the worst case
specified component jitter input.
5. In a network link, each component’s output jitter equals each component’s input jitter combined with each component’s contributed jitter.
Contributed DJ adds in a linear fashion and contributed RJ adds in a RMS fashion. In the Fibre Channel specification, there is a table specifying the
input and output DJ and TJ for the transmitter at each data rate. In that table, RJ is found from TJ – DJ, where the TX input jitter is noted as Delta T,
and the TX output jitter is noted as Gamma T. The HFBR-59L1AL contributed jitter is such that, if the maximum specified input jitter is present, and is
combined with our maximum contributed jitter, then we meet the specified maximum output jitter limits listed in the FC-PI MM jitter specification
table.
6. Please refer to the HFBR-59L1AL characterization report for typical values.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Output Optical Power (Average)
POUT
-10
0
dBm
50/125 µm
NA = 0.2
Note 1
POUT
-10
0
dBm
62.5/125 µm
NA = 0.275
Note 1
Optical Extinction Ratio
ER
9
dB
Optical Modulation Amplitude
(Peak-to-Peak) 1.0625 Gb/s
OMA
156
µW
FC-PI Std
Note 3
Center Wavelength
lC
830
860
nm
FC-PI Std
Spectral Width - rms
s
0.85
nm
FC-PI Std
Optical Rise/Fall Time
Trise/fall
150
ps
20%-80%,
FC-PI Std
RIN12 (OMA), maximum
RIN
-117
dB/Hz
FC-PI Std
Contributed Deterministic Jitter
(Transmitter) 1.25 Gb/s
DJ
0.1
UI
Notes 3, 4
DJ
80
ps
Contributed Deterministic Jitter
(Transmitter) 1.0625 Gb/s
DJ
.009
UI
Notes 3, 4
DJ
85
ps
Contributed Random Jitter
(Transmitter) 1.25 Gb/s
RJ
.184
UI
Notes 4, 5
RJ
147
ps
Contributed Random Jitter
(Transmitter) 1.0625 Gb/s
RJ
.177
UI
Notes 4, 5
RJ
167
ps
POUT TX_DISABLE Asserted
POFF
-35
dBm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn