Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFBR-59L1AL Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part No. HFBR-59L1AL
Description  Agilent HFBR-59L1AL 1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-59L1AL Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HFBR-59L1AL Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-59L1AL Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-59L1AL Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-59L1AL Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-59L1AL Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-59L1AL Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR-59L1AL Datasheet HTML 12Page - Agilent(Hewlett-Packard) HFBR-59L1AL Datasheet HTML 13Page - Agilent(Hewlett-Packard) HFBR-59L1AL Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
9
Transmitter and Receiver Electrical Characteristics
(TC = -10 °C to +85 °C, VCCT, R = 3.3 V ±10%)
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Data Input:
Transmitter Differential Input
Voltage (TD +/-)
VI
400
2400
mV
1
Data Output:
Receiver Differential Output
Voltage (RD +/-)
VO
400
625
2000
mV
2
Receive Data Rise and Fall
Times (Receiver)
Trise/fall
200
ps
3
Contributed Deterministic Jitter
(Receiver) 1.25 Gb/s
DJ
0.212
UI
4, 6
170
ps
Contributed Deterministic Jitter
(Receiver) 1.0625 Gb/s
DJ
0.12
UI
DJ
113
ps
Contributed Random Jitter
(Receiver) 1.25 Gb/s
RJ
0.120
UI
5, 6
RJ
96
ps
Contributed Random Jitter
(Receiver) 1.0625 Gb/s
RJ
0.098
UI
RJ
92
ps
Notes:
1. Internally ac coupled and terminated (100 Ohm differential). These levels are compatible with CML and LVPECL voltage swings.
2. Internally ac coupled with internal 50 Ohm pullups to VCC (single-ended) and a required external 100 Ohm differential load termination.
3. 20% - 80% rise and fall times measured with a 500 MHz signal utilizing a 1010 data pattern.
4. Contributed DJ is measured on an oscilloscope in average mode with 50% threshold and K28.5 pattern.
5. Contributed RJ is calculated for 1x10-12 BER by multiplying the RMS jitter (measured on a single rise or fall edge) from the oscilloscope by 14. Per
the FC-PI standard (Table 13 - MM jitter output, note 1), the actual contributed RJ is allowed to increase above its limit if the actual contributed DJ
decreases below its limits, as long as the component output DJ and TJ remain within their specified FC-PI maximum limits with the worst case
specified component jitter input.
6. In a network link, each component’s output jitter equals each component’s input jitter combined with each component’s contributed jitter.
Contributed DJ adds in a linear fashion and contributed RJ adds in a RMS fashion. In the Fibre Channel specification, there is a table specifying the
input and output DJ and TJ for the receiver at each data rate. In that table, RJ is found from TJ –DJ, where the Rx input jitter is noted as Gamma R,
and the Rx output jitter is noted as Delta R. The HFBR-59L1AL contributed jitter is such that, if the maximum specified input jitter is present, and is
combined with our maximum contributed jitter, then we meet the specified maximum output jitter limits listed in the FC-PI MM jitter specification
table.
7. Please refer to the HFBR-59L1AL characterization report for typical values.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn