Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDS-9740 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HEDS-9740
Description  Agilent HEDS-974x Series for 180, 300, 360 LPI Small Optical Encoder Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-9740 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HEDS-9740 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS-9740 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-9740 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-9740 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-9740 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-9740 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-9740 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3
Electrical Characteristics over Recommended Operating Range, Typical at T A = 25˚C
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Supply Current
I CC
12
21
40
mA
High Level Output Voltage
VOH
2.4
V
IOH = –200 µA
Low Level Output Voltage
VOL
0.4
V
IOL = 3.2 mA
Rise Time
tr
70
ns
CL = 25 pF
Fall Time
tf
45
ns
RL = (NO pullup)
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Temperature
T
–40
85
°C
Supply Voltage
VCC
4.5
5.0
5.5
V
Ripple < 100 mVp-p. Recommended
one bypass capacitor (1
µF)
between VCC and GND less than
15 cm from the encoder.
Load Capacitance
CL
100
pF
Pullup Resistor
RL
none
Recommended no pullup. Device
has integrated 2.5 k
Ω on outputs.
Count Frequency
40
kHz
(Velocity (rpm) x N) / 60
Angular Misalignment EA
–2.0
0
+2.0
deg.
Mounting considerations.
Encoding Characteristics
Encoding Characteristics over Recommended Operating Range and Recommended Mounting Tolerances.
These characteristics do not include codewheel/codestrip contribution. The Typical Values are averages over the full
rotation of the codewheel.
Parameter
Symbol
Typical
Maximum
Units
Pulse Width Error
∆P5
40
°e
Logic State Width Error
∆S3
40
°e
Phase Error
∆φ
215
°e


Similar Part No. - HEDS-9740

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-9740 HP-HEDS-9740 Datasheet
208Kb / 6P
   180, 300, 360 LPI Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9740 AVAGO-HEDS-9740 Datasheet
363Kb / 6P
   For 180, 300, 360 LPI Small Optical Encoder Modules
More results

Similar Description - HEDS-9740

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-974X HP-HEDS-974X Datasheet
208Kb / 6P
   180, 300, 360 LPI Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-974X AVAGO-HEDS-974X Datasheet
363Kb / 6P
   For 180, 300, 360 LPI Small Optical Encoder Modules
AEDS-9640-210 AVAGO-AEDS-9640-210 Datasheet
137Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
AEDS-964X AVAGO-AEDS-964X Datasheet
172Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
logo
Agilent(Hewlett-Packard...
AEDS-962 HP-AEDS-962 Datasheet
226Kb / 10P
   300 LPI Ultra Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-965X AVAGO-AEDS-965X Datasheet
157Kb / 8P
   Small Optical Encoder Modules 150 and 180 LPI Digital Output
logo
Agilent(Hewlett-Packard...
HEDS-9710 HP-HEDS-9710 Datasheet
248Kb / 8P
   200 lpi Analog Output Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-97EX AVAGO-HEDS-97EX Datasheet
209Kb / 10P
   Small Optical Encoder Modules 200 LPI Analog Voltage Output
HEDS-9710 AVAGO-HEDS-9710 Datasheet
271Kb / 8P
   Small Optical Encoder Modules 360 Ipi Analog Current Output
HEDS-973X AVAGO-HEDS-973X Datasheet
634Kb / 11P
   Small Optical Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com