Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT52BC6402A Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT52BC6402A
Description  64 MBIT FLASH 16 MBIT PSRAM
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52BC6402A Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT52BC6402A Datasheet HTML 30Page - ATMEL Corporation AT52BC6402A Datasheet HTML 31Page - ATMEL Corporation AT52BC6402A Datasheet HTML 32Page - ATMEL Corporation AT52BC6402A Datasheet HTML 33Page - ATMEL Corporation AT52BC6402A Datasheet HTML 34Page - ATMEL Corporation AT52BC6402A Datasheet HTML 35Page - ATMEL Corporation AT52BC6402A Datasheet HTML 36Page - ATMEL Corporation AT52BC6402A Datasheet HTML 37Page - ATMEL Corporation AT52BC6402A Datasheet HTML 38Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
37
AT52BC6402A(T)
3441B–STKD–11/04
Packaging Information
66C6 – CBGA
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
66C6, 66-ball (12 x 8 Array), 11 x 8 x 1.0 mm Body, 0.8 mm Ball
Pitch Chip-scale Ball Grid Array Package (CBGA)
A
66C6
08/27/03
Side View
Top View
Bottom View
A
B
C
D
E
F
G
H
1
2
3
4
5
6
7
8
9
1.20 REF
1.10 REF
10
11
12
Marked A1 Identifier
D
E
D1
E1
e
e
Øb
A
A1
0.12
Seating Plane
C
C
A1 Ball Corner
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
1.0
A1
0.17
D
10.90
11.00
11.10
D1
8.80 TYP
E
7.90
8.00
8.10
E1
5.60 TYP
e
0.80 TYP
Ø
b
0.40 TYP


Similar Part No. - AT52BC6402A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT52BC1661A ATMEL-AT52BC1661A Datasheet
442Kb / 34P
   16-Mbit Flash 8-Mbit PSRAM Stack Memory
AT52BC1661A-70CI ATMEL-AT52BC1661A-70CI Datasheet
442Kb / 34P
   16-Mbit Flash 8-Mbit PSRAM Stack Memory
AT52BC1661AT ATMEL-AT52BC1661AT Datasheet
442Kb / 34P
   16-Mbit Flash 8-Mbit PSRAM Stack Memory
AT52BC1661AT-70CI ATMEL-AT52BC1661AT-70CI Datasheet
442Kb / 34P
   16-Mbit Flash 8-Mbit PSRAM Stack Memory
AT52BC3221A ATMEL-AT52BC3221A Datasheet
511Kb / 35P
   32-Mbit Flash 8-Mbit PSRAM Stack Memory
More results

Similar Description - AT52BC6402A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT52BC1661A ATMEL-AT52BC1661A Datasheet
442Kb / 34P
   16-Mbit Flash 8-Mbit PSRAM Stack Memory
AT52SC1283J ATMEL-AT52SC1283J Datasheet
702Kb / 52P
   128-Mbit Flash 32-Mbit/64-Mbit
AT52BC3221A ATMEL-AT52BC3221A Datasheet
511Kb / 35P
   32-Mbit Flash 8-Mbit PSRAM Stack Memory
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST34HF32A4 SST-SST34HF32A4 Datasheet
973Kb / 37P
   32 Mbit Concurrent SuperFlash 16 Mbit PSRAM ComboMemory
SST34HF1641J SST-SST34HF1641J Datasheet
966Kb / 37P
   16 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
logo
Numonyx B.V
M36W0R6040T3 NUMONYX-M36W0R6040T3 Datasheet
468Kb / 22P
   64-Mbit (4 Mbits 횞16, multiple bank, burst) Flash memory and 16-Mbit (1 Mbit 횞16) or 32-Mbit (2 Mbits x16) PSRAM MCP
logo
STMicroelectronics
M36W0R6040T0 STMICROELECTRONICS-M36W0R6040T0 Datasheet
346Kb / 18P
   64 Mbit (4Mb x16, Multiple Bank, Burst) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
M36D0R6040T0 STMICROELECTRONICS-M36D0R6040T0 Datasheet
329Kb / 18P
   64 Mbit (4Mb x16, Multiple Bank, Page) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com