Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUC844BCP8-3 Datasheet(PDF) 3 Page - Analog Devices

Part # ADUC844BCP8-3
Description  MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC844BCP8-3 Datasheet(HTML) 3 Page - Analog Devices

  ADUC844BCP8-3 Datasheet HTML 1Page - Analog Devices ADUC844BCP8-3 Datasheet HTML 2Page - Analog Devices ADUC844BCP8-3 Datasheet HTML 3Page - Analog Devices ADUC844BCP8-3 Datasheet HTML 4Page - Analog Devices ADUC844BCP8-3 Datasheet HTML 5Page - Analog Devices ADUC844BCP8-3 Datasheet HTML 6Page - Analog Devices ADUC844BCP8-3 Datasheet HTML 7Page - Analog Devices ADUC844BCP8-3 Datasheet HTML 8Page - Analog Devices ADUC844BCP8-3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADuC844
REV. PrB
-3-
PRELIMINARY TECHNICAL DATA
PARAMETER
MIN
TYP
MAX
UNITS
CONDITION
AUXILIARY ADC
No Missing Codes
2
16
Bits
20 Hz Update Rate
Resolution
16
Bits Pk-Pk
Range = ± 2.5V, 20Hz Update Rate
Output Noise
See Table XII
Output Noise varies with selected Update Rates
Integral Non Linearity
± 15
ppm of FSR
1 LSB16
Offset Error
3
-2
LSB
Offset Error Drift
1
µV /°C
Fullscale Error
4
-2.5
LSBs
Gain Error Drift
5
± 0.5
ppm/°C
Power Supply Rejection
80
dBs
AIN=1V, Range=± 2.56V
Normal Mode 50/60 Hz Rejection
On AIN
60
dBs
50/60Hz ± 1Hz, 19.79Hz Update Rate
On REFIN
60
dBs
50/60Hz ± 1Hz, 19.79Hz Update Rate
AUXILIARY ADC ANALOG INPUTS
Differential Input Voltage Ranges
9, 10
(Bipolar Mode – ADC0CON3 = 0)
± REFIN
V
REFIN=REFIN(+)-REFIN(-) (or Int 1.25V Ref)
(Unipolar Mode – ADC0CON3 = 1)
0 à REFIN
V
REFIN=REFIN(+)-REFIN(-) (or Int 1.25V Ref)
Average Analog Input Current
125
nA/V
Analog Input Current Drift
± 2
pA/V/°C
Absolute AIN Voltage Limits
2, 11
AGND
- 0.03
AVDD
+ 0.03
V
ADC SYSTEM CALIBRATION
Full Scale Calibration Limit
+1.05 x FS
V
Zero Scale Calibration Limit
-1.05 x FS
V
Input Span
0.8 x FS
2.1 x FS
V
DAC
Voltage Range
0 à VREF
V
DACCON.2 = 0
0 à AVDD
V
DACCON.2 = 1
Resistive Load
10
k
From DAC Output to AGND
Capactive Load
100
pF
From DAC Output to AGND
Output Impedance
0.5
ISINK
50
µA
DC Specifications
7
Resolution
12
Relative Accuracy
± 3
LSBs
Differential NonLinearity
-1
Bit
Guaranteed 12-Bit Monotonic
Offset Error
± 50
mV
Gain Error
8
± 1
%
AVDD Range
± 1
%
VREF Range
AC Specifications
2,7
Voltage Output Settling Time
15
us
Setling time to 1LSB of final value
Digital to Analog Glitch Energy
10
nVs
1 LSB change at major carry


Similar Part No. - ADUC844BCP8-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC841 AD-ADUC841 Datasheet
903Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADuC841 AD-ADuC841 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841 AD-ADUC841 Datasheet
838Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841 AD-ADUC841 Datasheet
908Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841 AD-ADUC841 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
More results

Similar Description - ADUC844BCP8-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC846 AD-ADUC846 Datasheet
1Mb / 20P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrA
ADUC824 AD-ADUC824 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV. B
ADUC824 AD-ADUC824_15 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV.B
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC834 AD-ADUC834 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC834 AD-ADUC834_15 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC816 AD-ADUC816_15 Datasheet
667Kb / 68P
   MicroConverter, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. A
ADUC816 AD-ADUC816 Datasheet
933Kb / 68P
   MicroConverter-R, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. 0
ADUC836 AD-ADUC836_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC836 AD-ADUC836_15 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com