Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK5DFU340D-E Datasheet(PDF) 5 Page - ON Semiconductor

Part # STK5DFU340D-E
Description  2-in-1 PFC and Inverter Intelligent Power Module (IPM)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5DFU340D-E Datasheet(HTML) 5 Page - ON Semiconductor

  STK5DFU340D-E Datasheet HTML 1Page - ON Semiconductor STK5DFU340D-E Datasheet HTML 2Page - ON Semiconductor STK5DFU340D-E Datasheet HTML 3Page - ON Semiconductor STK5DFU340D-E Datasheet HTML 4Page - ON Semiconductor STK5DFU340D-E Datasheet HTML 5Page - ON Semiconductor STK5DFU340D-E Datasheet HTML 6Page - ON Semiconductor STK5DFU340D-E Datasheet HTML 7Page - ON Semiconductor STK5DFU340D-E Datasheet HTML 8Page - ON Semiconductor STK5DFU340D-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STK5DFU340D-E
www.onsemi.com
5
ABSOLUTE MAXIMUM RATINGS at Tc= 25°C (Notes 1,2)
1.
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device
functionality should not be assumed, damage may occur and reliability may be affected.
2.
Refer to ELECTRICAL CHARACTERISTICS, RECOMMENDED OPERATING RANGES and/or APPLICATION INFORMATION for
Safe Operating parameters.
3.
This surge voltage developed by the switching operation due to the wiring inductance between VP and HVGND terminals.
4.
VBS = VBU to U, VBV to V, VBW to W
5.
Test conditions : AC 2500 V, 1 s
Rating
Symbol
Conditions
Value
Unit
PFC Section
PFC
IGBT
Collector-emitter voltage
VCE
PFCL to HVGND
600
V
Repetitive peak collector current
ICP
Duty cycle 10%, pulse width 100
s
15
A
Collector current
IC
7
A
Power dissipation
PC
39.1
W
PFC
Diode
Diode reverse voltage
VRM
VP to PFCL
600
V
Repetitive peak forward current
IFP1
Duty cycle 10%, pulse width 100
s
15
A
Diode forward current
IF1
7
A
Power dissipation
PD1
27.2
W
Maximum AC input voltage
VAC
Single-phase Full-rectified
264
V
Maximum output voltage
Vo
In the Application Circuit
(Vac = 200 V, Vout = 380 V,
fc = 40 kHz)
424
V
Maximum output power
Wo
1.8
kW
Input AC current (steady state)
Iin
9.5
Arms
Inverter Section
Supply voltage
VP
VP to HVGND surge < 500 V
(Note 3)
450
V
Collector-emitter voltage
VCE
VP to U, V, W or U, V, W to HVGND
600
V
Output current
Io
VP, HVGND, U, V, W terminal current
±5
A
VP, HVGND, U, V, W terminal
current at Tc = 100
C
±2.9
A
Output peak current
Iop
VP, HVGND, U, V, W terminal current
for a Pulse width of 1 ms
±10
A
Maximum power dissipation
Pd
IGBT per 1 channel
14.7
W
Gate driver section
Gate driver supply voltage
VD1,2,3,4
VBU to U, VBV to V, VBW to W, VDD
to GND ( Note 4)
0.3 to 20
V
Input signal voltage
VIN
HINx, LINx, PFCIN (x=U,V,W)
0.3 to VDD
V
FAULT terminal voltage
VFAULT
FAULT terminal
0.3 to VDD
V
PFCTRIP terminal voltage
VPTRIP
PTRIP terminal
1.5 to 2.0
V
Intelligent Power Module
Junction temperature
Tj
IGBT, FRD
150
C
Storage temperature
Tstg
40 to +125
C
Operating Case temperature
Tc
IPM case temperature
20 to +100
C
Tightening torque
MT
Case mounting screws
0.9
Nm
Isolation voltage
Vis
50 Hz sine wave AC 1 minute (Note 5)
2000
VRMS


Similar Part No. - STK5DFU340D-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK5DFU350D-E ONSEMI-STK5DFU350D-E Datasheet
1Mb / 15P
   2-in-1 PFC and Inverter Intelligent Power Module (IPM)
September 2016 - P3
More results

Similar Description - STK5DFU340D-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK5DFU350D-E ONSEMI-STK5DFU350D-E Datasheet
1Mb / 15P
   2-in-1 PFC and Inverter Intelligent Power Module (IPM)
September 2016 - P3
STK5MFU3C1A-E ONSEMI-STK5MFU3C1A-E Datasheet
681Kb / 17P
   2-in-1 PFC and Inverter Intelligent Power Module
September 2016 - Rev. 0
NFCS1060L3TT ONSEMI-NFCS1060L3TT Datasheet
494Kb / 17P
   2-in-1 PFC and Inverter Intelligent Power Module (IPM), 600 V, 10 A
April, 2019 ??Rev. 0
STK5Q4U362J-E ONSEMI-STK5Q4U362J-E Datasheet
684Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCC0D-E ONSEMI-STK5U4UCC0D-E Datasheet
591Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UFB0D-E ONSEMI-STK5U4UFB0D-E Datasheet
599Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK534U342C-E ONSEMI-STK534U342C-E Datasheet
390Kb / 15P
   Intelligent Power Module (IPM)
September 2016 - Rev. 1
STK5Q4U340J-E ONSEMI-STK5Q4U340J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
logo
Toshiba Semiconductor
TLP104 TOSHIBA-TLP104 Datasheet
592Kb / 13P
   IPM (Intelligent Power Module)
logo
ON Semiconductor
STK554U392C-E ONSEMI-STK554U392C-E Datasheet
454Kb / 14P
   Intelligent Power Module (IPM)
June, 2019 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com