Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP302HSN45T1 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP302HSN45T1
Description  Voltage Detector Series
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP302HSN45T1 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP302HSN45T1 Datasheet HTML 2Page - ON Semiconductor NCP302HSN45T1 Datasheet HTML 3Page - ON Semiconductor NCP302HSN45T1 Datasheet HTML 4Page - ON Semiconductor NCP302HSN45T1 Datasheet HTML 5Page - ON Semiconductor NCP302HSN45T1 Datasheet HTML 6Page - ON Semiconductor NCP302HSN45T1 Datasheet HTML 7Page - ON Semiconductor NCP302HSN45T1 Datasheet HTML 8Page - ON Semiconductor NCP302HSN45T1 Datasheet HTML 9Page - ON Semiconductor NCP302HSN45T1 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
NCP302, NCP303
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (continued) (For all values TA = −40°C to +125°C, unless otherwise noted.)
Characteristic
Unit
Max
Typ
Min
Symbol
NCP302/3 − 4.5
Pch Source Current, NCP302
(VOUT = 5.9V, Vin = 8.0V)
1.5
10.5
Reset Output Current (Pin 1, Active High ‘H’ Suffix Devices)
IOUT
mA
Nch Sink Current, NCP302, NCP303
(VOUT = 0.5 V, Vin = 5.0 V)
6.3
11
Pch Source Current, NCP302
(VOUT = 0.4 V, Vin = 0.7 V)
(VOUT = GND, Vin = 1.5 V)
0.011
0.525
0.04
0.6
CD Delay Pin Threshold Voltage (Pin 5)
(Vin = 4.95 V)
VTCD
2.25
3.04
3.83
V
Delay Capacitor Pin Sink Current (Pin 5)
(Vin = 0.7 V, VCD = 0.1V)
(Vin = 1.5 V, VCD = 0.5V)
ICD
2.0
200
120
1600
mA
Delay Pullup Resistance (Pin 5)
RD
0.5
1.0
2.0
M
W
NCP302/3 − 4.7
Detector Threshold (Pin 2, Vin Decreasing) (TA = 25°C)
(TA = −40°C to 125°C)
VDET−
4.606
4.559
4.700
4.794
4.841
V
Detector Threshold Hysteresis (Pin 2, Vin Increasing)
VHYS
0.141
0.235
0.329
V
Supply Current (Pin 2)
(Vin = 4.54 V)
(Vin = 6.7 V)
Iin
0.34
0.53
1.0
1.4
mA
Maximum Operating Voltage (Pin 2)
Vin(max)
10
V
Minimum Operating Voltage (Pin 2) (TA = 25°C)
(TA = −40°C to 125°C)
Vin(min)
0.55
0.65
0.70
0.80
V
Reset Output Current (Pin 1, Active Low ‘L’ Suffix Devices)
IOUT
mA
Nch Sink Current, NCP302, NCP303
(VOUT = 0.05V, Vin = 0.70V)
(VOUT = 0.50V, Vin = 1.5V)
0.01
1.0
0.05
2.0
Pch Source Current, NCP302
(VOUT = 5.9V, Vin = 8.0V)
1.5
10.5
Reset Output Current (Pin 1, Active High ‘H’ Suffix Devices)
IOUT
mA
Nch Sink Current, NCP302, NCP303
(VOUT = 0.5 V, Vin = 5.0 V)
6.3
11
Pch Source Current, NCP302
(VOUT = 0.4 V, Vin = 0.7 V)
(VOUT = GND, Vin = 1.5 V)
0.011
0.525
0.04
0.6
CD Delay Pin Threshold Voltage (Pin 5)
(Vin = 5.17 V)
VTCD
2.59
3.49
4.40
V
Delay Capacitor Pin Sink Current (Pin 5)
(Vin = 0.7 V, VCD = 0.1V)
(Vin = 1.5 V, VCD = 0.5V)
ICD
2.0
200
120
1600
mA
Delay Pullup Resistance (Pin 5)
RD
0.5
1.0
2.0
M
W
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NCP302HSN45T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP302HSN45T1 ONSEMI-NCP302HSN45T1 Datasheet
183Kb / 26P
   Voltage Detector Series with Programmable Delay
January, 2005 ??Rev. 14.5
NCP302HSN45T1 ONSEMI-NCP302HSN45T1 Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
NCP302HSN45T1 ONSEMI-NCP302HSN45T1 Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
NCP302HSN45T1G ONSEMI-NCP302HSN45T1G Datasheet
183Kb / 26P
   Voltage Detector Series with Programmable Delay
January, 2005 ??Rev. 14.5
NCP302HSN45T1G ONSEMI-NCP302HSN45T1G Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
More results

Similar Description - NCP302HSN45T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP304A ONSEMI-NCP304A Datasheet
110Kb / 6P
   Voltage Detector Series
September, 2008 ??Rev. 1
NCP304 ONSEMI-NCP304_15 Datasheet
155Kb / 21P
   Voltage Detector Series
May, 2015 ??Rev. 25
NCP304 ONSEMI-NCP304 Datasheet
163Kb / 24P
   Voltage Detector Series
March, 2005 ??Rev. 16
NCP304 ONSEMI-NCP304_06 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP300 ONSEMI-NCP300_17 Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
NCP300 ONSEMI-NCP300_16 Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
NCV301HSN27T1G ONSEMI-NCV301HSN27T1G Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP301LSN24T1G ONSEMI-NCP301LSN24T1G Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300_07 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com