Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP302HSN40T1 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP302HSN40T1
Description  Voltage Detector Series
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP302HSN40T1 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP302HSN40T1 Datasheet HTML 6Page - ON Semiconductor NCP302HSN40T1 Datasheet HTML 7Page - ON Semiconductor NCP302HSN40T1 Datasheet HTML 8Page - ON Semiconductor NCP302HSN40T1 Datasheet HTML 9Page - ON Semiconductor NCP302HSN40T1 Datasheet HTML 10Page - ON Semiconductor NCP302HSN40T1 Datasheet HTML 11Page - ON Semiconductor NCP302HSN40T1 Datasheet HTML 12Page - ON Semiconductor NCP302HSN40T1 Datasheet HTML 13Page - ON Semiconductor NCP302HSN40T1 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
NCP302, NCP303
http://onsemi.com
10
Figure 3. NCP302/3 Series 0.9 V
Input Current vs. Input Voltage
Figure 4. NCP302/3 Series 2.7 V
Input Current vs. Input Voltage
Figure 5. NCP302/3 Series 4.5 V
Input Current vs. Input Voltage
Figure 6. NCP302/3 Series 0.9 V
Detector Threshold Voltage vs. Temperature
Figure 7. NCP302/3 Series 2.7 V
Detector Threshold Voltage vs. Temperature
Figure 8. NCP302/3 Series 4.5 V
Detector Threshold Voltage vs. Temperature
Vin, INPUT VOLTAGE (V)
TA = 25°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0
2.0
4.0
6.0
8.0
12
−50
TA, AMBIENT TEMPERATURE (°C)
1.00
0.95
0.85
−25
0
25
50
75
100
0.90
0.80
VDET+
VDET−
2.90
2.80
2.70
2.60
−50
−25
0
25
50
75
125
TA, AMBIENT TEMPERATURE (°C)
2.65
2.75
2.85
VDET+
VDET−
TA = 25°C
0
2.0
6.0
8.0
12
2.0
1.5
1.0
0.5
0
Vin, INPUT VOLTAGE (V)
4.0
2.5
10.5
10
100
TA = 25°C
0
2.0
12
10
2.0
1.5
1.0
0.5
0
Vin, INPUT VOLTAGE (V)
8.0
2.5
6.0
17.2
4.0
−50
4.9
TA, AMBIENT TEMPERATURE (°C)
4.8
4.7
4.6
4.4
−25
0
25
50
75
125
4.5
4.3
VDET+
VDET−
100
0.7
0.8
0.9
1.0
10


Similar Part No. - NCP302HSN40T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP302HSN40T1 ONSEMI-NCP302HSN40T1 Datasheet
183Kb / 26P
   Voltage Detector Series with Programmable Delay
January, 2005 ??Rev. 14.5
NCP302HSN40T1 ONSEMI-NCP302HSN40T1 Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
NCP302HSN40T1 ONSEMI-NCP302HSN40T1 Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
NCP302HSN40T1G ONSEMI-NCP302HSN40T1G Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
NCP302HSN40T1G ONSEMI-NCP302HSN40T1G Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
More results

Similar Description - NCP302HSN40T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP304A ONSEMI-NCP304A Datasheet
110Kb / 6P
   Voltage Detector Series
September, 2008 ??Rev. 1
NCP304 ONSEMI-NCP304_15 Datasheet
155Kb / 21P
   Voltage Detector Series
May, 2015 ??Rev. 25
NCP304 ONSEMI-NCP304 Datasheet
163Kb / 24P
   Voltage Detector Series
March, 2005 ??Rev. 16
NCP304 ONSEMI-NCP304_06 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP300 ONSEMI-NCP300_17 Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
NCP300 ONSEMI-NCP300_16 Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
NCV301HSN27T1G ONSEMI-NCV301HSN27T1G Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP301LSN24T1G ONSEMI-NCP301LSN24T1G Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300_07 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com