Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP304LSQ40T1 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP304LSQ40T1
Description  Voltage Detector Series
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP304LSQ40T1 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP304LSQ40T1 Datasheet HTML 7Page - ON Semiconductor NCP304LSQ40T1 Datasheet HTML 8Page - ON Semiconductor NCP304LSQ40T1 Datasheet HTML 9Page - ON Semiconductor NCP304LSQ40T1 Datasheet HTML 10Page - ON Semiconductor NCP304LSQ40T1 Datasheet HTML 11Page - ON Semiconductor NCP304LSQ40T1 Datasheet HTML 12Page - ON Semiconductor NCP304LSQ40T1 Datasheet HTML 13Page - ON Semiconductor NCP304LSQ40T1 Datasheet HTML 14Page - ON Semiconductor NCP304LSQ40T1 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
NCP304, NCP305
www.onsemi.com
11
−50
4.9
TA, AMBIENT TEMPERATURE (°C)
4.8
4.7
4.6
4.4
−25
0
25
50
75
100
4.5
4.3
3.00
−50
0.98
TA, AMBIENT TEMPERATURE (°C)
2.90
0.96
2.80
0.94
2.70
0.92
2.60
0.88
−25
0
25
50
75
100
0.90
0.86
−50
−25
0
25
50
75
100
TA, AMBIENT TEMPERATURE (°C)
2.65
2.75
2.85
2.95
VDET+
Figure 3. NCP304/5 Series 0.9 V
Detector Threshold Voltage vs. Temperature
Figure 4. NCP304/5 Series 2.7 V
Detector Threshold Voltage vs. Temperature
Figure 5. NCP304/5 Series 4.5 V
Detector Threshold Voltage vs. Temperature
Vin, INPUT VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1.0
0.8
0.6
0.4
0.2
0
1.0
Figure 6. NCP304L/5L Series 0.9 V
Reset Output Voltage vs. Input Voltage
0
1.0
1.5
2.0
2.5
3.0
2.0
1.5
1.0
0.5
0
3.0
Vin, INPUT VOLTAGE (V)
0.5
2.5
Figure 7. NCP304L/5L Series 2.7 V
Reset Output Voltage vs. Input Voltage
0
1.0
2.0
3.0
4.0
5.0
4.0
3.0
2.0
1.0
0
5.0
6.0
7.0
6.0
Vin, INPUT VOLTAGE (V)
Figure 8. NCP304L/5L Series 4.5 V
Reset Output Voltage vs. Input Voltage
VDET−
VDET+
VDET−
VDET+
VDET−
TA = −30°C
TA = 25°C
TA = 85°C
TA = −30°C
TA = 25°C
TA = 85°C
TA = −30°C
TA = 25°C
TA = 85°C


Similar Part No. - NCP304LSQ40T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP304LSQ40T1 ONSEMI-NCP304LSQ40T1 Datasheet
163Kb / 24P
   Voltage Detector Series
March, 2005 ??Rev. 16
NCP304LSQ40T1 ONSEMI-NCP304LSQ40T1 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP304LSQ40T1G ONSEMI-NCP304LSQ40T1G Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
More results

Similar Description - NCP304LSQ40T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP304A ONSEMI-NCP304A Datasheet
110Kb / 6P
   Voltage Detector Series
September, 2008 ??Rev. 1
NCP302 ONSEMI-NCP302_14 Datasheet
177Kb / 26P
   Voltage Detector Series
May, 2014 ??Rev. 26
NCP304 ONSEMI-NCP304 Datasheet
163Kb / 24P
   Voltage Detector Series
March, 2005 ??Rev. 16
NCP304 ONSEMI-NCP304_06 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP300 ONSEMI-NCP300_17 Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
NCP300 ONSEMI-NCP300_16 Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
NCV301HSN27T1G ONSEMI-NCV301HSN27T1G Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP301LSN24T1G ONSEMI-NCP301LSN24T1G Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300_07 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com