Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV803SQ308T1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV803SQ308T1G
Description  Very Low Supply Current 3-Pin Microprocessor Reset Monitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV803SQ308T1G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV803SQ308T1G Datasheet HTML 2Page - ON Semiconductor NCV803SQ308T1G Datasheet HTML 3Page - ON Semiconductor NCV803SQ308T1G Datasheet HTML 4Page - ON Semiconductor NCV803SQ308T1G Datasheet HTML 5Page - ON Semiconductor NCV803SQ308T1G Datasheet HTML 6Page - ON Semiconductor NCV803SQ308T1G Datasheet HTML 7Page - ON Semiconductor NCV803SQ308T1G Datasheet HTML 8Page - ON Semiconductor NCV803SQ308T1G Datasheet HTML 9Page - ON Semiconductor NCV803SQ308T1G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MAX803 Series, NCP803 Series
www.onsemi.com
7
APPLICATIONS INFORMATION
VCC Transient Rejection
The MAX803/NCP803 series provides accurate VCC
monitoring
and
reset
timing
during
power−up,
power−down, and brownout/sag conditions, and rejects
negative−going transients (glitches) on the power supply
line. Figure 13 shows the maximum transient duration vs.
maximum negative excursion (overdrive) for glitch
rejection. Any combination of duration and overdrive which
lies under the curve will not generate a reset signal.
Combinations above the curve are detected as a brownout or
power−down. Typically, transient that goes 100 mV below
the reset threshold and lasts 5.0
ms or less will not cause a
reset pulse. Transient immunity can be improved by adding
a capacitor in close proximity to the VCC pin of the
MAX803.
Figure 13. Maximum Transient Duration vs.
Overdrive for Glitch Rejection at 25
°C
Duration
VTH
Overdrive
VCC
10
250
200
110
60
50
RESET COMPARATOR OVERDRIVE (mV)
0
410
150
100
VTH = 1.2 V
160
210
260
310
360
VTH = 4.63 V
RESET Signal Integrity During Power−Down
The MAX803/NCP803 RESET output is valid to VCC =
1.0 V. Below this voltage the output becomes an “open
circuit” and does not sink current. This means CMOS logic
inputs to the Microprocessor will be floating at an
undetermined voltage. Most digital systems are completely
shutdown well above this voltage. However, in situations
where RESET must be maintained valid to VCC = 0 V, since
the NCP803/MAX803 has Open−Drain and active−low
output, it typically uses a pullup resistor. With this device,
RESET will most likely not maintain an active condition,
but will drift to a non−active level due to the pullup resistor
and the reduced sinking capability of the open−drain device.
Therefore, this device is not recommended for applications
where the RESET pin is required to be valid down to
VCC = 0 V.
VCC
VCC
R1
100 k*
MAX809
NCP803
GND
Figure 14. RESET Signal Integrity
RESET
*Assume High−Z Reset Input to Microprocessor
MAX803 RESET Output Allows Use With Two Power
Supplies
In numerous applications the pullup resistor place on the
RESET output is connected to the supply voltage monitored
by the IC. Nevertheless, a different supply voltage can also
power this output and so level−shift from the monitored
supply to reset the microprocessor. However, if the
NCP803/MAX803’s supply goes blew 1 V, the RESET
output ability to sink current will decrease and the result is
a high state on the pin even though the supply’s IC is under
the threshold level. This occurs at a VCC level that depends
on the Rpullup value and the voltage which is connected.
VCC
VCC2
Microprocessor
RESET
MAX803
NCP803
GND
GND
Rpullup
Figure 15. MAX803 RESET Output with Two Supplies
RESET
VCC
VCC1


Similar Part No. - NCV803SQ308T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV803SQ308T1G ONSEMI-NCV803SQ308T1G Datasheet
135Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
June, 2013 ??Rev. 7
More results

Similar Description - NCV803SQ308T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX803 ONSEMI-MAX803_07 Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
NCP803SN293T3G ONSEMI-NCP803SN293T3G Datasheet
52Kb / 6P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
April, 2005 ??Rev. 5
NCP803SN400T1G ONSEMI-NCP803SN400T1G Datasheet
135Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
June, 2013 ??Rev. 7
MAX803 ONSEMI-MAX803 Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
NCP803 ONSEMI-NCP803 Datasheet
55Kb / 8P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
May, 2003 - Rev. 4
NCV809 ONSEMI-NCV809 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
August, 2014 ??Rev. 24
MAX809 ONSEMI-MAX809_10 Datasheet
177Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
April, 2010 ??Rev. 20
MAX809S ONSEMI-MAX809S_16 Datasheet
134Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
September, 2016 ??Rev. 26
MAX809 ONSEMI-MAX809_17 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
November, 2017 ??Rev. 28
MAX809S ONSEMI-MAX809S_07 Datasheet
84Kb / 11P
   Very Low Supply Current 3?뭁in Microprocessor Reset Monitors
February, 2007 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com