Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP335 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP335
Description  2A Ultra-Small Controlled Load Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP335 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP335 Datasheet HTML 2Page - ON Semiconductor NCP335 Datasheet HTML 3Page - ON Semiconductor NCP335 Datasheet HTML 4Page - ON Semiconductor NCP335 Datasheet HTML 5Page - ON Semiconductor NCP335 Datasheet HTML 6Page - ON Semiconductor NCP335 Datasheet HTML 7Page - ON Semiconductor NCP335 Datasheet HTML 8Page - ON Semiconductor NCP335 Datasheet HTML 9Page - ON Semiconductor NCP335 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NCP334, NCP335
www.onsemi.com
9
Figure 14. Routing Example 2 oz, 4 Layers, 60
5C/W
Example of application definition.
T
J * TA + R
qJA
Pd
+ RqJA RDS(on) I2
TJ: Junction Temperature.
TA: Ambient Temperature.
Rq = Thermal resistance between IC and air, through PCB.
RDS(on): Intrinsic resistance of the IC MOSFET.
I: load DC current.
Taking into account of Rtheta obtain with:
1 oz, 2 layers: 100
°C/W.
At 2 A, 25
°C ambient temperature, RDS(on) 42 mW @ VIN
4.2 V, the junction temperature will be:
T
J + TA ) R
q
Pd
+ 25 ) 0.042
22
100
+ 41.8° C W
Taking into account of Rq obtain with:
2 oz, 4 layers: 60
°C/W.
At 2 A, 25
°C ambient temperature, RDS(on) 42 mW @ VIN
4.2 V, the junction temperature will be:
T
J + TA ) R
q
Pd
+ 25 ) 0.042
22
60
+ 35° C.
ORDERING INFORMATION
Device
Marking
Package
Shipping
NCP334FCT2G
AD
WLCSP 0.96 x 0.96 mm
(Pb−Free)
3000 / Tape & Reel
NCP335FCT2G
AA
WLCSP 0.96 x 0.96 mm
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NCP335

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP335 ONSEMI-NCP335 Datasheet
271Kb / 10P
   2A Ultra-Small Controlled Load Switch with Auto-Discharge Path
August, 2012 ??Rev. 1
NCP335FCT2G ONSEMI-NCP335FCT2G Datasheet
271Kb / 10P
   2A Ultra-Small Controlled Load Switch with Auto-Discharge Path
August, 2012 ??Rev. 1
More results

Similar Description - NCP335

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP338 ONSEMI-NCP338_16 Datasheet
145Kb / 8P
   2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 3
NCP338 ONSEMI-NCP338 Datasheet
181Kb / 8P
   2A Ultra-Small Controlled Load Switch
August, 2013 ??Rev. 2
NCP435 ONSEMI-NCP435 Datasheet
649Kb / 10P
   2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 5
NCP434FCT2G ONSEMI-NCP434FCT2G Datasheet
700Kb / 10P
   2A Ultra-Small Controlled Load Switch with
March, 2013 ??Rev. 4
NCP334 ONSEMI-NCP334 Datasheet
271Kb / 10P
   2A Ultra-Small Controlled Load Switch with Auto-Discharge Path
August, 2012 ??Rev. 1
NCP436 ONSEMI-NCP436 Datasheet
100Kb / 7P
   3A Ultra-Small Controlled Load Switch
April, 2014 ??Rev. 1
FPF1203 ONSEMI-FPF1203 Datasheet
1Mb / 12P
   Ultra-Small, Slew-Rate-Controlled Load Switch
September-2017, Rev. 2
NCP336 ONSEMI-NCP336 Datasheet
396Kb / 9P
   3 A Ultra-Small Controlled Load Switch
September, 2012 ??Rev. 2
NCP339 ONSEMI-NCP339 Datasheet
250Kb / 10P
   3 A Ultra-Small Controlled Load Switch
November, 2013 ??Rev. 2
logo
Fairchild Semiconductor
FPF1203L FAIRCHILD-FPF1203L_13 Datasheet
390Kb / 3P
   IntelliMAX??Ultra-Small, Slew-Rate-Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com