Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV52204MUTBG Datasheet(PDF) 2 Page - ON Semiconductor

Part # LV52204MUTBG
Description  LED Boost Driver with PWM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV52204MUTBG Datasheet(HTML) 2 Page - ON Semiconductor

  LV52204MUTBG Datasheet HTML 1Page - ON Semiconductor LV52204MUTBG Datasheet HTML 2Page - ON Semiconductor LV52204MUTBG Datasheet HTML 3Page - ON Semiconductor LV52204MUTBG Datasheet HTML 4Page - ON Semiconductor LV52204MUTBG Datasheet HTML 5Page - ON Semiconductor LV52204MUTBG Datasheet HTML 6Page - ON Semiconductor LV52204MUTBG Datasheet HTML 7Page - ON Semiconductor LV52204MUTBG Datasheet HTML 8Page - ON Semiconductor LV52204MUTBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LV52204MU
No.A2176-2/16
Specifications
Absolute Maximum Ratings
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
VCC
5.5
V
Maximum pin voltage1
V1 max
SW
40
V
Maximum pin voltage2
V2 max
Other pin
5.5
V
Allowable power dissipation
Pd max
Ta = 25
°C *1
2.05
W
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
*1 Mounted on a specified board: 70mm
×50mm×1.2mm (4 layer glass epoxy)
Caution 1) Absolute maximum ratings represent the values which cannot be exceeded for any length of time.
Caution 2) Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high current,
high voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for the further details.
Recommendation Operating Condition
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range1
VCC op
VCC
2.7 to 5.5
V
PWM frequency
Fpwm
PWM MODE
300 to 100k
Hz
Electrical Characteristics Analog block
at Ta
= 25°C, VCC = 3.6V, unless otherwise specified
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Standby current dissipation
ICC1
SHUTDOWN
0
5
μA
DC/DC current dissipation
ICC2
VOUT = 30V, ILED = 20mA
1
mA
FB voltage
Vfb
PWM duty 100%
0.19
0.2
0.21
V
FB pin leak current
Ifb
1
μA
OVP voltage
Vovp
SW
37
38
39
V
SWOUT ON resistance
Ron
IL = 100mA
700
m
Ω
NMOS switch current limit
ILIM
Vfb = 200mV
0.7
A
OSC frequency
Fosc
600
kHz
High level input voltage
VINH
SWIRE
1.5
VCC
V
Low level input voltage
VINL
SWIRE
0
0.4
V
Under voltage lockout
Vuvlo
VIN falling
2.2
V
SWIRE output voltage
for Acknowledge
Vack
Rpullup = 15k
Ω
0.4
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - LV52204MUTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV52204MT ONSEMI-LV52204MT Datasheet
445Kb / 16P
   LED Boost Driver
May, 2014
LV52204MTTBG ONSEMI-LV52204MTTBG Datasheet
445Kb / 16P
   LED Boost Driver
May, 2014
More results

Similar Description - LV52204MUTBG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5346 FAIRCHILD-FAN5346 Datasheet
1Mb / 14P
   Series Boost LED Driver with PWM Dimming Interface
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Micrel Semiconductor
MIC2297 MICREL-MIC2297_08 Datasheet
281Kb / 11P
   40V PWM Boost Regulator White LED Driver
MIC2297 MICREL-MIC2297 Datasheet
272Kb / 12P
   40V PWM Boost Regulator White LED Driver
logo
STMicroelectronics
LED6001 STMICROELECTRONICS-LED6001 Datasheet
559Kb / 26P
   PWM-dimmable single channel LED driver with integrated boost controlle
June 2014 Rev 3
logo
Eutech Microelectronics...
EUP2961A EUTECH-EUP2961A Datasheet
69Kb / 1P
   White LED Boost Converter with PWM
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291 Datasheet
107Kb / 9P
   1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291 MICREL-MIC2291_11 Datasheet
710Kb / 10P
   1.2A PWM Boost Regulator Photo Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com