Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C44UQGT6420G8SK Datasheet(PDF) 3 Page - Kemet Corporation

Part # C44UQGT6420G8SK
Description  600 ??1,300 VDC, for DC Link
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C44UQGT6420G8SK Datasheet(HTML) 3 Page - Kemet Corporation

  C44UQGT6420G8SK Datasheet HTML 1Page - Kemet Corporation C44UQGT6420G8SK Datasheet HTML 2Page - Kemet Corporation C44UQGT6420G8SK Datasheet HTML 3Page - Kemet Corporation C44UQGT6420G8SK Datasheet HTML 4Page - Kemet Corporation C44UQGT6420G8SK Datasheet HTML 5Page - Kemet Corporation C44UQGT6420G8SK Datasheet HTML 6Page - Kemet Corporation C44UQGT6420G8SK Datasheet HTML 7Page - Kemet Corporation C44UQGT6420G8SK Datasheet HTML 8Page - Kemet Corporation C44UQGT6420G8SK Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3049_C44U_RADIAL • 8/8/2016
3
Aluminum Can Power Film Capacitors
C44U Series, 600 – 1,300 VDC, for DC Link
General Technical Data
Dielectric
Polypropylene Metallized Film – non inductive self-healing
Application
DC Filtering/DC Link
Climatic Category
40/85/21 IEC 60068–1
Maximum Operating Temperature
+90°C
Upper Temperature T
MAX Group A
+85°C IEC 61071 – Endurance Test Temperature
Upper Temperature T
MAX Group B
+70°C IEC 61071 – Endurance Test Temperature
Lower Temperature T
min
−40°C
Standard
IEC 61071
Protection
Aluminium case with or without, threaded bolt M12
Plastic deck flame retardant execution UL 94 V–0
Thermosetting resin sealing UL 94 V–0 compliant
Installation
Any position
Leads
High current M6 or M8 terminals
Packaging
Packed in cardboard boxes with protection for the terminals
RoHS Compliant
Compliant with the restricted substance requirements of
Directive 2002/95/EC
Electrical Characteristics
Capacitance Tolerance
±10% at +25°C
Dissipation Factor (DF)
≤ 0.0002 at 10 kHz with T = 25°C ±5°C
Surge Voltage
1.5 x V
NDC for maximum 10 times in lifetime at +25°C
Over-Voltage (IEC 61071)
1.15 x V
NDC for maximum 30 minimum, once per day
1.3 x V
NDC for maximum 1 minimum, once per day
Peak Non-Repetitive Current
1.5 x I
pkr maximum 1,000 times in lifetime
Insulation Resistance
IR x C ≥ 30,000 seconds at 100 VDC 1 minute at +25°C
Capacitance Deviation in
Operation
±1.5% maximum on capacitance value measured at +25°C
Permissible Relative Humidity
Annual average ≤ 70%; 85% on 30 days/year randomly
distributed throughout the year. Dewing not admissible.
Life Expectancy
Life Expectancy – Group A
100,000 hours at V
NDC @ Hot-Spot temperature THS = 85°C
Life Expectancy – Group B
100,000 hours at V
NDC @ Hot-Spot temperature THS = 70°C
Capacitance drop at end of life
−10% (typical)
Failure Rate IEC 61709
50 FIT at V
NDC at reference THS (see FIT curves)


Similar Part No. - C44UQGT6420G8SK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44UQGT6400M85K KEMET-C44UQGT6400M85K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 400 uF, 10%, 1100 VDC
C44UQGT6400T85K KEMET-C44UQGT6400T85K Datasheet
280Kb / 10P
   Aluminum DC-Link Power Can Film Capacitors C44U-T, 900 – 1,800 VDC, Long Lifetime, High Temperature and THB
3/21/2023
C44UQGT6460M86K KEMET-C44UQGT6460M86K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 460 uF, 10%, 1100 VDC
C44UQGT6460T86K KEMET-C44UQGT6460T86K Datasheet
280Kb / 10P
   Aluminum DC-Link Power Can Film Capacitors C44U-T, 900 – 1,800 VDC, Long Lifetime, High Temperature and THB
3/21/2023
More results

Similar Description - C44UQGT6420G8SK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44UQGT6500F8SK KEMET-C44UQGT6500F8SK_17 Datasheet
388Kb / 9P
   C44U Series, 600 - 1,300 VDC, for DC Link
C44UHGT7110M85K KEMET-C44UHGT7110M85K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 1100 uF, 10%, 600 VDC
C44UHGT7130M86K KEMET-C44UHGT7130M86K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 1300 uF, 10%, 600 VDC
C44UHGT6900M83K KEMET-C44UHGT6900M83K Datasheet
67Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 900 uF, 10%, 600 VDC
C44UHGT7210M87K KEMET-C44UHGT7210M87K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 2100 uF, 10%, 600 VDC
C44UHGT7100M84K KEMET-C44UHGT7100M84K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 1000 uF, 10%, 600 VDC
C44UHGT6650M81K KEMET-C44UHGT6650M81K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 650 uF, 10%, 600 VDC
C44UHGT6800M82K KEMET-C44UHGT6800M82K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 800 uF, 10%, 600 VDC
C44UOGT6600M85K KEMET-C44UOGT6600M85K Datasheet
66Kb / 1P
   C44U_M, Film, Metallized Polypropylene, DC Link, 600 uF, 10%, 900 VDC
logo
Tyco Electronics
A-712T MACOM-A-712T Datasheet
67Kb / 1P
   DC Relays 600 Amps, 28 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com