Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5235V-TLM-H Datasheet(PDF) 3 Page - ON Semiconductor

Part # LV5235V-TLM-H
Description  18-channel LED Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV5235V-TLM-H Datasheet(HTML) 3 Page - ON Semiconductor

  LV5235V-TLM-H Datasheet HTML 1Page - ON Semiconductor LV5235V-TLM-H Datasheet HTML 2Page - ON Semiconductor LV5235V-TLM-H Datasheet HTML 3Page - ON Semiconductor LV5235V-TLM-H Datasheet HTML 4Page - ON Semiconductor LV5235V-TLM-H Datasheet HTML 5Page - ON Semiconductor LV5235V-TLM-H Datasheet HTML 6Page - ON Semiconductor LV5235V-TLM-H Datasheet HTML 7Page - ON Semiconductor LV5235V-TLM-H Datasheet HTML 8Page - ON Semiconductor LV5235V-TLM-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LV5235V
No.A1941-3/32
Control circuit
at Ta
= 25°C, VCC = 5.0V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
H level 1
VH1
Input H level OUTSCT
4.7
5
V
M level 1
VM1
Input M level OUTSCT
2
3.3
V
L level 1
VL1
Input L level OUTSCT
-0.2
0.3
V
H level 2
VH2
Input H level CTLSCT
0.7
× VCC
VCC
V
L level 2
VL2
Input L level CTLSCT
-0.2
0.3
V
H level 3
VH3
Input H level RESET
0.8
× VCC
VCC
V
L level 3
VL3
Input L level RESET
-0.2
0.2
× VCC
V
H level 4
VH4
Input H level SCLK, SDATA, SDEN
0.8
× VCC
VCC
V
L level 4
VL4
Input L level SCLK, SDATA, SDEN
-0.2
0.2
× VCC
V
H level 5
VH7
Input H level A0 to A4
0.7
× VCC
VCC
V
L level 5
VL7
Input L level A0 to A4
-0.2
0.3
V
Package Dimensions
SSOP44J (275mil) Exposed Pad
CASE 940AG
ISSUE A


Similar Part No. - LV5235V-TLM-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5235V SANYO-LV5235V Datasheet
360Kb / 29P
   18-channel LED Driver
More results

Similar Description - LV5235V-TLM-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5235V SANYO-LV5235V Datasheet
360Kb / 29P
   18-channel LED Driver
logo
Linear Technology
LTC3220 LINER-LTC3220 Datasheet
213Kb / 20P
   360mA Universal 18-Channel LED Driver
LTC3220 LINER-LTC3220_1 Datasheet
216Kb / 20P
   360mA Universal 18-Channel LED Driver
LTC3220-1 LINER-LTC3220-1_15 Datasheet
220Kb / 20P
   360mA Universal 18-Channel LED Driver
LTC3220 LINER-LTC3220_15 Datasheet
220Kb / 20P
   360mA Universal 18-Channel LED Driver
logo
Integrated Silicon Solu...
IS31FL3218 ISSI-IS31FL3218 Datasheet
342Kb / 13P
   18 CHANNELS LED DRIVER
logo
STMicroelectronics
AN3111 STMICROELECTRONICS-AN3111 Datasheet
803Kb / 23P
   18 W single-stage offline LED driver
logo
Copal Electronics
AN30 COPAL-AN30 Datasheet
397Kb / 7P
   6-Channel LED Driver
logo
Intersil Corporation
ISL97636 INTERSIL-ISL97636 Datasheet
652Kb / 18P
   8-Channel LED Driver
logo
Sanyo Semicon Device
LV5234V SANYO-LV5234V Datasheet
318Kb / 23P
   9-channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com