Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5235V Datasheet(PDF) 9 Page - ON Semiconductor

Part # LV5235V
Description  18-channel LED Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV5235V Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LV5235V Datasheet HTML 5Page - ON Semiconductor LV5235V Datasheet HTML 6Page - ON Semiconductor LV5235V Datasheet HTML 7Page - ON Semiconductor LV5235V Datasheet HTML 8Page - ON Semiconductor LV5235V Datasheet HTML 9Page - ON Semiconductor LV5235V Datasheet HTML 10Page - ON Semiconductor LV5235V Datasheet HTML 11Page - ON Semiconductor LV5235V Datasheet HTML 12Page - ON Semiconductor LV5235V Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LV5235V
No.A1941-9/32
Continued from preceding page.
Pin No.
Pin Name
Pin function
Equivalent Circuit
42
CT
Oscillator frequency setting capacitor
connection pin/oscillator input pin.
By changing the value of capacitance, it is
possible to change the oscillator frequency.
The capacitor must be connected to this pin
of the master-side IC. The CT pin of the
slave-side IC must be connected as the
oscillator input pin.
SVCC
+
-
Internal
Reference
43
OUTSCT
LED driver output type setting pin
When set to low: Constant-current output is
set for the LED driver.
When set to middle: Open drain output is set
for the LED driver.
When set to high: Constant-current output is
set for the LED driver. However, open drain
output is set for the only LED6 driver.
SVCC
44
OSC_OUT
Oscillator output pin
When a multiple number of driver ICs are
connected for use, the oscillators can be
connected in synchronization by connecting
the OSC_OUT output to the CT pin of the ICs
to be connected.
SVCC
5
6
7
8
10
14
15
16
17
19
28
29
30
31
33
LEDR1
LEDR2
LEDR3
LEDR4
LEDR5
LEDG1
LEDG2
LEDG3
LEDG4
LEDG5
LEDB1
LEDB2
LEDB3
LEDB4
LEDB5
LEDR1 output pin
LEDR2 output pin
LEDR3 output pin
LEDR4 output pin
LEDR5 output pin
LEDG1 output pin
LEDG2 output pin
LEDG3 output pin
LEDG4 output pin
LEDG5 output pin
LEDB1 output pin
LEDB2 output pin
LEDB3 output pin
LEDB4 output pin
LEDB5 output pin
If these pins are not going to be used, they
must always be connected to GND.
11
20
34
LEDR6
LEDG6
LEDB6
LEDR6 output pin
LEDG6 output pin
LEDB6 output pin
9
18
32
PGND1
PGND2
PGND3
GND pin dedicate for LEDR
GND pin dedicate for LEDG
GND pin dedicate for LEDB
12
13
21
22
35
36
NC
No connection


Similar Part No. - LV5235V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5235V SANYO-LV5235V Datasheet
360Kb / 29P
   18-channel LED Driver
More results

Similar Description - LV5235V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5235V SANYO-LV5235V Datasheet
360Kb / 29P
   18-channel LED Driver
logo
Linear Technology
LTC3220 LINER-LTC3220 Datasheet
213Kb / 20P
   360mA Universal 18-Channel LED Driver
LTC3220 LINER-LTC3220_1 Datasheet
216Kb / 20P
   360mA Universal 18-Channel LED Driver
LTC3220-1 LINER-LTC3220-1_15 Datasheet
220Kb / 20P
   360mA Universal 18-Channel LED Driver
LTC3220 LINER-LTC3220_15 Datasheet
220Kb / 20P
   360mA Universal 18-Channel LED Driver
logo
Integrated Silicon Solu...
IS31FL3218 ISSI-IS31FL3218 Datasheet
342Kb / 13P
   18 CHANNELS LED DRIVER
logo
STMicroelectronics
AN3111 STMICROELECTRONICS-AN3111 Datasheet
803Kb / 23P
   18 W single-stage offline LED driver
logo
Copal Electronics
AN30 COPAL-AN30 Datasheet
397Kb / 7P
   6-Channel LED Driver
logo
Intersil Corporation
ISL97636 INTERSIL-ISL97636 Datasheet
652Kb / 18P
   8-Channel LED Driver
logo
Sanyo Semicon Device
LV5234V SANYO-LV5234V Datasheet
318Kb / 23P
   9-channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com